Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS17285S-3 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS17285S-3
Description  3V/5V Real-Time Clock
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS17285S-3 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS17285S-3 Datasheet HTML 1Page - Dallas Semiconductor DS17285S-3 Datasheet HTML 2Page - Dallas Semiconductor DS17285S-3 Datasheet HTML 3Page - Dallas Semiconductor DS17285S-3 Datasheet HTML 4Page - Dallas Semiconductor DS17285S-3 Datasheet HTML 5Page - Dallas Semiconductor DS17285S-3 Datasheet HTML 6Page - Dallas Semiconductor DS17285S-3 Datasheet HTML 7Page - Dallas Semiconductor DS17285S-3 Datasheet HTML 8Page - Dallas Semiconductor DS17285S-3 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
1 of 38
050802
FEATURES
Incorporates industry standard DS1287 PC clock
plus enhanced features:
§ Y2K compliant
§ +3V or +5V operation
§ SMI recovery stack
§ 64-bit silicon serial number
§ Power-control circuitry supports system
power-on from date/time alarm or key
closure
§ 32kHz output on power-up
§ Crystal select bit allows RTC to operate with
6pF or 12.5pF crystal
§ 114 bytes user NV RAM
§ Auxiliary battery input
§ 2kB additional NV RAM
§ RAM clear input
§ Century register
§ Date alarm register
§ Compatible with existing BIOS for original
DS1287 functions
§ Available as chip (DS17285) or standalone
module with embedded battery and crystal
(DS17287)
§ Timekeeping algorithm includes leap-year
compensation valid up to 2100
§ Underwriters Laboratory (UL) recognized
TYPICAL OPERATING CIRCUIT
PIN ASSIGNMENT
PWR
1
2
3
4
5
6
7
8
9
10
11
12
23
DS17287 24-Pin
Encapsulated Package
NC
AD1
AD3
AD4
AD5
AD6
AD7
GND
VCC
SQW
VBAUX
RCLR
NC
IRQ
KS
RD
NC
WR
ALE
CS
24
22
21
20
19
18
17
16
15
14
13
NC
AD0
AD2
PWR
1
2
3
4
5
6
7
8
9
10
11
12
23
DS17285 24-Pin DIP
DS17285S 24-Pin SO
X2
AD1
AD3
AD4
AD5
AD6
AD7
GND
VCC
SQW
VBAUX
RCLR
VBAT
IRQ
KS
RD
GND
WR
ALE
CS
24
22
21
20
19
18
17
16
15
14
13
X1
AD0
AD2
IRQ
1
28
KS
VBAT
2
27
RD
RCLR
3
26
GND
VBAUX
4
25
WR
SQW
5
24
ALE
VCC
6
23
CS
VCC
7
22
GND
PWR
8
21
GND
X1
9
20
AD7
X2
10
19
AD6
NC
11
18
NC
ADO
12
17
AD5
AD1
13
16
AD4
AD2
14
15
AD3
DS17285E 28-Pin TSOP
DS17285/DS17287
3V/5V Real-Time Clock
www.maxim-ic.com


Similar Part No. - DS17285S-3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS17285S-3 MAXIM-DS17285S-3 Datasheet
319Kb / 30P
   Real-Time Clocks
Rev 0; 4/06
DS17285S-3++ MAXIM-DS17285S-3+ Datasheet
333Kb / 31P
   Real-Time Clocks
Rev 1; 4/10
DS17285S-3NT MAXIM-DS17285S-3NT Datasheet
319Kb / 30P
   Real-Time Clocks
Rev 0; 4/06
More results

Similar Description - DS17285S-3

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS17485 DALLAS-DS17485 Datasheet
427Kb / 38P
   3V/5V Real-Time Clock
DS17885-DS17887 DALLAS-DS17885-DS17887 Datasheet
410Kb / 38P
   3V/5V Real-Time Clock
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
   3V/5V Real-Time Clocks
REV: 032604
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
   3V/5V Real-Time Clocks
Rev 10/12
logo
Dallas Semiconductor
DS1685 DALLAS-DS1685_05 Datasheet
766Kb / 39P
   3V/5V Real-Time Clocks
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685_10 Datasheet
350Kb / 34P
   3V/5V Real-Time Clocks
Rev 4/10
logo
STMicroelectronics
M48T86 STMICROELECTRONICS-M48T86 Datasheet
163Kb / 23P
   5V PC REAL TIME CLOCK
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com