Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSD1796 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DSD1796
Description  24BIT 192KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DSD1796 Datasheet(HTML) 3 Page - Texas Instruments

  DSD1796 Datasheet HTML 1Page - Texas Instruments DSD1796 Datasheet HTML 2Page - Texas Instruments DSD1796 Datasheet HTML 3Page - Texas Instruments DSD1796 Datasheet HTML 4Page - Texas Instruments DSD1796 Datasheet HTML 5Page - Texas Instruments DSD1796 Datasheet HTML 6Page - Texas Instruments DSD1796 Datasheet HTML 7Page - Texas Instruments DSD1796 Datasheet HTML 8Page - Texas Instruments DSD1796 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
DSD1796
SLES101 – DECEMBER 2003
www.ti.com
3
ELECTRICAL CHARACTERISTICS (Continued)
all specifications at TA = 25°C, VCC1 = VCC2L = VCC2R = 5 V, VDD = 3.3 V, fS = 44.1 kHz, system clock = 256 fS, and 24-bit data unless
otherwise noted
PARAMETER
TEST CONDITIONS
DSD1796DB
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUT/OUTPUT
Logic family
TTL compatible
VIH
Input logic level
2
VDC
VIL
Input logic level
0.8
VDC
IIH
Input logic current
VIN = VDD
10
µA
IIL
Input logic current
VIN = 0 V
–10
µA
VOH
Output logic level
IOH = –2 mA
2.4
VDC
VOL
Output logic level
IOL = 2 mA
0.4
VDC
IOHZ
High-impedance output logic current(1)
VOUT = VDD
10
µA
IOLZ
High-impedance output logic current(1)
VOUT = 0 V
–10
µA
DYNAMIC PERFORMANCE (PCM MODE) (2)(3)
fS = 44.1 kHz
0.0005%
0.001%
THD+N at VOUT = 0 dB
fS = 96 kHz
0.001%
THD+N at VOUT = 0 dB
fS = 192 kHz
0.0015%
EIAJ, A-weighted, fS = 44.1 kHz
120
123
Dynamic range
EIAJ, A-weighted, fS = 96 kHz
123
dB
Dynamic range
EIAJ, A-weighted, fS = 192 kHz
123
dB
EIAJ, A-weighted, fS = 44.1 kHz
120
123
Signal-to-noise ratio
EIAJ, A-weighted, fS = 96 kHz
123
dB
Signal-to-noise ratio
EIAJ, A-weighted, fS = 192 kHz
123
dB
fS = 44.1 kHz
116
119
Channel separation
fS = 96 kHz
118
dB
Channel separation
fS = 192 kHz
117
dB
Level linearity error
VOUT = –120 dB
±1
dB
DYNAMIC PERFORMANCE (MONO MODE) (2)(3)(4)
fS = 44.1 kHz
0.0005%
THD+N at VOUT = 0 dB
fS = 96 kHz
0.001%
THD+N at VOUT = 0 dB
fS = 192 kHz
0.0015%
EIAJ, A-weighted, fS = 44.1 kHz
126
Dynamic range
EIAJ, A-weighted, fS = 96 kHz
126
dB
Dynamic range
EIAJ, A-weighted, fS = 192 kHz
126
dB
EIAJ, A-weighted, fS = 44.1 kHz
126
Signal-to-noise ratio
EIAJ, A-weighted, fS = 96 kHz
126
dB
Signal-to-noise ratio
EIAJ, A-weighted, fS = 192 kHz
126
dB
(1) Pin 13 (MDO)
(2) Filter condition:
THD+N: 20-Hz HPF, 20-kHz AES17 LPF
Dynamic range: 20-Hz HPF, 20-kHz AES17 LPF, A-weighted
Signal-to-noise ratio: 20-Hz HPF, 20-kHz AES17 LPF, A-weighted
Channel separation: 20-Hz HPF, 20-kHz AES17 LPF
Analog performance specifications are measured using the System Two
 Cascade audio measurement system by Audio Precision in the
averaging mode.
(3) Dynamic performance and DC accuracy are specified at the output of the postamplifier as shown in Figure 32.
(4) Dynamic performance and DC accuracy are specified at the output of the measurement circuit as shown in Figure 34.
Audio Precision and System Two are trademarks of Audio Precision, Inc.
Other trademarks are the property of their respective owners.


Similar Part No. - DSD1796

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DSD1796 TI1-DSD1796 Datasheet
841Kb / 61P
[Old version datasheet]   24BIT 192KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
DSD1796DB TI1-DSD1796DB Datasheet
841Kb / 61P
[Old version datasheet]   24BIT 192KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
DSD1796DBG4 TI1-DSD1796DBG4 Datasheet
841Kb / 61P
[Old version datasheet]   24BIT 192KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
DSD1796DBR TI1-DSD1796DBR Datasheet
841Kb / 61P
[Old version datasheet]   24BIT 192KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
DSD1796DBRG4 TI1-DSD1796DBRG4 Datasheet
841Kb / 61P
[Old version datasheet]   24BIT 192KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
More results

Similar Description - DSD1796

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1794 TI-PCM1794 Datasheet
241Kb / 27P
[Old version datasheet]   24BIT 192KHZ SAMPLING , ADVANCED SEGMENT, AUDIO STEREO DIGITAL TO ANALOG CONVERTER
DSD1796 TI1-DSD1796_14 Datasheet
841Kb / 61P
[Old version datasheet]   24BIT 192KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1796 BURR-BROWN-PCM1796 Datasheet
512Kb / 57P
   24BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PCM1738 BURR-BROWN-PCM1738 Datasheet
2Mb / 33P
   24-Bit, 192kHz Sampling, Advanced Segment, Audio-Stereo DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1793 TI-PCM1793 Datasheet
234Kb / 25P
[Old version datasheet]   24 BIT 192KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PCM1792 TI-PCM1792 Datasheet
517Kb / 10P
[Old version datasheet]   24 BIT 192KHZ SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL TO ANALOG CONVERTER
DSD1794A TI-DSD1794A Datasheet
535Kb / 49P
[Old version datasheet]   24-BIT,192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
DSD1791 TI1-DSD1791_08 Datasheet
654Kb / 56P
[Old version datasheet]   24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1796 BURR-BROWN-PCM1796_06 Datasheet
706Kb / 60P
   24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DSD1791 TI-DSD1791 Datasheet
446Kb / 53P
[Old version datasheet]   24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com