Electronic Components Datasheet Search |
|
NCV551SN31T1G Datasheet(PDF) 1 Page - ON Semiconductor |
|
NCV551SN31T1G Datasheet(HTML) 1 Page - ON Semiconductor |
1 / 12 page © Semiconductor Components Industries, LLC, 2016 January, 2016 − Rev. 19 1 Publication Order Number: NCP551/D NCP551, NCV551 150 mA CMOS Low Iq Low-Dropout Voltage Regulator The NCP551 series of fixed output low dropout linear regulators are designed for handheld communication equipment and portable battery powered applications which require low quiescent. The NCP551 series features an ultra−low quiescent current of 4.0 mA. Each device contains a voltage reference unit, an error amplifier, a PMOS power transistor, resistors for setting output voltage, current limit, and temperature limit protection circuits. The NCP551 has been designed to be used with low cost ceramic capacitors and requires a minimum output capacitor of 0.1 mF. The device is housed in the TSOP−5 surface mount package. Standard voltage versions are 1.4, 1.5, 1.8, 2.5, 2.7, 2.8, 2.9, 3.0, 3.1, 3.2, 3.3, 3.6, 3.8 and 5.0 V. Other voltages are available in 100 mV steps. Features • Low Quiescent Current of 4.0 mA Typical • Maximum Operating Voltage of 12 V • Low Output Voltage Option • High Accuracy Output Voltage of 2.0% • Industrial Temperature Range of −40°C to 85°C (NCV551, TA = −40 °C to +125°C) • NCV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP Capable • These Devices are Pb−Free and are RoHS Compliant Typical Applications • Battery Powered Instruments • Hand−Held Instruments • Camcorders and Cameras Figure 1. Representative Block Diagram Driver w/ Current Limit Vin Vout Thermal Shutdown Enable GND OFF ON 1 3 5 2 See detailed ordering and shipping information in the package dimensions section on page 11 of this data sheet. ORDERING INFORMATION TSOP−5 (SOT23−5, SC59−5) SN SUFFIX CASE 483 PIN CONNECTIONS AND MARKING DIAGRAM 1 3 N/C Vin 2 GND Enable 4 Vout 5 (Top View) www.onsemi.com xxx = Specific Device Code A = Assembly Location Y = Year W = Work Week G = Pb−Free Package (Note: Microdot may be in either location) 1 5 |
Similar Part No. - NCV551SN31T1G |
|
Similar Description - NCV551SN31T1G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |