Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV551SN31T1G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCV551SN31T1G
Description  150 mA CMOS Low Iq Low-Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV551SN31T1G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCV551SN31T1G Datasheet HTML 4Page - ON Semiconductor NCV551SN31T1G Datasheet HTML 5Page - ON Semiconductor NCV551SN31T1G Datasheet HTML 6Page - ON Semiconductor NCV551SN31T1G Datasheet HTML 7Page - ON Semiconductor NCV551SN31T1G Datasheet HTML 8Page - ON Semiconductor NCV551SN31T1G Datasheet HTML 9Page - ON Semiconductor NCV551SN31T1G Datasheet HTML 10Page - ON Semiconductor NCV551SN31T1G Datasheet HTML 11Page - ON Semiconductor NCV551SN31T1G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
NCP551, NCV551
www.onsemi.com
8
Figure 14. Load Transient Response OFF
TIME (ms)
Figure 15. Load Transient Response ON
TIME (ms)
150
−500
500
0
150
−500
−1000
0
0
1000
03
2
14
5
6
7
8
9
0
3
2
1
4
567
8
9
Vout = 3.3 V
Cout = 10 mF
Vout = 3.3 V
Cout = 10 mF
Iout = 3.0 mA − 150 mA
Iout = 3.0 mA − 150 mA
0
1
600
2
400
200
Figure 16. Turn−On Response
3
Vin = 4.3 V
Vout = 3.3 V
RO = 3.3 k
VEN = 2.0 V
TIME (
ms)
0
1
3
2
800
2000
1200
1000
1400
0
1600 1800
0
1
600
2
400
200
Figure 17. Turn−On Response
3
Vin = 3.8 V
Vout = 2.8 V
RO = 2.8 k
VEN = 2.0 V
TIME (
ms)
0
1
3
2
800
2000
1200
1000
1400
0
1600 1800
Co = 1 mF
Co = 10 mF
Co = 1 mF
Co = 10 mF
Figure 18. Output Voltage versus Input Voltage
Figure 19. Output Voltage versus Input Voltage
0
2
6
4
2
0
3
Vin, INPUT VOLTAGE (VOLTS)
2.5
812
10
0.5
1.5
1
Vin = 0 V to 12 V
Vout(nom) = 2.8 V
Iout = 10 mA
Cin = 1 mF
Cout = 1 mF
VEN = Vin
0
2
6
4
2
0
3
Vin, INPUT VOLTAGE (VOLTS)
2.5
812
10
0.5
1.5
1
Vin = 0 V to 12 V
Vout = 3.3 V
Iout = 10 mA
Cin = 1 mF
Cout = 1 mF
VEN = Vin
3.5


Similar Part No. - NCV551SN31T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV551SN31T1G ONSEMI-NCV551SN31T1G Datasheet
102Kb / 11P
   150 mA CMOS Low Iq Low?묭ropout Voltage Regulator
November, 2006 ??Rev. 14
NCV551SN31T1G ONSEMI-NCV551SN31T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
More results

Similar Description - NCV551SN31T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCV551SN14T1G ONSEMI-NCV551SN14T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
NCP511 ONSEMI-NCP511 Datasheet
85Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
NCP551 ONSEMI-NCP551 Datasheet
89Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2004 ??Rev. 9
NCP561SN30T1G ONSEMI-NCP561SN30T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCP561 ONSEMI-NCP561 Datasheet
71Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2004 ??Rev. 4
NCP511 ONSEMI-NCP511_15 Datasheet
106Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
April, 2015 ??Rev. 13
NCP551 ONSEMI-NCP551_14 Datasheet
107Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Low-Dropout Voltage
June, 2014 ??Rev. 18
NCV8152 ONSEMI-NCV8152 Datasheet
974Kb / 17P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
April, 2015 ??Rev. 1
NCP152 ONSEMI-NCP152_14 Datasheet
972Kb / 18P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
September, 2014 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com