Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34166D2TR4G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC34166D2TR4G
Description  3.0 A, Step?뭊p/Down/ Inverting Switching Regulators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34166D2TR4G Datasheet(HTML) 4 Page - ON Semiconductor

  MC34166D2TR4G Datasheet HTML 1Page - ON Semiconductor MC34166D2TR4G Datasheet HTML 2Page - ON Semiconductor MC34166D2TR4G Datasheet HTML 3Page - ON Semiconductor MC34166D2TR4G Datasheet HTML 4Page - ON Semiconductor MC34166D2TR4G Datasheet HTML 5Page - ON Semiconductor MC34166D2TR4G Datasheet HTML 6Page - ON Semiconductor MC34166D2TR4G Datasheet HTML 7Page - ON Semiconductor MC34166D2TR4G Datasheet HTML 8Page - ON Semiconductor MC34166D2TR4G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MC34166, MC33166
http://onsemi.com
4
Figure 2. Voltage Feedback Input Threshold
versus Temperature
Figure 3. Voltage Feedback Input Bias
Current versus Temperature
Figure 4. Error Amp Open Loop Gain and
Phase versus Frequency
Figure 5. Error Amp Output Saturation
versus Sink Current
Figure 6. Oscillator Frequency Change
versus Temperature
Figure 7. Switch Output Duty Cycle
versus Compensation Voltage
−20
10 M
10
f, FREQUENCY (Hz)
0
30
60
90
120
150
180
100
1.0 k
10 k
100 k
1.0 M
0
20
40
60
80
100
Gain
Phase
−12
−55
TA, AMBIENT TEMPERATURE (°C)
−25
0
25
50
75
100
125
−8.0
−4.0
0
4.0
4.85
TA, AMBIENT TEMPERATURE (°C)
4.93
5.01
5.09
5.17
5.25
−55
−25
0
25
50
75
100
125
VCC = 12 V
0
TA, AMBIENT TEMPERATURE (°C)
20
40
60
80
100
−55
−25
0
25
50
75
100
125
2.0
0
ISink, OUTPUT SINK CURRENT (mA)
0.4
0.8
1.2
1.6
0
0.4
0.8
1.2
1.6
2.0
1.5
VComp, COMPENSATION VOLTAGE (V)
2.0
2.5
3.0
3.5
4.0
0
20
40
60
80
100
4.5
VCC = 12 V
VComp = 3.25 V
RL = 100 k
TA = +25°C
VFB(th) Max = 5.15 V
VFB(th) Min = 4.95 V
VFB(th) Typ = 5.05 V
VCC = 12 V
VFB = VFB(th)
VCC = 12 V
VFB = 5.5 V
TA = +25°C
VCC = 12 V
TA = +25°C
VCC = 12 V


Similar Part No. - MC34166D2TR4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34166D2TR4G ONSEMI-MC34166D2TR4G Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 7
More results

Similar Description - MC34166D2TR4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34166 ONSEMI-MC34166_05 Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 7
MC34163 ONSEMI-MC34163_05 Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
MC34063A ONSEMI-MC34063A_07 Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
NCP3063 ONSEMI-NCP3063 Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
NCV33163 ONSEMI-NCV33163_05 Datasheet
202Kb / 15P
   2.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 2
MC34063A ONSEMI-MC34063A_10 Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34167 ONSEMI-MC34167_10 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/ Inverting Switching Regulators
November, 2005 ??Rev. 7
MC34167 ONSEMI-MC34167_05 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 7
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34163 ONSEMI-MC34163_08 Datasheet
262Kb / 16P
   3.4 A, Step-Up/Down/ Inverting Switching Regulators
August, 2008 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com