Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34166D2TG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC34166D2TG
Description  3.0 A, Step?뭊p/Down/ Inverting Switching Regulators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34166D2TG Datasheet(HTML) 1 Page - ON Semiconductor

  MC34166D2TG Datasheet HTML 1Page - ON Semiconductor MC34166D2TG Datasheet HTML 2Page - ON Semiconductor MC34166D2TG Datasheet HTML 3Page - ON Semiconductor MC34166D2TG Datasheet HTML 4Page - ON Semiconductor MC34166D2TG Datasheet HTML 5Page - ON Semiconductor MC34166D2TG Datasheet HTML 6Page - ON Semiconductor MC34166D2TG Datasheet HTML 7Page - ON Semiconductor MC34166D2TG Datasheet HTML 8Page - ON Semiconductor MC34166D2TG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© Semiconductor Components Industries, LLC, 2005
October, 2005 − Rev. 7
1
Publication Order Number:
MC34166/D
MC34166, MC33166
3.0 A, Step−Up/Down/
Inverting Switching
Regulators
The MC34166, MC33166 series are high performance fixed
frequency power switching regulators that contain the primary
functions required for dc−to−dc converters. This series was specifically
designed to be incorporated in step−down and voltage−inverting
configurations with a minimum number of external components and
can also be used cost effectively in step−up applications.
These devices consist of an internal temperature compensated
reference, fixed frequency oscillator with on−chip timing components,
latching pulse width modulator for single pulse metering, high gain
error amplifier, and a high current output switch.
Protective features consist of cycle−by−cycle current limiting,
undervoltage lockout, and thermal shutdown. Also included is a low
power standby mode that reduces power supply current to 36
mA.
Features
Output Switch Current in Excess of 3.0 A
Fixed Frequency Oscillator (72 kHz) with On−Chip Timing
Provides 5.05 V Output without External Resistor Divider
Precision 2% Reference
0% to 95% Output Duty Cycle
Cycle−by−Cycle Current Limiting
Undervoltage Lockout with Hysteresis
Internal Thermal Shutdown
Operation from 7.5 V to 40 V
Standby Mode Reduces Power Supply Current to 36 mA
Economical 5−Lead TO−220 Package with Two Optional Leadforms
Also Available in Surface Mount D2PAK Package
Moisture Sensitivity Level (MSL) Equals 1
Pb−Free Packages are Available
Figure 1. Simplified Block Diagram
(Step Down Application)
EA
VO
ILIMIT
Vin
4
2
S
Q
R
UVLO
3
5
L
5.05 V/
3.0 A
Reference
Thermal
PWM
Oscillator
1
This device contains 143 active transistors.
TO−220
TH SUFFIX
CASE 314A
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
1
5
MARKING
DIAGRAMS
1
5
TO−220
TV SUFFIX
CASE 314B
1
5
Heatsink surface connected to Pin 3
TO−220
T SUFFIX
CASE 314D
Pin
1.
Voltage Feedback Input
2.
Switch Output
3.
Ground
4.
Input Voltage/VCC
5.
Compensation/Standby
D2PAK
D2T SUFFIX
CASE 936A
Heatsink surface (shown as
terminal 6 in case outline
drawing) is connected to Pin 3
x
= 3 or 4
A
= Assembly Location
WL = Wafer Lot
Y
= Year
WW = Work Week
G
= Pb−Free Package
MC
3x166T
AWLYWWG
MC
3x166T
AWLYWWG
MC
3x166T
AWLYWWG
1
5
MC
3x166T
AWLYWWG
15
http://onsemi.com


Similar Part No. - MC34166D2TG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34166D2TG ONSEMI-MC34166D2TG Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 7
More results

Similar Description - MC34166D2TG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34166 ONSEMI-MC34166_05 Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 7
MC34163 ONSEMI-MC34163_05 Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
MC34063A ONSEMI-MC34063A_07 Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
NCP3063 ONSEMI-NCP3063 Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
NCV33163 ONSEMI-NCV33163_05 Datasheet
202Kb / 15P
   2.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 2
MC34063A ONSEMI-MC34063A_10 Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34167 ONSEMI-MC34167_10 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/ Inverting Switching Regulators
November, 2005 ??Rev. 7
MC34167 ONSEMI-MC34167_05 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 7
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34163 ONSEMI-MC34163_08 Datasheet
262Kb / 16P
   3.4 A, Step-Up/Down/ Inverting Switching Regulators
August, 2008 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com