Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC7905CD2T Datasheet(PDF) 9 Page - ON Semiconductor

Part # MC7905CD2T
Description  1.0 A Negative Voltage Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC7905CD2T Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MC7905CD2T Datasheet HTML 5Page - ON Semiconductor MC7905CD2T Datasheet HTML 6Page - ON Semiconductor MC7905CD2T Datasheet HTML 7Page - ON Semiconductor MC7905CD2T Datasheet HTML 8Page - ON Semiconductor MC7905CD2T Datasheet HTML 9Page - ON Semiconductor MC7905CD2T Datasheet HTML 10Page - ON Semiconductor MC7905CD2T Datasheet HTML 11Page - ON Semiconductor MC7905CD2T Datasheet HTML 12Page - ON Semiconductor MC7905CD2T Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MC7900 Series
http://onsemi.com
9
APPLICATIONS INFORMATION
Design Considerations
The MC7900 Series of fixed voltage regulators are
designed with Thermal overload Protection that shuts down
the circuit when subjected to an excessive power overload
condition. Internal Short Circuit Protection that limits the
maximum current the circuit will pass, and Output Transistor
Safe−Area Compensation that reduces the output short circuit
current as the voltage across the pass transistor is increased.
In many low current applications, compensation
capacitors are not required. However, it is recommended
that the regulator input be bypassed with a capacitor if the
regulator is connected to the power supply filter with long
wire lengths, or if the output load capacitance is large. An
input bypass capacitor should be selected to provide good
high−frequency characteristics to insure stable operation
under all load conditions. A 0.33
mF or larger tantalum,
mylar, or other capacitor having low internal impedance at
high frequencies should be chosen. The capacitor chosen
should have an equivalent series resistance of less than
0.7
W. The bypass capacitor should be mounted with the
shortest possible leads directly across the regulators input
terminals. Normally good construction techniques should be
used to minimize ground loops and lead resistance drops
since the regulator has no external sense lead. Bypassing the
output is also recommended.
Figure 8. Current Regulator
-20 V
Input
MC7905
10
R
IO = 200 mA
-
VO ≤ 10 V
1.0
mF
Gnd
Gnd
+
1.0
mF
+
The MC7905, −5.0 V regulator can be used as a constant
current source when connected as above. The output current
is the sum of resistor R current and quiescent bias current as
follows:
IO +
5.0 V
R )
IB
The quiescent current for this regulator is typically 4.3
mA. The 5.0 V regulator was chosen to minimize dissipation
and to allow the output voltage to operate to within 6.0 V
below the input voltage.
Figure 9. Current Boost Regulator
(−5.0 V @ 4.0 A, with 5.0 A Current Limiting)
*Mounted on heatsink.
-10 V
Input
0.56
0.56
0.56
MJE200*
or Equiv
5.6
2N3055*
or Equiv
MC7905*
1.0
mF
-5.0 V
Output
Gnd
Gnd
+
+
1.0
mF
10
mF
+
When a boost transistor is used, short circuit currents are
equal to the sum of the series pass and regulator limits, which
are measured at 3.2 A and 1.8 A respectively in this case.
Series pass limiting is approximately equal to 0.6 V/RSC.
Operation beyond this point to the peak current capability of
the MC7905C is possible if the regulator is mounted on a
heatsink; otherwise thermal shutdown will occur when the
additional load current is picked up by the regulator.
Figure 10. Operational Amplifier Supply
+20 V
Input
+15 V
Output
0.33
mF
1N4001G
or Equiv
Gnd
Gnd
1.0
mF
+
-20 V
Input
-15 V
Output
MC7815
MC7915
+
+
+
1.0
mF
1.0
mF
1.0
mF
1N4001G
or Equiv
Clamp diode
1N4001G or Equiv
1N4001G or Equiv
The MC7815 and MC7915 positive and negative
regulators may be connected as shown to obtain a dual
power supply for operational amplifiers. A clamp diode
should be used at the output of the MC7815 to prevent
potential latch−up problems whenever the output of the
positive regulator (MC7815) is drawn below ground with an
output current greater than 200 mA.


Similar Part No. - MC7905CD2T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC7905CD2T ONSEMI-MC7905CD2T Datasheet
143Kb / 14P
   1.0 A Negative Voltage Regulators
March, 2004 ??Rev. 12
logo
Motorola, Inc
MC7905CD2T MOTOROLA-MC7905CD2T Datasheet
186Kb / 12P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
ON Semiconductor
MC7905CD2T ONSEMI-MC7905CD2T Datasheet
157Kb / 16P
   1.0 A Negative Voltage Regulators
August, 2006 ??Rev. 14
MC7905CD2T ONSEMI-MC7905CD2T Datasheet
138Kb / 16P
   1.0 A Negative Voltage Regulators
May, 2005 ??Rev. 13
MC7905CD2TG ONSEMI-MC7905CD2TG Datasheet
157Kb / 16P
   1.0 A Negative Voltage Regulators
August, 2006 ??Rev. 14
More results

Similar Description - MC7905CD2T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC7900 ONSEMI-MC7900_05 Datasheet
138Kb / 16P
   1.0 A Negative Voltage Regulators
May, 2005 ??Rev. 13
MC7900 ONSEMI-MC7900_06 Datasheet
157Kb / 16P
   1.0 A Negative Voltage Regulators
August, 2006 ??Rev. 14
MC7900 ONSEMI-MC7900 Datasheet
143Kb / 14P
   1.0 A Negative Voltage Regulators
March, 2004 ??Rev. 12
MC7900 ONSEMI-MC7900_V01 Datasheet
300Kb / 15P
   Negative Voltage Regulators 1.0 A
October, 2021 - Rev. 21
MC7800 ONSEMI-MC7800_10 Datasheet
295Kb / 33P
   1.0 A Positive Voltage Regulators
July, 2010 ??Rev. 21
MC7800 ONSEMI-MC7800_11 Datasheet
269Kb / 34P
   1.0 A Positive Voltage Regulators
April, 2012 ??Rev. 25
logo
Suntac Electronic Corp.
STC7800 SUNTAC-STC7800 Datasheet
169Kb / 11P
   1.0 A Positive Voltage Regulators
logo
ON Semiconductor
MC7800 ONSEMI-MC7800_06 Datasheet
245Kb / 32P
   1.0 A Positive Voltage Regulators
August, 2006 ??Rev. 15
NCP7800 ONSEMI-NCP7800 Datasheet
167Kb / 9P
   1.0 A Positive Voltage Regulators
October, 2009 ??Rev. 0
MC7800 ONSEMI-MC7800_14 Datasheet
217Kb / 31P
   1.0 A Positive Voltage Regulators
November, 2014 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com