Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP130AMX115TCG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP130AMX115TCG
Description  300mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP130AMX115TCG Datasheet(HTML) 7 Page - ON Semiconductor

  NCP130AMX115TCG Datasheet HTML 1Page - ON Semiconductor NCP130AMX115TCG Datasheet HTML 2Page - ON Semiconductor NCP130AMX115TCG Datasheet HTML 3Page - ON Semiconductor NCP130AMX115TCG Datasheet HTML 4Page - ON Semiconductor NCP130AMX115TCG Datasheet HTML 5Page - ON Semiconductor NCP130AMX115TCG Datasheet HTML 6Page - ON Semiconductor NCP130AMX115TCG Datasheet HTML 7Page - ON Semiconductor NCP130AMX115TCG Datasheet HTML 8Page - ON Semiconductor NCP130AMX115TCG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
NCP130
www.onsemi.com
7
APPLICATIONS INFORMATION
The NCP130 dual−rail very low dropout voltage regulator
is using NMOS pass transistor for output voltage regulation
from VIN voltage. All the low current internal controll
circuitry is powered from the VBIAS voltage.
The use of an NMOS pass transistor offers several
advantages in applications. Unlike a PMOS topology
devices, the output capacitor has reduced impact on loop
stability. VIN to VOUT operating voltage difference can be
very low compared with standard PMOS regulators in very
low VIN applications.
The NCP130 offers smooth monotonic start-up. The
controlled voltage rising limits the inrush current.
The Enable (EN) input is equipped with internal
hysteresis.
NCP130 is a Fixed Voltage linear regulator.
Dropout Voltage
Because of two power supply inputs VIN and VBIAS and
one VOUT regulator output, there are two Dropout voltages
specified.
The first, the VIN Dropout voltage is the voltage
difference (VIN – VOUT) when VOUT starts to decrease by
percents specified in the Electrical Characteristics table.
VBIAS is high enough, specific value is published in the
Electrical Characteristics table.
The second, VBIAS dropout voltage is the voltage
difference (VBIAS – VOUT) when VIN and VBIAS pins are
joined together and VOUT starts to decrease.
Input and Output Capacitors
The device is designed to be stable for ceramic output
capacitors with Effective capacitance in the range from 1
mF
to 10
mF. The device is also stable with multiple capacitors
in parallel, having the total effective capacitance in the
specified range.
In applications where no low input supplies impedance
available (PCB inductance in VIN and/or VBIAS inputs as
example), the recommended CIN = 1
mF and CBIAS = 0.1 mF
or greater. Ceramic capacitors are recommended. For the
best performance all the capacitors should be connected to
the NCP130 respective pins directly in the device PCB
copper layer, not through vias having not negligible
impedance.
When using small ceramic capacitor, their capacitance is
not constant but varies with applied DC biasing voltage,
temperature and tolerance. The effective capacitance can be
much lower than their nominal capacitance value, most
importantly in negative temperatures and higher LDO
output voltages. That is why the recommended Output
capacitor capacitance value is specified as Effective value in
the specific application conditions.
Enable Operation
The enable pin will turn the regulator on or off. The
threshold limits are covered in the electrical characteristics
table in this data sheet. If the enable function is not to be used
then the pin should be connected to VIN or VBIAS.
Current Limitation
The internal Current Limitation circuitry allows the
device to supply the full nominal current and surges but
protects the device against Current Overload or Short.
Thermal Protection
Internal thermal shutdown (TSD) circuitry is provided to
protect the integrated circuit in the event that the maximum
junction temperature is exceeded. When TSD activated , the
regulator output turns off. When cooling down under the low
temperature threshold, device output is activated again. This
TSD feature is provided to prevent failures from accidental
overheating.


Similar Part No. - NCP130AMX115TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP130AMX115TCG ONSEMI-NCP130AMX115TCG Datasheet
153Kb / 9P
   300mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2015 ??Rev. 1
More results

Similar Description - NCP130AMX115TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP130 ONSEMI-NCP130_15 Datasheet
153Kb / 9P
   300mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2015 ??Rev. 1
NCV8720 ONSEMI-NCV8720 Datasheet
349Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
December, 2016 ??Rev. 1
NCV8130 ONSEMI-NCV8130 Datasheet
153Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
June, 2017 ??Rev. 0
NCP720 ONSEMI-NCP720_16 Datasheet
344Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2016 ??Rev. 1
NCP120 ONSEMI-NCP120 Datasheet
136Kb / 8P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
October, 2015 ??Rev. 2
NCV8133 ONSEMI-NCV8133 Datasheet
266Kb / 11P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2017 ??Rev. 1
NCP720 ONSEMI-NCP720 Datasheet
346Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
April, 2015 ??Rev. 0
NCP720 ONSEMI-NCP720_17 Datasheet
344Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
May, 2017 ??Rev. 2
NCP134 ONSEMI-NCP134_16 Datasheet
172Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2016 ??Rev. 2
NCP145 ONSEMI-NCP145 Datasheet
279Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
March, 2018 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com