Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C322C322KZG5HA7301 Datasheet(PDF) 2 Page - Kemet Corporation

Part # C322C322KZG5HA7301
Description  High Voltage Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 500 ??3,000 VDC (Commercial Grade)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C322C322KZG5HA7301 Datasheet(HTML) 2 Page - Kemet Corporation

  C322C322KZG5HA7301 Datasheet HTML 1Page - Kemet Corporation C322C322KZG5HA7301 Datasheet HTML 2Page - Kemet Corporation C322C322KZG5HA7301 Datasheet HTML 3Page - Kemet Corporation C322C322KZG5HA7301 Datasheet HTML 4Page - Kemet Corporation C322C322KZG5HA7301 Datasheet HTML 5Page - Kemet Corporation C322C322KZG5HA7301 Datasheet HTML 6Page - Kemet Corporation C322C322KZG5HA7301 Datasheet HTML 7Page - Kemet Corporation C322C322KZG5HA7301 Datasheet HTML 8Page - Kemet Corporation C322C322KZG5HA7301 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1054_HV_GOLDMAX_300_C0G • 6/25/2015
2
Radial Leaded Multilayer Ceramic Capacitors
High Voltage Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 500 – 3,000 VDC (Commercial Grade)
Dimensions – Inches (Millimeters)
Shoulder Bend (Short)
Shoulder Bend (Tall)
Inside Kink
Straight
Outside Kink
Snap-In Type 2
Snap-In Type 1
*Maybesuppliedina“ShoulderBend”or“Straight”Leadconfiguration.
Please see Capacitance Range Waterfall section of this document to
determineleadconfigurationavailabilitybycapacitancevalue.
L
T
H
LL
S
Seating Plane
F
C333
L
T
H
LL
S
Seating Plane
F
E
C316
C326
C327
C336
C346
C356
L
T
H
LL
S
Seating Plane
F
C317
C321
C322
C330*
C331*
C340*
C350
L
T
H
LL
S
Seating Plane
F
C318
C323
C328
L
T
H
LL
S
Seating Plane
F
C325
C335
L
T
H
LL
S
Seating Plane
F
E
C324
L
T
H
LL
S
All Others:
0.06 max
(1.52 mm)
F
C340:
0.10 max
(2.54 mm)
C315
C320
C330*
C331*
C340*
Series
Style/Size
S
Lead Spacing
Nominal
L
Length
Maximum
H
Height
Maximum
T
Thickness
Maximum
F
Lead Diameter
Nominal
LL
Lead Length
Minimum
C31X
315
0.100 (2.54)
0.150 (3.81)
0.130 (3.30)
0.120 (3.14)
0.020 (0.51)
0.276 (7.00)
316
0.150 (3.81)
0.230 (5.84)
0.150 (3.81)
0.200 (5.08)
C32X
324
0.200 (5.08)
0.260 (6.60)
0.200 (5.08)
0.276 (7.00)
320
0.200 (5.08)
0.230 (5.84)
0.150 (3.81)
0.276 (7.00)
326
0.200 (5.08)
0.350 (8.89)
0.200 (5.08)
0.200 (5.08)
C31X
317
0.200 (5.08)
0.150 (3.81)
0.130 (3.30)
0.120 (3.14)
0.276 (7.00)
318
0.150 (3.81)
0.235 (5.97)
0.150 (3.81)
0.276 (7.00)
C32X
321
0.250 (6.35)
0.200 (5.08)
0.260 (6.60)
0.200 (5.08)
0.276 (7.00)
322
0.200 (5.08)
0.200 (5.08)
0.230 (5.84)
0.150 (3.81)
0.276 (7.00)
323
0.200 (5.08)
0.300 (7.62)
0.150 (3.81)
0.276 (7.00)
325
0.200 (5.08)
0.320 (8.13)
0.200 (5.08)
0.276 (7.00)
328
0.200 (5.08)
0.325 (8.26)
0.200 (5.08)
0.276 (7.00)
327
0.200 (5.08)
0.350 (8.89)
0.200 (5.08)
0.200 (5.08)
C33X
330
0.300 (7.62)
0.360 (9.14)
0.200 (5.08)
0.276 (7.00)
331
0.250 (6.35)
0.300 (7.62)
0.360 (9.14)
0.250 (6.35)
0.276 (7.00)
333
0.200 (5.08)
0.300 (7.62)
0.420 (10.67)
0.200 (5.08)
0.276 (7.00)
335
0.300 (7.62)
0.420 (10.67)
0.250 (6.35)
0.276 (7.00)
336
0.300 (7.62)
0.450 (11.43)
0.250 (6.35)
0.200 (5.08)
C34X
340
0.400 (10.16)
0.460 (11.68)
0.270 (6.85)
0.276 (7.00)
346
0.400 (10.16)
0.590 (14.97)
0.270 (6.85)
0.200 (5.08)
C35X
350
0.400 (10.16)
0.500 (12.70)
0.560 (14.22)
0.270 (6.85)
0.025 (0.64)
0.276 (7.00)
356
0.500 (12.70)
0.670 (17.02)
0.270 (6.85)
0.200 (5.08)


Similar Part No. - C322C322KZG5HA7301

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C322C332K1R5TA KEMET-C322C332K1R5TA Datasheet
58Kb / 1P
   GoldMax 300 Comm X7R, Ceramic, 3300 pF, 10%, 100 V, X7R, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C322C333K5R5TA7301 KEMET-C322C333K5R5TA7301 Datasheet
59Kb / 1P
   Ceramic, GoldMax, 0.033 uF, 10%, 50 V, X7R, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C322C334M5U5HA KEMET-C322C334M5U5HA Datasheet
56Kb / 1P
   Ceramic, GoldMax, 0.33 uF, 20%, 50 V, Z5U, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C322C334M5U5TA KEMET-C322C334M5U5TA Datasheet
54Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 0.33 uF, 20%, 50 V, Z5U, Lead Spacing = 5.08mm
C322C339D1G5CA KEMET-C322C339D1G5CA Datasheet
233Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results

Similar Description - C322C322KZG5HA7301

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_16 Datasheet
2Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301 Datasheet
3Mb / 20P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_V01 Datasheet
1Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
12/15/2022
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301_V01 Datasheet
2Mb / 19P
   Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 25 – 250 VDC (Commercial Grade)
9/29/2020
C1812C102JCGACTU KEMET-C1812C102JCGACTU Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
C1210C32JCGACAUTO KEMET-C1210C32JCGACAUTO Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C1210C332JCGACAUTO KEMET-C1210C332JCGACAUTO_V01 Datasheet
803Kb / 22P
   High Voltage C0G Dielectric, 500 – 3,000 VDC (Automotive Grade)
2/23/2023
C1210C154KCRACTU KEMET-C1210C154KCRACTU_V01 Datasheet
816Kb / 24P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
2/23/2023
C1210C154KCRACTU KEMET-C1210C154KCRACTU Datasheet
1Mb / 23P
   High Voltage X7R Dielectric, 500 - 3,000 VDC(Commercial Grade)
C410C472J5G5TA7200 KEMET-C410C472J5G5TA7200_17 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, C0G Dielectric, 25 - 250 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com