Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC62FP3302MR Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC62FP3302MR
Description  POSITIVE VOLTAGE REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62FP3302MR Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC62FP3302MR Datasheet HTML 6Page - Torex Semiconductor XC62FP3302MR Datasheet HTML 7Page - Torex Semiconductor XC62FP3302MR Datasheet HTML 8Page - Torex Semiconductor XC62FP3302MR Datasheet HTML 9Page - Torex Semiconductor XC62FP3302MR Datasheet HTML 10Page - Torex Semiconductor XC62FP3302MR Datasheet HTML 11Page - Torex Semiconductor XC62FP3302MR Datasheet HTML 12Page - Torex Semiconductor XC62FP3302MR Datasheet HTML 13Page - Torex Semiconductor XC62FP3302MR Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
XC62FP Series
294
3
■Typical Performance Characteristics
4.7
4.8
4.9
5.0
5.1
0
20
40
60
80 100 120 140 160 180
Topr=25℃
85℃
-40℃
2.7
2.8
2.9
3.0
3.1
0
20
40
60
80 100 120 140 160 180
Topr=25℃
85℃
-40℃
1.7
1.8
1.9
2.0
2.1
0
20
40
60
80
100
120
Topr=-40℃,25℃
85℃
3.7
3.8
3.9
4.0
4.1
0
20
40
60
80 100 120 140 160 180
Topr=25℃
85℃
-40℃
(1) OUTPUT VOLTAGE vs. OUTPUT CURRENT
XC62FP5002 (5V)
VIN=6V
CIN=1
µF(tantalum), CL=1µF(tantalum)
XC62FP4002 (4V)
VIN=5V
CIN=1
µF(tantalum), CL=1µF(tantalum)
XC62FP3002 (3V)
XC62FP2002 (2V)
CIN=1
µF(tantalum), CL=1µF(tantalum)
VIN=4V
CIN=1
µF(tantalum), CL=1µF(tantalum)
VIN=3V
Output Current:IOUT (mA)
Output Current:IOUT (mA)
Output Current:IOUT (mA)
Output Current:IOUT (mA)
3.2
3.4
3.6
3.8
4.0
4.2
3.5
4.0
4.5
Topr=25℃
IOUT=1mA
40mA
10mA
3.85
3.90
3.95
4.00
4.05
4.10
4
5678
9
10
IOUT=1mA、10mA
Topr=25℃
40mA
4.2
4.4
4.6
4.8
5.0
5.2
4.5
5.0
5.5
XC62FP5002 (5V)
Topr=25℃
40mA
10mA
4.85
4.90
4.95
5.00
5.05
5.10
56
7
8
9
10
IOUT=1mA
Topr=25℃
40mA
10mA
(2) OUTPUT VOLTAGE vs. INPUT VOLTAGE
XC62FP5002 (5V)
XC62FP4002 (4V)
XC62FP4002 (4V)
Input Voltage:VIN (V)
Input Voltage:VIN (V)
Input Voltage:VIN (V)
Input Voltage:VIN (V)
CIN=1
µF(tantalum), CL=1µF(tantalum)
CIN=1
µF(tantalum), CL=1µF(tantalum)
CIN=1
µF(tantalum), CL=1µF(tantalum)
CIN=1
µF(tantalum), CL=1µF(tantalum)
IOUT=1mA
03S_05XC62FP 02.9.12 3:01 PM ページ 294


Similar Part No. - XC62FP3302MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62FP3001LB TOREX-XC62FP3001LB Datasheet
293Kb / 16P
   Positive Voltage Regulators
XC62FP3001LH TOREX-XC62FP3001LH Datasheet
293Kb / 16P
   Positive Voltage Regulators
XC62FP3001LL TOREX-XC62FP3001LL Datasheet
293Kb / 16P
   Positive Voltage Regulators
XC62FP3001LR TOREX-XC62FP3001LR Datasheet
293Kb / 16P
   Positive Voltage Regulators
XC62FP3001MB TOREX-XC62FP3001MB Datasheet
293Kb / 16P
   Positive Voltage Regulators
More results

Similar Description - XC62FP3302MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com