Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8534 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8534
Description  Quad Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8534 Datasheet(HTML) 3 Page - Texas Instruments

  DAC8534 Datasheet HTML 1Page - Texas Instruments DAC8534 Datasheet HTML 2Page - Texas Instruments DAC8534 Datasheet HTML 3Page - Texas Instruments DAC8534 Datasheet HTML 4Page - Texas Instruments DAC8534 Datasheet HTML 5Page - Texas Instruments DAC8534 Datasheet HTML 6Page - Texas Instruments DAC8534 Datasheet HTML 7Page - Texas Instruments DAC8534 Datasheet HTML 8Page - Texas Instruments DAC8534 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
DAC8534
SBAS254D
www.ti.com
REFERENCE INPUT
Reference Current
VREF = AVDD = +5V
135
180
µA
VREF = AVDD = +3V
80
120
µA
Reference Input Range
0
AVDD
V
Reference Input Impedance
37
k
LOGIC INPUTS (2)
Input Current
±1
µA
V
INL, Input LOW Voltage
IOV
DD = +5V
0.8
V
V
INL, Input LOW Voltage
IOV
DD = +3V
0.6
V
V
INH, Input HIGH Voltage
IOV
DD = +5V
2.4
V
V
INH, Input HIGH Voltage
IOV
DD = +3V
2.1
V
Pin Capacitance
3pF
POWER REQUIREMENTS
AV
DD
2.7
5.5
V
IOV
DD
2.7
5.5
V
AIDD (normal mode)
DAC Active and Excluding Load Current
IOIDD
10
20
µA
AI
DD = +3.6V to +5.5V
V
IH = IOVDD and VIL = GND
0.95
1.6
mA
AI
DD = +2.7V to +3.6V
V
IH = IOVDD and VIL = GND
0.9
1.5
mA
AI
DD (all power-down modes)
AI
DD = +3.6V to +5.5V
V
IH = IOVDD and VIL = GND
0.8
1
µA
AI
DD = +2.7V to +3.6V
V
IH = IOVDD and VIL = GND
0.05
1
µA
POWER EFFICIENCY
IOUT/IDD
ILOAD = 2mA, AVDD = +5V
89
%
TEMPERATURE RANGE
Specified Performance
–40
+105
°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ELECTRICAL CHARACTERISTICS (Cont.)
AV
DD = +2.7V to +5.5V, –40°C to +105°C, unless otherwise specified.
DAC8534
NOTES: (1) Linearity calculated using a reduced code range of 485 to 64714; output unloaded. (2) Ensured by design and characterization, not production tested.
PIN
NAME
DESCRIPTION
1VOUTA
Analog output voltage from DAC A.
2VOUTB
Analog output voltage from DAC B.
2VREFH
Positive reference voltage input.
4AVDD
Power supply input, +2.7V to +5.5V.
5VREFL
Negative reference voltage input.
6
GND
Ground reference point for all circuitry on the part.
7VOUTC
Analog output voltage from DAC C.
8VOUTD
Analog output voltage from DAC D.
9
SYNC
Level-triggered control input (active LOW). This is
the frame synchronization signal for the input data.
When SYNC goes LOW, it enables the input shift
register and data is transferred in on the falling
edges of the following clocks. The DAC is updated
following the 24th clock (unless SYNC is taken
HIGH before this edge in which case the rising edge
of SYNC acts as an interrupt and the write sequence
is ignored by the DAC8534).
10
SCLK
Serial Clock Input. Data can be transferred at rates
up to 30MHz.
11
DIN
Serial Data Input. Data is clocked into the 24-bit
input shift register on each falling edge of the serial
clock input.
12
IOVDD
Digital Input-Output Power Supply
13
A0
Address 0 — sets device address, see Table II.
14
A1
Address 1 — sets device address, see Table II.
15
ENABLE
Active LOW, ENABLE LOW connects the SPI inter-
face to the serial port.
16
LDAC
Load DACs, rising edge triggered loads all DAC
registers.
PIN DESCRIPTIONS
PIN CONFIGURATION
Top View
TSSOP
V
OUTA
V
OUTB
V
REFH
AV
DD
V
REFL
GND
V
OUTC
V
OUTD
LDAC
ENABLE
A1
A0
IOV
DD
D
IN
SCLK
SYNC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
DAC8534


Similar Part No. - DAC8534

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8534IPW TI1-DAC8534IPW Datasheet
735Kb / 24P
[Old version datasheet]   Quad Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8534IPWG4 TI1-DAC8534IPWG4 Datasheet
735Kb / 24P
[Old version datasheet]   Quad Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8534IPWR TI1-DAC8534IPWR Datasheet
735Kb / 24P
[Old version datasheet]   Quad Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8534IPWRG4 TI1-DAC8534IPWRG4 Datasheet
735Kb / 24P
[Old version datasheet]   Quad Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC8534

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8534IPWRG4 TI1-DAC8534IPWRG4 Datasheet
735Kb / 24P
[Old version datasheet]   Quad Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8532IDGKG4 TI1-DAC8532IDGKG4 Datasheet
826Kb / 23P
[Old version datasheet]   Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8532IDGKG4 TI-DAC8532IDGKG4 Datasheet
812Kb / 23P
[Old version datasheet]   Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8532 BURR-BROWN-DAC8532 Datasheet
402Kb / 17P
   Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7734 TI1-DAC7734_14 Datasheet
1Mb / 31P
[Old version datasheet]   16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7734 BURR-BROWN-DAC7734 Datasheet
1Mb / 24P
   16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8532 TI-DAC8532_15 Datasheet
1Mb / 27P
[Old version datasheet]   DAC8532 Dual Channel, 16-Bit, Low Power, Serial Input Digital-To-Analog Converter
logo
Burr-Brown (TI)
PCM56P BURR-BROWN-PCM56P Datasheet
94Kb / 9P
   Serial Input 16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com