Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC7714 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7714
Description  Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7714 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC7714 Datasheet HTML 6Page - Texas Instruments DAC7714 Datasheet HTML 7Page - Texas Instruments DAC7714 Datasheet HTML 8Page - Texas Instruments DAC7714 Datasheet HTML 9Page - Texas Instruments DAC7714 Datasheet HTML 10Page - Texas Instruments DAC7714 Datasheet HTML 11Page - Texas Instruments DAC7714 Datasheet HTML 12Page - Texas Instruments DAC7714 Datasheet HTML 13Page - Texas Instruments DAC7714 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
®
10
DAC7714
TYPICAL PERFORMANCE CURVES: VSS = –15V (Cont.)
At TA = +25°C, VCC = +15V, VSS = –15V, VREFH = +10V, VREFL = –10V, representative unit, unless otherwise specified.
–30 –20 –10 0
10 20
30
40 50
60 70
80
90
–40
Temperature (
°C)
NEGATIVE FULL-SCALE ERROR vs TEMPERATURE
(Code 000
H)
DAC A
DAC C
DAC D
DAC B
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
8
6
4
2
0
–2
–4
–6
–8
Data = FFF
H (all DACs)
No Load
POWER SUPPLY CURRENT vs TEMPERATURE
Temperature (
°C)
–40 –30 –20 –10
0
10 20
30
40 50
60
70 80 90
I
CC
I
SS
15
10
5
0
–5
–10
–15
R
LOAD (kΩ)
0.01
0.1
1
10
100
OUTPUT VOLTAGE vs R
LOAD
Sink
Source
SUPPLY CURRENT vs CODE
8
6
4
2
0
–2
–4
–6
–8
I
SS
200
H
400
H
600
H
800
H
A00
H
C00
H
E00
H
FFF
H
000
H
Digital Input Code
I
CC
No Load, All 4 DACs Set to Indicated Code
OUTPUT VOLTAGE vs SETTLING TIME
(–10V to +10V)
Time (2
µs/div)
Large Signal
Settling Time: 5V/div
Small Signal
Settling Time: 0.5LSB/div
+5V
LOADDACS
0
OUTPUT VOLTAGE vs SETTLING TIME
(+10V to –10V)
Time (2
µs/div)
Small Signal
Settling Time: 0.5LSB/div
Large Signal
Settling Time: 5V/div
+5V
LOADDACS
0


Similar Part No. - DAC7714

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7714 TI1-DAC7714 Datasheet
786Kb / 20P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7714U TI1-DAC7714U Datasheet
786Kb / 20P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7714U/1K TI1-DAC7714U/1K Datasheet
786Kb / 20P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7714UB TI1-DAC7714UB Datasheet
786Kb / 20P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7714UB/1K TI1-DAC7714UB/1K Datasheet
786Kb / 20P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7714

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7616 TI1-DAC7616_15 Datasheet
849Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7617 TI1-DAC7617_14 Datasheet
858Kb / 18P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7715 BURR-BROWN-DAC7715 Datasheet
411Kb / 15P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7615 BURR-BROWN-DAC7615 Datasheet
485Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7616 BURR-BROWN-DAC7616 Datasheet
292Kb / 13P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7614 TI1-DAC7614 Datasheet
503Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7715 TI1-DAC7715_15 Datasheet
977Kb / 20P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7617 BURR-BROWN-DAC7617 Datasheet
302Kb / 14P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7714 TI1-DAC7714_15 Datasheet
786Kb / 20P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com