Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC78L05ACPG Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC78L05ACPG
Description  100 mA Positive Voltage Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78L05ACPG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC78L05ACPG Datasheet HTML 4Page - ON Semiconductor MC78L05ACPG Datasheet HTML 5Page - ON Semiconductor MC78L05ACPG Datasheet HTML 6Page - ON Semiconductor MC78L05ACPG Datasheet HTML 7Page - ON Semiconductor MC78L05ACPG Datasheet HTML 8Page - ON Semiconductor MC78L05ACPG Datasheet HTML 9Page - ON Semiconductor MC78L05ACPG Datasheet HTML 10Page - ON Semiconductor MC78L05ACPG Datasheet HTML 11Page - ON Semiconductor MC78L05ACPG Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
MC78L00A Series, NCV78L00A
www.onsemi.com
8
APPLICATIONS INFORMATION
Design Considerations
The MC78L00A Series of fixed voltage regulators are
designed with Thermal Overload Protection that shuts
down the circuit when subjected to an excessive power
overload condition. Internal Short Circuit Protection limits
the maximum current the circuit will pass.
In
many
low
current
applications,
compensation
capacitors are not required. However, it is recommended
that the regulator input be bypassed with a capacitor if the
regulator is connected to the power supply filter with long
wire lengths, or if the output load capacitance is large. The
input bypass capacitor should be selected to provide good
high−frequency characteristics to insure stable operation
under all load conditions. A 0.33
mF or larger tantalum,
mylar, or other capacitor having low internal impedance at
high frequencies should be chosen. The bypass capacitor
should be mounted with the shortest possible leads directly
across the regulators input terminals. Good construction
techniques should be used to minimize ground loops and
lead resistance drops since the regulator has no external
sense lead. Bypassing the output is also recommended.
Figure 9. Current Regulator
Figure 10.
+15 V Tracking Voltage Regulator
The MC78L00 regulators can also be used as a current source
when connected as above. In order to minimize dissipation the
MC78L05C is chosen in this application. Resistor R determines
the current as follows:
For example, a 100 mA current source would require R to be a
50
W, 1/2 W resistor and the output voltage compliance would be
the input voltage less 7 V.
IO =
5.0 V
+ IB
IIB = 3.8 mA over line and load changes
Input
0.33
mF
R
IO
MC78L05A
Constant
Current to
Grounded Load
-
+
MC1741
+20V
0.33
mF
MC78L15A
+VO
10k
10k
-VO
7
6
2
3
4
6.5
20V
MPS A70
MPS U55
0.33
mF
0.33
mF
+VI
-VI
MC78LXXA
MC79LXXA
+VO
-VO
0.33
mF
0.1
mF
0.1
mF
R
Figure 11. Positive and Negative Regulator


Similar Part No. - MC78L05ACPG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78L05ACPG ONSEMI-MC78L05ACPG Datasheet
101Kb / 16P
   Three-Terminal Low Current Positive Voltage Regulators
December, 2004 ??Rev. 9
MC78L05ACPG ONSEMI-MC78L05ACPG Datasheet
125Kb / 16P
   100 mA Positive Voltage Regulators
May, 2005 ??Rev. 10
MC78L05ACPG ONSEMI-MC78L05ACPG Datasheet
194Kb / 18P
   100 mA Positive Voltage Regulators
January, 2010 ??Rev. 15
MC78L05ACPG ONSEMI-MC78L05ACPG Datasheet
173Kb / 14P
   100 mA Positive Voltage Regulators
May, 2013 ??Rev. 16
More results

Similar Description - MC78L05ACPG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM78L00 ETC1-GM78L00 Datasheet
140Kb / 7P
   100 mA POSITIVE VOLTAGE REGULATORS
logo
ON Semiconductor
MC78L00A ONSEMI-MC78L00A_V01 Datasheet
360Kb / 19P
   Positive Voltage Regulators 100 mA
August, 2021 - Rev. 20
NCV78L00A ONSEMI-NCV78L00A Datasheet
125Kb / 16P
   100 mA Positive Voltage Regulators
May, 2005 ??Rev. 10
MC78L00A ONSEMI-MC78L00A_10 Datasheet
194Kb / 18P
   100 mA Positive Voltage Regulators
January, 2010 ??Rev. 15
MC78L18ABPG ONSEMI-MC78L18ABPG Datasheet
173Kb / 14P
   100 mA Positive Voltage Regulators
May, 2013 ??Rev. 16
logo
Suntac Electronic Corp.
STC78L00 SUNTAC-STC78L00 Datasheet
111Kb / 7P
   100 mA Positive oltage Regulators
logo
ON Semiconductor
MC78M09BDTRK ONSEMI-MC78M09BDTRK_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
MC78M00 ONSEMI-MC78M00_06 Datasheet
154Kb / 16P
   500 mA Positive Voltage Regulators
August, 2006 ??Rev. 18
MC78M00 ONSEMI-MC78M00_16 Datasheet
137Kb / 15P
   500 mA Positive Voltage Regulators
March, 2016 ??Rev. 28
NCV78M05BDTRKG ONSEMI-NCV78M05BDTRKG Datasheet
209Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com