Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC78M05ABTG Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC78M05ABTG
Description  500 mA Positive Voltage Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78M05ABTG Datasheet(HTML) 2 Page - ON Semiconductor

  MC78M05ABTG Datasheet HTML 1Page - ON Semiconductor MC78M05ABTG Datasheet HTML 2Page - ON Semiconductor MC78M05ABTG Datasheet HTML 3Page - ON Semiconductor MC78M05ABTG Datasheet HTML 4Page - ON Semiconductor MC78M05ABTG Datasheet HTML 5Page - ON Semiconductor MC78M05ABTG Datasheet HTML 6Page - ON Semiconductor MC78M05ABTG Datasheet HTML 7Page - ON Semiconductor MC78M05ABTG Datasheet HTML 8Page - ON Semiconductor MC78M05ABTG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MC78M00, MC78M00A, NCV78M00 Series
www.onsemi.com
2
MAXIMUM RATINGS (TA = 25°C, unless otherwise noted) (Note 1)
Rating
Symbol
Value
Unit
Input Voltage
(5.0 V−18 V)
(20 V−24V)
VI
35
40
Vdc
Power Dissipation (Package Limitation)
Plastic Package, T Suffix
TA = 25°C
Thermal Resistance, Junction-to-Air
Thermal Resistance, Junction-to-Case
Plastic Package, DT Suffix
TA = 25°C
Thermal Resistance, Junction-to-Air
Thermal Resistance, Junction-to-Case
PD
qJA
qJC
PD
qJA
qJC
Internally Limited
70
5.0
Internally Limited
92
5.0
°C/W
Operating Junction Temperature Range
TJ
+150
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. This device series contains ESD protection and exceeds the following tests:
Human Body Model 2000 V per MIL−STD−883, Method 3015.
Machine Model Method 200 V.
MC78M05C/AC/B/AB, NCV78M05AB/B ELECTRICAL CHARACTERISTICS
(VI = 10 V, IO = 350 mA, TJ = Tlow to Thigh, PD ≤ 5 W, unless otherwise noted) (Note 2)
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = 25°C)
MC78M05B/MC78M05C/NCV78M05B
MC78M05AB/MC78M05AC/NCV78M05AB
VO
4.8
4.9
5.0
5.0
5.2
5.1
Vdc
Output Voltage Variation (7.0 Vdc
≤ VI ≤ 20 Vdc, 5.0 mA ≤ IO ≤ 350 mA)
MC78M05B/MC78M05C/NCV78M05B
MC78M05AB/MC78M05AC/NCV78M05AB
VO
4.75
4.80
5.25
5.20
Vdc
Line Regulation (TJ = 25°C, 7.0 Vdc ≤ VI ≤ 25 Vdc, IO = 200 mA)
Regline
3.0
50
mV
Load Regulation
(TJ = 25°C, 5.0 mA ≤ IO ≤ 500 mA)
(TJ = 25°C, 5.0 mA ≤ IO ≤ 200 mA)
Regload
20
10
100
50
mV
Input Bias Current (TJ = 25°C)
IIB
3.2
6.0
mA
Quiescent Current Change
(8.0 Vdc
≤ VI ≤ 25 Vdc, IO = 200 mA)
(5.0 mA
≤ IO ≤ 350 mA)
DIIB
0.8
0.5
mA
Output Noise Voltage (TA = 25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
40
mV
Ripple Rejection
(IO = 100 mA, f = 120 Hz, 8.0 V ≤ VI ≤ 18 V)
(IO = 300 mA, f = 120 Hz, 8.0 ≤ VI ≤ 18 V, TJ = 25°C)
RR
62
62
80
dB
Dropout Voltage (TJ = 25°C)
VI−VO
2.0
Vdc
Short Circuit Current Limit (TJ = 25°C, VI = 35 V)
IOS
350
mA
Average Temperature Coefficient of Output Voltage (IO = 5.0 mA)
DVO/DT
±0.2
mV/
°C
Peak Output Current
(TJ = 25°C)
IO
700
mA
2. Tlow =0°C for MC78MxxAC, C
= −40
°C for MC78MxxAB, B, NCV78MxxAB, B
Thigh = +125°C for MC78MxxAB, AC, B, C, NCV78MxxAB, B


Similar Part No. - MC78M05ABTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78M05ABTG ONSEMI-MC78M05ABTG Datasheet
153Kb / 16P
   500 mA Positive Voltage Regulators
November, 2005 ??Rev. 16
MC78M05ABTG ONSEMI-MC78M05ABTG Datasheet
154Kb / 16P
   500 mA Positive Voltage Regulators
August, 2006 ??Rev. 18
MC78M05ABTG ONSEMI-MC78M05ABTG Datasheet
209Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
More results

Similar Description - MC78M05ABTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78M09BDTRK ONSEMI-MC78M09BDTRK_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
MC78M00 ONSEMI-MC78M00_06 Datasheet
154Kb / 16P
   500 mA Positive Voltage Regulators
August, 2006 ??Rev. 18
NCV78M05BDTRKG ONSEMI-NCV78M05BDTRKG Datasheet
209Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
MC78M00 ONSEMI-MC78M00 Datasheet
153Kb / 16P
   500 mA Positive Voltage Regulators
November, 2005 ??Rev. 16
MC78M00 ONSEMI-MC78M00_V01 Datasheet
309Kb / 14P
   500 mA Positive Voltage Regulators
November, 2021 - Rev. 29
NCV78M12BDTRKG ONSEMI-NCV78M12BDTRKG Datasheet
230Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
MC78M09BDTG ONSEMI-MC78M09BDTG_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
logo
Texas Instruments
LM341 TI1-LM341_17 Datasheet
1Mb / 22P
[Old version datasheet]   3-Terminal 500-mA Positive Voltage Regulators
logo
ON Semiconductor
MC79M08BDTG ONSEMI-MC79M08BDTG Datasheet
141Kb / 9P
   500 mA Negative Voltage Regulators
July, 2013 ??Rev. 15
MC79M00 ONSEMI-MC79M00 Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com