Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC78LC30HT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC78LC30HT1G
Description  Micropower Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78LC30HT1G Datasheet(HTML) 3 Page - ON Semiconductor

  MC78LC30HT1G Datasheet HTML 1Page - ON Semiconductor MC78LC30HT1G Datasheet HTML 2Page - ON Semiconductor MC78LC30HT1G Datasheet HTML 3Page - ON Semiconductor MC78LC30HT1G Datasheet HTML 4Page - ON Semiconductor MC78LC30HT1G Datasheet HTML 5Page - ON Semiconductor MC78LC30HT1G Datasheet HTML 6Page - ON Semiconductor MC78LC30HT1G Datasheet HTML 7Page - ON Semiconductor MC78LC30HT1G Datasheet HTML 8Page - ON Semiconductor MC78LC30HT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MC78LC00 Series
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS (Vin = Vout(nom.) + 1.0 V, Cin = 1.0 mF, Cout = 1.0 mF, TJ = 25°C, unless otherwise noted.) (Note 5)
NTR SUFFIX
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (TA = 25
°C, Iout = 1.0 mA)
1.5 V
1.8 V
2.5 V
2.7 V
2.8 V
3.0 V
3.3 V
4.0 V
5.0 V
Vout
1.455
1.746
2.425
2.646
2.744
2.94
3.234
3.9
4.90
1.5
1.8
2.5
2.7
2.8
3.0
3.3
4.0
5.0
1.545
1.854
2.575
2.754
2.856
3.06
3.366
4.1
5.10
V
Output Voltage (TA = −40
°C to 85°C)
1.5 V
1.8 V
2.5 V
2.7 V
2.8 V
3.0 V
3.3 V
4.0 V
5.0 V
Vout
1.455
1.746
2.425
2.619
2.716
2.910
3.201
3.9
4.90
1.5
1.8
2.5
2.7
2.8
3.0
3.3
4.0
5.0
1.545
1.854
2.575
2.781
2.884
3.09
3.399
4.1
5.10
V
Line Regulation (Vin = VO(nom.) + 1.0 V to 12 V, Iout = 1.0 mA)
Regline
0.05
0.2
%/V
Load Regulation (Iout = 1.0 mA to 10 mA)
Regload
40
60
mV
Output Current (Note 6)
1.5 V, 1.8 V (Vin = 4.0 V)
2.5 V, 2.7 V, 2.8 V, 3.0 V (Vin = 5.0 V)
3.3 V (Vin = 6.0 V)
4.0 V (Vin = 7.0 V)
5.0 V (Vin = 8.0 V)
Iout
35
50
50
80
80
50
80
80
80
100
mA
Dropout Voltage (Iout = 1.0 mA, Measured at Vout −3.0%)
1.5 V
1.6 V−3.2 V
3.3 V−3.9 V
4.0 V−5.0 V
Vin−Vout
35
30
30
30
70
60
53
38
mV
Quiescent Current (Iout = 1.0 mA to IO(nom.))
IQ
1.1
3.6
mA
Output Voltage Temperature Coefficient
Tc
"100
ppm/
°C
Output Noise Voltage (f = 1.0 kHz to 100 kHz)
Vn
89
mVrms
1. This device series contains ESD protection and exceeds the following tests:
Human Body Model 2000 V per MIL−STD−883, Method 3015
Machine Model Method 200 V
2. Latch up capability (85
°C) "100 mA
3. Maximum package power dissipation limits must be observed.
PD
+
TJ(max) * TA
R
qJA
4. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
5. Low duty pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
6. Output Current is measured when Vout = VO1 − 3% where VO1 = Vout at Iout = 0 mA.


Similar Part No. - MC78LC30HT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78LC30HT1G ONSEMI-MC78LC30HT1G Datasheet
104Kb / 14P
   MICROPOWER ULTRA-LOW QUIESCENT CURRENT VOLTAGE REGULATORS
March, 2005 ??Rev. 8
MC78LC30HT1G ONSEMI-MC78LC30HT1G Datasheet
100Kb / 12P
   Micropower Voltage Regulator
January, 2006 ??Rev. 9
MC78LC30HT1G ONSEMI-MC78LC30HT1G Datasheet
148Kb / 12P
   Micropower Voltage Regulator
January, 2009 ??Rev. 10
More results

Similar Description - MC78LC30HT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78BC00 ONSEMI-MC78BC00 Datasheet
60Kb / 8P
   Micropower Voltage Regulator
January, 2003 - Rev. 4
MC78FC00 ONSEMI-MC78FC00 Datasheet
55Kb / 8P
   Micropower Voltage Regulator
April, 2001 ??Rev. 2
MC78LC00 ONSEMI-MC78LC00_09 Datasheet
148Kb / 12P
   Micropower Voltage Regulator
January, 2009 ??Rev. 10
MC78LC00 ONSEMI-MC78LC00_06 Datasheet
100Kb / 12P
   Micropower Voltage Regulator
January, 2006 ??Rev. 9
MC78FC00 ONSEMI-MC78FC00_09 Datasheet
145Kb / 5P
   Micropower Voltage Regulator
December, 2009 ??Rev. 7
logo
Texas Instruments
SM72238 TI1-SM72238_14 Datasheet
1Mb / 17P
[Old version datasheet]   Micropower Voltage Regulator
logo
Fairchild Semiconductor
RC2951 FAIRCHILD-RC2951 Datasheet
103Kb / 11P
   Adjustable Micropower Voltage Regulator
logo
National Semiconductor ...
SM72238 NSC-SM72238 Datasheet
404Kb / 12P
   SolarMagic Micropower Voltage Regulator
logo
ON Semiconductor
MC33275 ONSEMI-MC33275 Datasheet
197Kb / 12P
   LOW DROPOUT MICROPOWER VOLTAGE REGULATOR
March, 2000 ??Rev. 4
MC33375 ONSEMI-MC33375 Datasheet
213Kb / 12P
   LOW DROPOUT MICROPOWER VOLTAGE REGULATOR
March, 2000 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com