Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY29940 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY29940
Description  2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29940 Datasheet(HTML) 7 Page - Cypress Semiconductor

  CY29940 Datasheet HTML 1Page - Cypress Semiconductor CY29940 Datasheet HTML 2Page - Cypress Semiconductor CY29940 Datasheet HTML 3Page - Cypress Semiconductor CY29940 Datasheet HTML 4Page - Cypress Semiconductor CY29940 Datasheet HTML 5Page - Cypress Semiconductor CY29940 Datasheet HTML 6Page - Cypress Semiconductor CY29940 Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
CY29940
Document #: 38-07283 Rev. *B
Page 7 of 7
Document Title: CY29940 2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
Document Number: 38-07283
REV.
ECN NO.
Issue
Date
Orig. of
Change
Description of Change
**
111094
02/01/02
BRK
New data sheet
*A
116776
08/15/02
HWT
Incorporate results of final characterization using corporate methods, added
output impedance on page 3 and added output duty cycle on page 4.
Add commercial temperature range in the ordering information on page 6.
*B
122875
12/21/02
RBI
Add power up requirements to maximum rating information


Similar Part No. - CY29940

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29940 CYPRESS-CY29940 Datasheet
256Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29940 CYPRESS-CY29940 Datasheet
392Kb / 10P
   2.5 V or 3.3 V, 200-MHz, 1:18 Clock Distribution Buffer 200-MHz clock support
CY29940-1 CYPRESS-CY29940-1 Datasheet
200Kb / 7P
   2.5V or 3.3V, 200-MHz 1:18 Clock Distribution Buffer
CY29940AC CYPRESS-CY29940AC Datasheet
256Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29940AC-1 CYPRESS-CY29940AC-1 Datasheet
200Kb / 7P
   2.5V or 3.3V, 200-MHz 1:18 Clock Distribution Buffer
More results

Similar Description - CY29940

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29940-1 CYPRESS-CY29940-1 Datasheet
200Kb / 7P
   2.5V or 3.3V, 200-MHz 1:18 Clock Distribution Buffer
CY29943 CYPRESS-CY29943 Datasheet
188Kb / 7P
   2.5V or 3.3V 200-MHz 1:18 Clock Distribution Buffer
CY29942 CYPRESS-CY29942 Datasheet
184Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
B9940L CYPRESS-B9940L Datasheet
182Kb / 5P
   2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29940 CYPRESS-CY29940_06 Datasheet
256Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29947 CYPRESS-CY29947 Datasheet
103Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:9 Clock Distribution Buffer
CY29946 CYPRESS-CY29946 Datasheet
111Kb / 6P
   2.5V or 3.3V, 200-MHz, 1:10 Clock Distribution Buffer
CY29948 CYPRESS-CY29948_06 Datasheet
191Kb / 8P
   2.5V or 3.3V, 200-MHz, 1:12 Clock Distribution Buffer
CY29948 CYPRESS-CY29948 Datasheet
108Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:12 Clock Distribution Buffer
CY29949 CYPRESS-CY29949_08 Datasheet
328Kb / 7P
   2.5V or 3.3V 200 MHz 1:15 Clock Distribution Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com