Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2280 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY2280
Description  100-MHz Pentium II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2280 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY2280 Datasheet HTML 4Page - Cypress Semiconductor CY2280 Datasheet HTML 5Page - Cypress Semiconductor CY2280 Datasheet HTML 6Page - Cypress Semiconductor CY2280 Datasheet HTML 7Page - Cypress Semiconductor CY2280 Datasheet HTML 8Page - Cypress Semiconductor CY2280 Datasheet HTML 9Page - Cypress Semiconductor CY2280 Datasheet HTML 10Page - Cypress Semiconductor CY2280 Datasheet HTML 11Page - Cypress Semiconductor CY2280 Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CY2280
Document #: 38-07207 Rev. *A
Page 10 of 12
Test Circuit
3, 6, 12, 18, 20, 24, 32, 34, 38, 43
9, 15, 19, 21, 33, 48
VDDPCI, VDDCORE,
CLOAD
OUTPUTS
0.1
µF
0.1
µF
VDDCPU, VDDAPIC
Notes:
CY2280
37, 41, 46
Each supply pin must have an individual decoupling capacitor.
All capacitors must be placed as close to the pins as is possible.
VDDUSB, VDDREF
Ordering Information
Ordering Code
Package Name
Package Type
Operating Range
CY2280PVC-1
O48
48-Pin SSOP
Commercial
CY2280PVC-11S
O48
48-Pin SSOP
Commercial
CY2280PVC-21S
O48
48-Pin SSOP
Commercial


Similar Part No. - CY2280

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY2280 SPECTRALINEAR-CY2280 Datasheet
170Kb / 11P
   100 MHz Pentium짰 II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
logo
Cypress Semiconductor
CY22800 CYPRESS-CY22800 Datasheet
182Kb / 8P
   Universal Programmable Clock Generator (UPCG)
CY22800 CYPRESS-CY22800 Datasheet
547Kb / 10P
   Universal Programmable Clock Generator (UPCG)
CY22800-001A CYPRESS-CY22800-001A Datasheet
547Kb / 10P
   Universal Programmable Clock Generator (UPCG)
CY22800-002A CYPRESS-CY22800-002A Datasheet
547Kb / 10P
   Universal Programmable Clock Generator (UPCG)
More results

Similar Description - CY2280

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY2280 SPECTRALINEAR-CY2280 Datasheet
170Kb / 11P
   100 MHz Pentium짰 II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
logo
Pericom Semiconductor C...
PI6C104 PERICOM-PI6C104 Datasheet
560Kb / 14P
   Spread Spectrum Clock Synthesizer for Desktop Pentium II
logo
Cypress Semiconductor
CY2285 CYPRESS-CY2285 Datasheet
123Kb / 9P
   100-MHz Pentium짰II Clock Synthesizer/Driver with Spread Spectrum for Mobile PCs
W320-03 CYPRESS-W320-03_05 Datasheet
302Kb / 18P
   200-MHz Spread Spectrum Clock Synthesizer/Driver
logo
Pericom Semiconductor C...
PI6C3420A PERICOM-PI6C3420A Datasheet
492Kb / 5P
   27 MHz Spread Spectrum Clock Synthesizer
logo
Cypress Semiconductor
W161 CYPRESS-W161 Datasheet
117Kb / 9P
   133-MHz Spread Spectrum FTG for Pentium II Platforms
W167B CYPRESS-W167B Datasheet
180Kb / 18P
   133-MHz Spread Spectrum FTG for Pentium II Platforms
logo
Renesas Technology Corp
ICS650-47 RENESAS-ICS650-47 Datasheet
417Kb / 12P
   SPREAD SPECTRUM CLOCK SYNTHESIZER
REV B 082305
logo
Cypress Semiconductor
CY2287 CYPRESS-CY2287 Datasheet
148Kb / 13P
   100-MHz Spread Spectrum Clock Synthesizer/Driver with USB, Hublink, and SDRAM Support
logo
Silicon Laboratories
W320-04 SILABS-W320-04 Datasheet
170Kb / 16P
   200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com