Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLP150H-9691 Datasheet(PDF) 4 Page - Artesyn Technologies

Part # NLP150H-9691
Description  Single, dual, triple and quad output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NLP150H-9691 Datasheet(HTML) 4 Page - Artesyn Technologies

  NLP150H-9691 Datasheet HTML 1Page - Artesyn Technologies NLP150H-9691 Datasheet HTML 2Page - Artesyn Technologies NLP150H-9691 Datasheet HTML 3Page - Artesyn Technologies NLP150H-9691 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ALL DIMENSIONS IN INCHES (mm)
5.175
(131.445)
5.500
(139.70)
2.275
(57.785)
2.300
(58.42)
2.80
(71.12)
0.35
(8.89)
7.50
(190.50)
6.05
(153.67)
5.625
(142.875)
0.22
(5.59)
0.41
(10.41)
0.138 (3.505)
32-UNC-2B (10 PLACES) (3 EACH
SIDE, 4 ON BOTTOM)
1/4" max. Thread penetration -Typ.
0.156 (3.96) (4 PLS)
1.775
(45.09)
1.825
(46.36)
0.38
(9.65)
0.59
(14.99)
0.48
(12.19)
1.750
(44.45)
OUTPUT CABLE ASSEMBLY
P1 MAIN OUTPUT - 6 INCHES LONG
P4-6 SIG OUTPUTS - 8 INCHES LONG
3.10
(78.74)
2.57
(65.28)
3.00
(76.20)
0.63
(16.00)
6.50
(165.1)
1.50
(38.10)
40mm INTERNAL FAN
2.09
(53.09)
2.000
(50.8)
0.50
(12.70)
0.691
(17.55)
AIR FLOW
THIRD ANGLE
PROJECTION
IEC - 380
AC INLET
0.138 (3.505)
32-UNC-2B (2 PLACES)
Tolerances unless otherwise specified
.xx
=
± 0.02
.xxx
=
± 0.010
0.94
(23.88)
0.14
(3.56)
14
7
8
1
P1 OUTPUT POWER CONNECTOR
MATING END OF CONNECTOR
SHOWN
Enclosed mechanical drawing
Signal pin assignment (P4, P5, P6)
Three two-pin Molex mini-fit connectors (P/N: 39-01-4031) with 0.165 inch
spacing or equivalent with Molex crimp terminals (P/N: 39-00-0039) or
equivalent. The pin assignment is summarized in the following tables.
Pin numbering is from right to left facing the connector.
PIN CONNECTIONS
P4 (ALL MODELS)
Pin 1
- Sense VA
Pin 2
+ Sense VA
Pin 3
No Connection
PIN CONNECTIONS
P5 (ALL MODELS)
Pin 1
VA Return
Pin 2
No Connection
Pin 3
Power Good
PIN CONNECTIONS
P6 (ALL MODELS)
Pin 1
No Connection
Pin 2
- Sense VB
Pin 3
+ Sense VB
1
3
P4 Va Sense
1
3
P5 Power Good
1
3
P6 Vb Sense
Output pin assignment (P1)
Molex mini-fit connector (P/N: 39-01-2145) or equivalent with Molex crimp
terminals (P/N: 39-00-0059) or equivalent. The pin assignment is summarized
below.
125 to 150 Watt
AC/DC universal input switch mode power supplies
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
|
125-150W AC/DC
PAGE 61
http://www.artesyn.com
OUTPUT PIN CONNECTIONS
P1
SINGLE
DUAL
TRIPLE
QUAD
Pin 1
Return
Return
Return
Return
Pin 2
Return
Return
Return
Return
Pin 3
Return
Return
Return
Return
Pin 4
VA
VB
VB
VB
Pin 5
VA
VB
VB
VB
Pin 6
VA
VB
VB
VB
Pin 7
VA
VB
VC
VD
Pin 8
Return
Return
No Connect.
VC
Pin 9
Return
Return
Return
Return
Pin 10
Return
Return
Return
Return
Pin 11
Return
Return
Return
Return
Pin 12
VA
VA
VA
VA
Pin 13
VA
VA
VA
VA
Pin 14
VA
VA
VA
VA
Data Sheet © Artesyn Technologies® 2000
The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
1


Similar Part No. - NLP150H-9691

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NLP150L ARTESYN-NLP150L Datasheet
56Kb / 3P
   LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
logo
Emerson Network Power
NLP150L EMERSON-NETWORKPOWER-NLP150L Datasheet
88Kb / 3P
   110-150 W AC/DC Universal Input Switch Mode Power Supplies
logo
Artesyn Technologies
NLP150L-96Q5366 ARTESYN-NLP150L-96Q5366 Datasheet
61Kb / 3P
   LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
NLP150L-96S3 ARTESYN-NLP150L-96S3 Datasheet
56Kb / 3P
   LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
logo
Emerson Network Power
NLP150L-96S3J EMERSON-NETWORKPOWER-NLP150L-96S3J Datasheet
88Kb / 3P
   110-150 W AC/DC Universal Input Switch Mode Power Supplies
More results

Similar Description - NLP150H-9691

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NLP65-7608J ARTESYN-NLP65-7608J Datasheet
614Kb / 5P
   Single, Dual and Triple Output
NLP40-76T366J ARTESYN-NLP40-76T366J Datasheet
607Kb / 5P
   Single, Dual and Triple Output
NAL25-7608 ARTESYN-NAL25-7608 Datasheet
70Kb / 2P
   Single, dual and triple output
NLP65-9605GJ ARTESYN-NLP65-9605GJ Datasheet
614Kb / 5P
   Single, Dual and Triple Output
logo
Zetex Semiconductors
ZXFV201 ZETEX-ZXFV201_07 Datasheet
308Kb / 10P
   Quad, single, triple and dual video amplifiers
ZXFVX ZETEX-ZXFVX Datasheet
298Kb / 10P
   Quad, single, triple and dual video amplifiers
logo
Artesyn Technologies
CL40 ARTESYN-CL40 Datasheet
49Kb / 2P
   Single and triple output
NFS40-7607 ARTESYN-NFS40-7607 Datasheet
461Kb / 4P
   SIngle and triple output
logo
List of Unclassifed Man...
NFN40 ETC-NFN40 Datasheet
49Kb / 3P
   Single and triple output
logo
Emerson Network Power
NFS110-7902P EMERSON-NETWORKPOWER-NFS110-7902P Datasheet
426Kb / 5P
   Single and quad output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com