Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1399B Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1399B
Description  32K x 8 3.3V Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1399B Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1399B Datasheet HTML 2Page - Cypress Semiconductor CY7C1399B Datasheet HTML 3Page - Cypress Semiconductor CY7C1399B Datasheet HTML 4Page - Cypress Semiconductor CY7C1399B Datasheet HTML 5Page - Cypress Semiconductor CY7C1399B Datasheet HTML 6Page - Cypress Semiconductor CY7C1399B Datasheet HTML 7Page - Cypress Semiconductor CY7C1399B Datasheet HTML 8Page - Cypress Semiconductor CY7C1399B Datasheet HTML 9Page - Cypress Semiconductor CY7C1399B Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CY7C1399B
Document #: 38-05071 Rev. *C
Page 8 of 10
l product and comany names mentioned in this document may be the trademarks of their respective holders.
Truth Table
CE
WE
OE
Input/Output
Mode
Power
H
X
X
High Z
Deselect/Power-Down
Standby (ISB)
L
H
L
Data Out
Read
Active (ICC)
L
L
X
Data In
Write
Active (ICC)
L
H
H
High Z
Deselect, Output Disabled
Active (ICC)
Ordering Information
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
10
CY7C1399B-10VC
V21
28-Lead Molded SOJ
Commercial
CY7C1399B-10ZC
Z28
28-Lead Thin Small Outline Package
CY7C1399BL-10VC
V21
28-Lead Molded SOJ
CY7C1399BL-10ZC
Z28
28-Lead Thin Small Outline Package
12
CY7C1399B-12VC
V21
28-Lead Molded SOJ
CY7C1399B-12ZC
Z28
28-Lead Thin Small Outline Package
CY7C1399BL-12VC
V21
28-Lead Molded SOJ
CY7C1399BL-12ZC
Z28
28-Lead Thin Small Outline Package
CY7C1399B-12VI
V21
28-Lead Molded SOJ
Industrial
CY7C1399B-12ZI
Z28
28-Lead Thin Small Outline Package
15
CY7C1399B-15VC
V21
28-Lead Molded SOJ
Commercial
CY7C1399B-15ZC
Z28
28-Lead Thin Small Outline Package
CY7C1399BL-15VC
V21
28-Lead Molded SOJ
CY7C1399BL-15ZC
Z28
28-Lead Thin Small Outline Package
CY7C1399B-15VI
V21
28-Lead Molded SOJ
Industrial
CY7C1399B-15ZI
Z28
28-Lead Thin Small Outline Package
20
CY7C1399B-20VC
V21
28-Lead Molded SOJ
Commercial
CY7C1399B-20ZC
Z28
28-Lead Thin Small Outline Package
CY7C1399BL-20VC
V21
28-Lead Molded SOJ
CY7C1399BL-20ZC
Z28
28-Lead Thin Small Outline Package
CY7C1399B-20VI
V21
28-Lead Molded SOJ
Industrial
CY7C1399B-20ZI
Z28
28-Lead Thin Small Outline Package


Similar Part No. - CY7C1399B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399B-12VC CYPRESS-CY7C1399B-12VC Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
CY7C1399B-12VXC CYPRESS-CY7C1399B-12VXC Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
CY7C1399B-12VXI CYPRESS-CY7C1399B-12VXI Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
CY7C1399B-12ZC CYPRESS-CY7C1399B-12ZC Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
CY7C1399B-12ZXC CYPRESS-CY7C1399B-12ZXC Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
More results

Similar Description - CY7C1399B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399 CYPRESS-CY7C1399 Datasheet
234Kb / 8P
   32K x 8 3.3V Static RAM
logo
List of Unclassifed Man...
WCFS0808V1E ETC1-WCFS0808V1E Datasheet
313Kb / 10P
   32K x 8 3.3V Static RAM
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
   32K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
   32K x 8 Static RAM
logo
Honeywell Solid State E...
HC6856 HONEYWELL-HC6856 Datasheet
160Kb / 12P
   32K x 8 STATIC RAM
logo
Weida Semiconductor, In...
WCMS0808U1X WEIDA-WCMS0808U1X Datasheet
224Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199B CYPRESS-CY7C199B Datasheet
257Kb / 15P
   32K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com