Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RO4350B Datasheet(PDF) 1 Page - RFHIC

Part # RO4350B
Description  GaN Doherty Hybrid Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RO4350B Datasheet(HTML) 1 Page - RFHIC

  RO4350B Datasheet HTML 1Page - RFHIC RO4350B Datasheet HTML 2Page - RFHIC RO4350B Datasheet HTML 3Page - RFHIC RO4350B Datasheet HTML 4Page - RFHIC RO4350B Datasheet HTML 5Page - RFHIC RO4350B Datasheet HTML 6Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
GaN Doherty Hybrid Amplifier RTH07003-20D
Korean Facilities : 82-31-8069-3000 / rfsales@rfhic.com
All specifications may change without notice
US Facilities : 919-677-8780 / sales@rfhicusa.com
1 / 6
Version 3.0
Product Features
Applications
• GaN on SiC Chip on Board
• Surface Mount Hybrid Type
• 2-Stage Doherty Amplifier
• High Efficiency
• No Matching circuit needed
• RF Sub-Systems
• Base Station
• RRH
•4G/ LTE system
• Small cell
Description
Accommodating the future of 4G/LTE small cells, RFHIC introduces RTH07003-20D amplifier fabricated using an advanced high power
density Gallium Nitride (GaN) semiconductor process.
Electrical Specifications @ Vds1=5V, Vds2=30V, Ta=25℃
PARAMETER
UNIT
MIN
TYP
MAX
CONDITION
Frequency Range
MHz
773
778
783
ZS = ZL = 50 ohm
Power Gain
dB
27
30
-
-
Gain Flatness
-1.5
-
+1.5
Input Return Loss
-
-14
-9
Pout @ Average
dBm
-
34.7
-
2.951W
Pout @ Saturation
dBm
42.2
42.7
-
Pulse Width=20us,
Duty cycle 10%
ACLR @ BW 10MHz
LTE (PAPR 7.5dB)
dBc
-
-29
-25
Non DPD
-
-53
-
With DPD
Doherty Efficiency
%
-
43
-
Tc=25℃
Total Efficiency
35
38
-
Drive Amp. Idq
mA
-
180
-
-
Carrier Amp. Idq
-
120
-
Inverted Doherty
Peaking Amp. Idq
-
0
-
Supply Voltage
V
-4.9
-4.5
-3.0
Vgc
-4.9
-2.8
-2.0
Vgp
-
5.0
-
Vds1
-
30
-
Vds2
Caution
The drain voltage must be supplied to the device after the gate voltage is supplied
Turn on  Turn on the Gate voltage supply and last turn on the Drain voltage supplies
Turn off  Turn off the Drain voltage and last turn off the Gate voltage
Note
1. ACLR Measured Pout=34.7dBm @ fc± 10MHz / 9.015MHz
LTE 10MHz 1FA PAPR=7.5dB @ 0.01% probability on CCDF
Mechanical Specifications
PARAMETER
UNIT
TYPICAL
RATING
Mass
g
6.0
±1.0
Dimension
32 x 20 x 4.2
±0.15
Package Type : SP-1E


Similar Part No. - RO4350B

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
RO4350B FREESCALE-RO4350B Datasheet
868Kb / 13P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
logo
NXP Semiconductors
RO4350B NXP-RO4350B Datasheet
393Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 11/2009
logo
Freescale Semiconductor...
RO4350B FREESCALE-RO4350B Datasheet
985Kb / 21P
   RF Power LDMOS Transistors
logo
NXP Semiconductors
RO4350B NXP-RO4350B Datasheet
377Kb / 13P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 3, 12/2013
logo
Freescale Semiconductor...
RO4350B FREESCALE-RO4350B Datasheet
948Kb / 19P
   RF Power LDMOS Transistors
More results

Similar Description - RO4350B

ManufacturerPart #DatasheetDescription
logo
RFHIC
RPAM35008-25 RFHIC-RPAM35008-25 Datasheet
456Kb / 5P
   GaN Doherty Hybrid Amplifier
RTH36004N-24 RFHIC-RTH36004N-24 Datasheet
1Mb / 9P
   GaN Doherty Hybrid Amplifier
RTH35003-20D RFHIC-RTH35003-20D Datasheet
586Kb / 6P
   GaN Doherty Hybrid Amplifier
RTH18007-10 RFHIC-RTH18007-10 Datasheet
330Kb / 7P
   GaN Doherty Hybrid Amplifier
RTH23007-10 RFHIC-RTH23007-10 Datasheet
295Kb / 7P
   GaN Doherty Hybrid Amplifier
RTH36016M-23 RFHIC-RTH36016M-23 Datasheet
730Kb / 7P
   GaN Doherty Hybrid Amplifier
RTH08003-20D RFHIC-RTH08003-20D Datasheet
586Kb / 6P
   GaN Doherty Hybrid Amplifier
RTH18008R RFHIC-RTH18008R Datasheet
565Kb / 4P
   GaN Doherty Hybrid Amplifier
RTH18008S-30 RFHIC-RTH18008S-30 Datasheet
787Kb / 8P
   GaN Doherty Hybrid Amplifier
RTH19008R RFHIC-RTH19008R Datasheet
565Kb / 4P
   GaN Doherty Hybrid Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com