Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTH08003-20D Datasheet(PDF) 4 Page - RFHIC

Part # RTH08003-20D
Description  GaN Doherty Hybrid Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RTH08003-20D Datasheet(HTML) 4 Page - RFHIC

  RTH08003-20D Datasheet HTML 1Page - RFHIC RTH08003-20D Datasheet HTML 2Page - RFHIC RTH08003-20D Datasheet HTML 3Page - RFHIC RTH08003-20D Datasheet HTML 4Page - RFHIC RTH08003-20D Datasheet HTML 5Page - RFHIC RTH08003-20D Datasheet HTML 6Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
GaN Doherty Hybrid Amplifier RTH08003-20D
Korean Facilities : 82-31-8069-3036 / rfsales@rfhic.com
All specifications may change without notice
US Facilities : 919-677-8780 / sales@rfhicusa.com
4 / 6
Version 3.0
Performance Charts
* Bias condition @ Drive Idq=180mA, Carrier Idq=120mA, Peaking Idq=0mA, Ta=25℃
Power Gain vs. Output Power
Drain Efficiency vs. Output Power
ACLR vs. Output Power
Current vs. Output Power
24
26
28
30
32
34
18
20
22
24
26
28
30
32
34
36
38
Output Power [dBm]
865MHz
0
10
20
30
40
50
60
18
20
22
24
26
28
30
32
34
36
38
Output Power [dBm]
865MHz
-55
-50
-45
-40
-35
-30
-25
18
20
22
24
26
28
30
32
34
36
38
Output Power [dBm]
865MHz_Low
865MHz_Up
0
50
100
150
200
250
300
350
18
20
22
24
26
28
30
32
34
36
38
Output Power [dBm]
Drive amp.
Carrier amp.
Peaking amp.


Similar Part No. - RTH08003-20D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTH010 ETC1-RTH010 Datasheet
712Kb / 11P
   9GHz Bandwidth 1GS/s Dual Track-and-Hold
RTH010DIE ETC1-RTH010DIE Datasheet
712Kb / 11P
   9GHz Bandwidth 1GS/s Dual Track-and-Hold
RTH010QFP ETC1-RTH010QFP Datasheet
712Kb / 11P
   9GHz Bandwidth 1GS/s Dual Track-and-Hold
RTH06AS3F ETC2-RTH06AS3F Datasheet
79Kb / 1P
   NTC Military Grade Thermistors
RTH06AS3G ETC2-RTH06AS3G Datasheet
79Kb / 1P
   NTC Military Grade Thermistors
More results

Similar Description - RTH08003-20D

ManufacturerPart #DatasheetDescription
logo
RFHIC
RPAM35008-25 RFHIC-RPAM35008-25 Datasheet
456Kb / 5P
   GaN Doherty Hybrid Amplifier
RTH36004N-24 RFHIC-RTH36004N-24 Datasheet
1Mb / 9P
   GaN Doherty Hybrid Amplifier
RTH35003-20D RFHIC-RTH35003-20D Datasheet
586Kb / 6P
   GaN Doherty Hybrid Amplifier
RTH07003-20D RFHIC-RTH07003-20D Datasheet
581Kb / 6P
   GaN Doherty Hybrid Amplifier
RTH18007-10 RFHIC-RTH18007-10 Datasheet
330Kb / 7P
   GaN Doherty Hybrid Amplifier
RTH23007-10 RFHIC-RTH23007-10 Datasheet
295Kb / 7P
   GaN Doherty Hybrid Amplifier
RTH36016M-23 RFHIC-RTH36016M-23 Datasheet
730Kb / 7P
   GaN Doherty Hybrid Amplifier
RTH18008R RFHIC-RTH18008R Datasheet
565Kb / 4P
   GaN Doherty Hybrid Amplifier
RTH18008S-30 RFHIC-RTH18008S-30 Datasheet
787Kb / 8P
   GaN Doherty Hybrid Amplifier
RTH19008R RFHIC-RTH19008R Datasheet
565Kb / 4P
   GaN Doherty Hybrid Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com