Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFX2402E Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # RFX2402E
Description  CMOS 2.4GHZ TRANSMIT/RECEIVE WLAN RFeIC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

RFX2402E Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  RFX2402E Datasheet HTML 1Page - Skyworks Solutions Inc. RFX2402E Datasheet HTML 2Page - Skyworks Solutions Inc. RFX2402E Datasheet HTML 3Page - Skyworks Solutions Inc. RFX2402E Datasheet HTML 4Page - Skyworks Solutions Inc. RFX2402E Datasheet HTML 5Page - Skyworks Solutions Inc. RFX2402E Datasheet HTML 6Page - Skyworks Solutions Inc. RFX2402E Datasheet HTML 7Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
RFX2402E
Production Data Sheet
ABSOLUTE MAXIMUM RATINGS:
Parameters
Units
Min
Max
Conditions
DC VDD Voltage Supply
V
0
4.5
All VDD Pins
DC Control Pin Voltage
V
0
3.6
Through 1Kohm resistor
DC VDD Current Consumption
mA
350
Through VDD
Pins when TX is “ON”
DC Control Pin Current
Consumption
μA
1
TX RF Input Power
dBm
+10
All Operating Modes
ANT RF Input Power
dBm
+5
When
RX is “ON”
Junction Temperature
oC
+150
Storage Ambient Temperature
oC
-50
+150
No RF and DC Voltages Applied
Appropriate care required according to
JEDEC Standards
Note: Sustained operation at or above the Absolute Maximum Ratings for any one or combinations of the above parameters may
result in permanent damage to the device and is not recommended. All Maximum RF Input Power Ratings assume 50-Ohm terminal
impedance.
NOMINAL OPERATING CONDITIONS:
Note 1:
If control voltage can exceed 1.8V, a 1KΩ – 10KΩ series resistor is recommended for the application
circuit on each control line.
Note2: For operation above +85
oC, use the
ja as guidance for system design to assure the junction
temperature will not exceed the maximum of +150
oC.
Parameters
Units
Min
Typ
Max
Conditions
DC VDD Voltage Supply
V
2.7
3.3
3.6
All VDD Pins
Control Voltage “High” (Note 1)
V
1.2
Through Series Resistor
Control Voltage “Low”
V
0.3
DC Control Pin Current Consumption
uA
1
DC Shutdown Current
uA
2
All Control Lines “Low”
PA Turn On/Off Time
usec
0.5
LNA Turn On/Off Time
usec
0.8
Shut-
Down and “ON” State Switching Time
usec
0.5
Operating Ambient Temperature
oC
-40
+125
See note 2
ja
oC/W
35


Similar Part No. - RFX2402E

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
RFX240 SKYWORKS-RFX240 Datasheet
916Kb / 6P
   2.4GHz High Power 802.11n WLAN Linear Power Amplifier
RFX2401C SKYWORKS-RFX2401C Datasheet
1Mb / 10P
   CMOS 2.4GHZ ZIGBEE/ISM TRANSMIT/RECEIVE RFeIC
More results

Similar Description - RFX2402E

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
RFX2401C SKYWORKS-RFX2401C Datasheet
1Mb / 10P
   CMOS 2.4GHZ ZIGBEE/ISM TRANSMIT/RECEIVE RFeIC
RFX2411 SKYWORKS-RFX2411 Datasheet
998Kb / 9P
   2.4GHZ TRANSMIT / RECEIVE ZIGBEE RFEIC WITH DIVERSITY SWITCH
RFX8425 SKYWORKS-RFX8425 Datasheet
555Kb / 5P
   2.4GHZ CMOS WLAN / BT DUAL-MODE RFEIC WITH PA, LNA & SP3T
RFX8422S SKYWORKS-RFX8422S Datasheet
611Kb / 7P
   2.4GHZ CMOS WLAN / BLUETOOTH RFEIC WITH PA, LNA WITH BYPASS & SP3T SWITCH
RFX8422 SKYWORKS-RFX8422 Datasheet
640Kb / 7P
   2.4GHZ CMOS WLAN / BLUETOOTH RFEIC WITH PA, LNA WITH BYPASS & SP3T SWITCH
logo
California Micro Device...
G8912B CALMIRCO-G8912B Datasheet
373Kb / 8P
   CMOS PCM Transmit/receive Filters
logo
RF Micro Devices
RF2436 RFMD-RF2436 Datasheet
42Kb / 6P
   TRANSMIT/RECEIVE SWITCH
RF2436 RFMD-RF2436_1 Datasheet
144Kb / 6P
   TRANSMIT/RECEIVE SWITCH
logo
Skyworks Solutions Inc.
RFX8050 SKYWORKS-RFX8050 Datasheet
640Kb / 7P
   CMOS 5GHz WLAN 802.11ac RFeIC WITH PA, LNA AND SPDT
logo
RF Micro Devices
RF2436 RFMD-RF2436_06 Datasheet
65Kb / 6P
   TRANSMIT/RECEIVE SWITCH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com