Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPMD60-48xxSG Datasheet(PDF) 3 Page - Recom International Power

Part # RPMD60-48xxSG
Description  15-60 Watt Single, Dual & Triple Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPMD60-48xxSG Datasheet(HTML) 3 Page - Recom International Power

  RPMD60-48xxSG Datasheet HTML 1Page - Recom International Power RPMD60-48xxSG Datasheet HTML 2Page - Recom International Power RPMD60-48xxSG Datasheet HTML 3Page - Recom International Power RPMD60-48xxSG Datasheet HTML 4Page - Recom International Power RPMD60-48xxSG Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DC/DC Converter
Power Module
Series
PD-3
REV.: 0/2016
www.recom-power.com
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Inrush current
nominal Vin and full load
soft start
Start-up time
Power up
CTRL Pin
100ms
20ms
Bulkhead Version
ENVIRONMENTAL
Parameter
Condition
Value
Thermal Impedance
8.5°C/Watt
SAFETY AND CERTIFICATIONS
IEC General Safety
EN General Safety
LVD20110124
IEC60950-1, 2nd Edition, 2005 + A1:2009
EN60950-1:2006 + A11:2009 +A1:2010;
EMC Compliance
Condition
Standard / Criterion
EMI Standard
EN55022, Class B
ESD
Radiated Immunity
Fast Transient
Surge
Conducted Immunity
EN61000-4-2, Criteria A
EN61000-4-3, Criteria A
EN61000-4-4, Criteria A
EN61000-4-5, Criteria A
EN61000-4-6, Criteria A
DIMENSIONS and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
Chassis
Aluminium
Package Dimensions (LxWxH)
101.6 x 57.15 x 19.0mm
Package Weight
134g
Connectors
Screw Terminal
Specificatins are as in individual converter datasheets with the following exceptions:
Panel Mount Version (mm)
101.6
57.15
Mounting Centres 92.1
CMC
Fuse
TVS
FET
Trim
LED
Heat-sink Plate
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
CTRL
CTRL
4
NC
NC
5
-Vout
-Vout
6
+Vout
Com
7
NC
+Vout
NC: No Connection
Tolerance: X.X ±0.25mm


Similar Part No. - RPMD60-48xxSG

ManufacturerPart #DatasheetDescription
logo
Rohm
RPMD-0100 ROHM-RPMD-0100 Datasheet
318Kb / 5P
   Surface mount type photo diode
RPMD-0132 ROHM-RPMD-0132 Datasheet
770Kb / 4P
   Surface Mount Type Photo Diode
More results

Similar Description - RPMD60-48xxSG

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC15-S-D-TA RECOM-RAC15-S-D-TA Datasheet
87Kb / 2P
   15 Watt Single/Dual & Triple Output
RAC15-A RECOM-RAC15-A Datasheet
87Kb / 2P
   15 Watt Single/Dual & Triple Output
RAC15-05SA RECOM-RAC15-05SA Datasheet
97Kb / 3P
   15 Watt Single, Dual & Triple Output
RAC15-3.3SB RECOM-RAC15-3.3SB Datasheet
99Kb / 2P
   15 Watt Single, Dual & Triple Output
RPM30-12XXS_DE RECOM-RPM30-12XXS_DE Datasheet
73Kb / 1P
   30-60 Watt Single , Dual & Triple Output
logo
Wall Industries,Inc.
PSANC WALL-PSANC Datasheet
159Kb / 3P
   15 Watt Single, Dual, and Triple Outputs AC/DC Converter for PCB Mount
logo
Volgen Kaga Electronics...
FDC15-24S05 VOLGEN-FDC15-24S05 Datasheet
238Kb / 2P
   15 WATT DC/DC CONVERTER, SINGLE & DUAL OUTPUTS
logo
List of Unclassifed Man...
FDC15-24S05 ETC-FDC15-24S05 Datasheet
174Kb / 2P
   15 WATT DC/DC CONVERTER, SINGLE & DUAL OUTPUTS
logo
Volgen Kaga Electronics...
FEC40 VOLGEN-FEC40 Datasheet
262Kb / 2P
   40 WATT DC/DC CONVERTER SINGLE, DUAL & TRIPLE OUTPUTS
logo
Artesyn Technologies
CL25 ARTESYN-CL25 Datasheet
52Kb / 2P
   Single, dual and triple outputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com