Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPM30-12xxS Datasheet(PDF) 5 Page - Recom International Power

Part # RPM30-12xxS
Description  15-60 Watt Single, Dual & Triple Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPM30-12xxS Datasheet(HTML) 5 Page - Recom International Power

  RPM30-12xxS Datasheet HTML 1Page - Recom International Power RPM30-12xxS Datasheet HTML 2Page - Recom International Power RPM30-12xxS Datasheet HTML 3Page - Recom International Power RPM30-12xxS Datasheet HTML 4Page - Recom International Power RPM30-12xxS Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DC/DC Converter
Power Module
Series
PD-5
REV.: 0/2016
www.recom-power.com
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
125.0
LED
1 2 3 4
5 6 7 8
Trim
116.3
DIN Rail Version (mm)
Pin Connections
Pin #
Single
Dual
Triple
1
CTRL
CTRL
CTRL
2
-Vin
-Vin
-Vin
3
-Vin
-Vin
-Vin
4
+Vin
+Vin
+Vin
5
NC
NC
+Aux
6
-Vout
-Vout
Com
7
+Vout
Com
-Aux
8
NC
+Vout
+Vout
NC: No Connection
Tolerance: X.X ±0.5mm
PACKAGING INFORMATION
Parameter
Type
Value
Packaging Dimensions
Cardboard Box
146 x 75 x 29mm
Packaging Quantity
1pc
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit written
consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.


Similar Part No. - RPM30-12xxS

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPM30-12XXS_DE RECOM-RPM30-12XXS_DE Datasheet
73Kb / 1P
   30-60 Watt Single , Dual & Triple Output
More results

Similar Description - RPM30-12xxS

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC15-S-D-TA RECOM-RAC15-S-D-TA Datasheet
87Kb / 2P
   15 Watt Single/Dual & Triple Output
RAC15-A RECOM-RAC15-A Datasheet
87Kb / 2P
   15 Watt Single/Dual & Triple Output
RAC15-05SA RECOM-RAC15-05SA Datasheet
97Kb / 3P
   15 Watt Single, Dual & Triple Output
RAC15-3.3SB RECOM-RAC15-3.3SB Datasheet
99Kb / 2P
   15 Watt Single, Dual & Triple Output
RPM30-12XXS_DE RECOM-RPM30-12XXS_DE Datasheet
73Kb / 1P
   30-60 Watt Single , Dual & Triple Output
logo
Wall Industries,Inc.
PSANC WALL-PSANC Datasheet
159Kb / 3P
   15 Watt Single, Dual, and Triple Outputs AC/DC Converter for PCB Mount
logo
Volgen Kaga Electronics...
FDC15-24S05 VOLGEN-FDC15-24S05 Datasheet
238Kb / 2P
   15 WATT DC/DC CONVERTER, SINGLE & DUAL OUTPUTS
logo
List of Unclassifed Man...
FDC15-24S05 ETC-FDC15-24S05 Datasheet
174Kb / 2P
   15 WATT DC/DC CONVERTER, SINGLE & DUAL OUTPUTS
logo
Volgen Kaga Electronics...
FEC40 VOLGEN-FEC40 Datasheet
262Kb / 2P
   40 WATT DC/DC CONVERTER SINGLE, DUAL & TRIPLE OUTPUTS
logo
Artesyn Technologies
CL25 ARTESYN-CL25 Datasheet
52Kb / 2P
   Single, dual and triple outputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com