Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP60-4815SG Datasheet(PDF) 3 Page - Recom International Power

Part # RP60-4815SG
Description  60 Watt Single Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP60-4815SG Datasheet(HTML) 3 Page - Recom International Power

  RP60-4815SG Datasheet HTML 1Page - Recom International Power RP60-4815SG Datasheet HTML 2Page - Recom International Power RP60-4815SG Datasheet HTML 3Page - Recom International Power RP60-4815SG Datasheet HTML 4Page - Recom International Power RP60-4815SG Datasheet HTML 5Page - Recom International Power RP60-4815SG Datasheet HTML 6Page - Recom International Power RP60-4815SG Datasheet HTML 7Page - Recom International Power RP60-4815SG Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
REGULATIONS
Parameter
Condition
Value
Output Voltage Accuracy
full load and nominal input
±1.0%
Voltage Adjustability (7)
±10%
Line Voltage Regulation
low line, high line at full load
±0.2%
Load Voltage Regulation(8)
±0.5%
Transient Response recovery time
25% load step change
250µs typ.
continued on next page
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP60-G
Series
PD-3
REV.: 1/2016
www.recom-power.com
Notes:
Note7: Maximum output deviation is 10% inclusive of remote sense and trim. If remote sense is
not being used, the +sense should be connected to its corresponding +OUTPUT and
likewise the -sense should be connected to its corresponding –OUTPUT.
Note8: No minimum loading on the output is required to maintain specified regulation. Operation
under no-load condition will not damage these devices.
External Output Trimming
Efficiency vs. Output Current
Efficiency vs. Input Voltage
36Vin
48Vin
75Vin
Output Current [%]
10
65
60
55
50
45
40
70
75
85
80
95
20
40
60
80
100
30
50
70
90
90
Input Voltage [VDC]
36
65
60
70
75
80
90
95
44
48
56
68
64
75
40
52
60
72
85
RP60-4805SGW
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
3.333
3.366
3.399
3.432
3.465
3.498
3.531
3.564
3.597
3.63
Volts
R
U =
57.93
26.16
15.58
10.28
7.11
4.99
3.48
2.34
1.46
0.75
KOhms
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout =
3.267
3.234
3.201
3.168
3.135
3.102
3.069
3.036
3.003
2.97
Volts
R
D =
69.47
31.23
18.49
12.12
8.29
5.74
3.92
2.56
1.50
0.65
KOhms
RP60-xx3.3SG
Output Voltage Trimming
Single output Powerline converters offer the feature of trimming the output voltage over a certain range around the nominal value by using external
trim resistors. No general equation can be given for calculating the trim resistors, but the following trimtables give typical values for chosing these
trimming resistors. If voltages between the given trim points are required, extrapolate between the two nearest given values to work out the resis tor
required or use a variable resistor to set the output voltage. Output can be externally trimmed by using the method shown below.
RU
7
8
RD
8
6
Trim up
Trim down


Similar Part No. - RP60-4815SG

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP60-4815SG RECOM-RP60-4815SG Datasheet
92Kb / 4P
   60 Watt 2??x 2??Single Output
RP60-4815SGN RECOM-RP60-4815SGN Datasheet
92Kb / 4P
   60 Watt 2??x 2??Single Output
More results

Similar Description - RP60-4815SG

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC60-05SA RECOM-RAC60-05SA Datasheet
76Kb / 2P
   60 Watt Single Output
RAC60-24SB RECOM-RAC60-24SB Datasheet
98Kb / 2P
   60 Watt Single Output
RAC60-SB RECOM-RAC60-SB Datasheet
100Kb / 2P
   60 Watt Single Output
RACD60 RECOM-RACD60 Datasheet
114Kb / 3P
   60 Watt PFC Single Output
RACD60 RECOM-RACD60_11 Datasheet
148Kb / 4P
   60 Watt PFC Single Output
RACD60-A RECOM-RACD60-A Datasheet
98Kb / 2P
   60 Watt PFC Single Output
RACD60_1104 RECOM-RACD60_1104 Datasheet
153Kb / 4P
   60 Watt PFC Single Output
logo
Murata Power Solutions ...
VKA60LS03C MURATA-PS-VKA60LS03C Datasheet
219Kb / 4P
   60 Watt Single Output Half Brick
logo
Recom International Pow...
RAC60-S-OF RECOM-RAC60-S-OF Datasheet
102Kb / 2P
   60 Watt Open Frame Single Output
logo
CINCON ELECTRONICS Corp...
CFM40C CINCON-CFM40C Datasheet
266Kb / 2P
   40/60/100 Watt Single Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com