Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP40-483.3SGW Datasheet(PDF) 4 Page - Recom International Power

Part # RP40-483.3SGW
Description  40 Watt Single, Dual Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP40-483.3SGW Datasheet(HTML) 4 Page - Recom International Power

  RP40-483.3SGW Datasheet HTML 1Page - Recom International Power RP40-483.3SGW Datasheet HTML 2Page - Recom International Power RP40-483.3SGW Datasheet HTML 3Page - Recom International Power RP40-483.3SGW Datasheet HTML 4Page - Recom International Power RP40-483.3SGW Datasheet HTML 5Page - Recom International Power RP40-483.3SGW Datasheet HTML 6Page - Recom International Power RP40-483.3SGW Datasheet HTML 7Page - Recom International Power RP40-483.3SGW Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PD-4
REV.: 1/2016
www.recom-power.com
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP40-GW
Series
continued on next page
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
3.333
3.366
3.399
3.432
3.465
3.498
3.531
3.564
3.597
3.63
Volts
R
U =
57.93
26.16
15.58
10.28
7.11
4.99
3.48
2.34
1.46
0.75
KOhms
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout =
3.267
3.234
3.201
3.168
3.135
3.102
3.069
3.036
3.003
2.97
Volts
R
D =
69.47
31.23
18.49
12.12
8.29
5.74
3.92
2.56
1.50
0.65
KOhms
RP40-xx3.3SGW
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
5.05
5.01
5.15
5.20
5.25
5.30
5.35
5.4
5.45
5.50
Volts
R
U =
36.57
16.58
9.92
6.58
4.59
3.25
2.30
1.59
1.03
0.59
KOhms
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout =
4.95
4.90
4.85
4.80
4.75
4.70
4.65
4.60
4.55
4.50
Volts
R
D =
45.53
20.61
12.31
8.15
5.66
4.00
2.81
1.92
1.23
0.68
KOhms
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
12.12
12.24
12.36
12.48
12.60
12.72
12.84
12.96
13.08
13.20
Volts
R
U =
367.91
165.95
98.64
64.98
44.78
31.32
21.70
14.49
8.88
4.39
KOhms
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout =
11.88
11.76
11.64
11.52
11.40
11.28
11.16
11.04
10.92
10.8
Volts
R
D =
460.99
207.95
123.60
81.42
56.12
39.25
27.20
18.16
11.13
5.51
KOhms
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
15.15
15.3
15.45
15.60
15.75
15.90
16.05
16.20
16.35
16.50
Volts
R
U =
404.18
180.59
106.06
68.80
46.44
31.53
20.88
12.90
6.69
1.72
KOhms
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout =
14.85
14.70
14.55
14.40
14.25
14.10
13.95
13.80
13.65
13.50
Volts
R
D =
499.82
223.41
131.27
85.20
57.56
39.14
25.97
16.10
8.42
2.282
KOhms
RP40-xx05SGW
RP40-xx12SGW
RP40-xx15SGW
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
24.24
24.48
24.72
24.96
25.20
25.44
25.68
25.92
26.16
26.40
Volts
R
U =
218.21
98.10
58.07
38.05
26.04
18.03
12.32
8.03
4.69
2.02
KOhms
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout =
23.76
23.52
23.28
23.04
22.80
22.56
22.32
22.08
21.84
21.6
Volts
R
D =
273.44
123.02
72.87
47.80
32.76
22.73
15.57
10.20
6.02
2.67
KOhms
RP40-xx12DGW
Dual Output Voltage Trim Tables


Similar Part No. - RP40-483.3SGW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP40-483.3SGW RECOM-RP40-483.3SGW Datasheet
78Kb / 4P
   40 Watt 2??x 2??Single & Dual Output
RP40-483.3SGWN RECOM-RP40-483.3SGWN Datasheet
78Kb / 4P
   40 Watt 2??x 2??Single & Dual Output
More results

Similar Description - RP40-483.3SGW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPR40-243.3S RECOM-RPR40-243.3S Datasheet
195Kb / 6P
   40 Watt Single & Dual Output
RAC40-3.3SA RECOM-RAC40-3.3SA Datasheet
82Kb / 2P
   40 Watt Single, Dual & Triple Output
RP40-G RECOM-RP40-G Datasheet
555Kb / 10P
   40 Watt Single, Dual & Triple Output
RP40-121.5SG RECOM-RP40-121.5SG Datasheet
87Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-123.3SE RECOM-RP40-123.3SE_06 Datasheet
100Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-121.5SG RECOM-RP40-121.5SG_06 Datasheet
90Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-1233SE RECOM-RP40-1233SE Datasheet
89Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RAC40-B RECOM-RAC40-B Datasheet
83Kb / 2P
   40 Watt Single/Dual/Double & Triple Output
REC40-481.8SRW RECOM-REC40-481.8SRW Datasheet
75Kb / 2P
   40 Watt Single Output
RAC40-S-D-TB RECOM-RAC40-S-D-TB Datasheet
83Kb / 2P
   40 Watt Single/Dual/ Double & Triple Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com