Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS-15.000-10-F-EXT-4PD Datasheet(PDF) 1 Page - Raltron Electronics Corporation

Part # AS-15.000-10-F-EXT-4PD
Description  SURFACE MOUNT MICROPROCESSOR CRYSTAL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

AS-15.000-10-F-EXT-4PD Datasheet(HTML) 1 Page - Raltron Electronics Corporation

  AS-15.000-10-F-EXT-4PD Datasheet HTML 1Page - Raltron Electronics Corporation AS-15.000-10-F-EXT-4PD Datasheet HTML 2Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Raltron Electronics Corporation 10651 NW 19th St. Miami, Florida 33172 U.S.A.
Tel: 305-593-6033 Fax: 305-594-3973 e-mail: sales@raltron.com Internet: http://www.raltron.com
FREQUENCY RANGE
3.20 MHz TO 70.00 MHz
MODE OF OSCILLATION
FUNDAMENTAL
3.20 MHz TO 40.320 MHz
THIRD OVERTONE
24.576 MHz TO 70.00 MHz
FREQUENCY TOLERANCE AT 25°C
±30 PPM TYPICAL
±50 PPM MAXIMUM
FREQUENCY STABILITY OVER TEMPERATURE RANGE
±50 PPM TYPICAL
±100 PPM MAXIMUM
OPERATING TEMPERATURE RANGE
-20º C TO +70º C STANDARD
-40º C TO +85º C EXTENDED
STORAGE TEMPERATURE RANGE
-55º C TO +125º C
AGING
±5 PPM PER YEAR MAXIMUM
LOAD CAPACITANCE
10 pF TO 32 pF OR SERIES
EQUIVALENT SERIES RESISTANCE (ESR)
SEE TABLE
DRIVE LEVEL
0.1 mW TYPICAL
CRYSTAL CUT
AT STRIP
HOLDER TYPE
-
FREQUENCY
-
LOAD CAPACITANCE
-
MODE
-
EXTENDED
TEMPERATURE
-
CONFIGURATION
AS
HC-49/S SMD
IN MHz
10 TO 32pF FOR PARALLEL
S FOR SERIES
F
3OT
FUNDAMENTAL
THIRD OVERTONE
EXT
4PD
4 PAD
SMD TYPE
TYPICAL FREQUENCIES AND ESR CHARACTERISTICS*
PART NUMBERING SYSTEM
HEIGHT
-
TAPE AND REEL
5.6 mm: STD
5.1 mm: H51
4.6 mm: H46
TR
SURFACE MOUNT MICROPROCESSOR CRYSTAL
FEATURES
SERIES AS-4PD
EXCELLENT CLOCK SIGNAL GENERATOR FOR CPU’s
AVAILABLE IN EXTENDED TEMPERATURE RANGE
LOW PROFILE SURFACE MOUNT
EPSON MA506 PIN OUT COMPATIBLE
FREQUENC Y (MHz)
OHMS MAX
MOD E
3.579 TO 3.999
150
FUND
4.000 TO 4.999
130
FUND
5.000 TO 5.999
100
FUND
6.000 TO 6.999
80
FUND
7.000 TO 7.999
70
FUND
8.000 TO 9.999
60
FUND
10.000 TO 14.999
50
FUND
15.000 TO 40.320
40
FUND
SPECIFICATIONS
24.000 TO 28.999
80
3rd OT
29.000 TO 70.000
70
3rd OT
* LOWER RESISTANCIES ARE AVAILABLE ON SPECIAL ORDER


Similar Part No. - AS-15.000-10-F-EXT-4PD

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
AS-15.000-10-F-EXT-2PD-TR RALTRON-AS-15.000-10-F-EXT-2PD-TR Datasheet
143Kb / 2P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
More results

Similar Description - AS-15.000-10-F-EXT-4PD

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
TT-SMDC-12.288-20 RALTRON-TT-SMDC-12.288-20 Datasheet
71Kb / 1P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
H180A-3.8912-20 RALTRON-H180A-3.8912-20 Datasheet
68Kb / 1P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
H180A-21.250-18 RALTRON-H180A-21.250-18 Datasheet
68Kb / 1P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
H13A RALTRON-H13A Datasheet
63Kb / 1P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
logo
List of Unclassifed Man...
H10S-18.432-18-F-3030-EXT ETC2-H10S-18.432-18-F-3030-EXT Datasheet
58Kb / 1P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
logo
Abracon Corporation
ABSM3B ABRACON-ABSM3B_15 Datasheet
2Mb / 4P
   Surface Mount Microprocessor Crystal
04.30.15
logo
Raltron Electronics Cor...
R2520 RALTRON-R2520 Datasheet
280Kb / 3P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
H160A RALTRON-H160A Datasheet
138Kb / 1P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
L16A RALTRON-L16A Datasheet
32Kb / 1P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
RH100 RALTRON-RH100_17 Datasheet
251Kb / 3P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
H180A-16.9344-20 RALTRON-H180A-16.9344-20 Datasheet
68Kb / 1P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com