Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELXG250VSN392MP25S Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # ELXG250VSN392MP25S
Description  Long life snap-ins, 105?
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

ELXG250VSN392MP25S Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  ELXG250VSN392MP25S Datasheet HTML 1Page - United Chemi-Con, Inc. ELXG250VSN392MP25S Datasheet HTML 2Page - United Chemi-Con, Inc. ELXG250VSN392MP25S Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Long life snap-ins, 105
LXG
Series
・Endurance with ripple current : 5,000 hours at 105℃
・Non solvent resistant type
・RoHS Compliant
◆SPECIFICATIONS
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance
Shelf Life
Items
-40 to +105
10 to 100Vdc
±20% (M)
I=0.02CV or 3mA, whichever is smaller.
Where, I : Max. leakage current (µA), C : Nominal capacitance (µF), V : Rated voltage (V)
Rated voltage (Vdc)
Capacitance change : Capacitance at the lowest operating temperature shall not be less than 70% of the 20
℃ value.
Rated voltage (Vdc)
Z(-25
℃)/Z(+20℃)
Z(-40
℃)/Z(+20℃)
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after subjected to DC voltage with rated ripple
current is applied (the peak voltage shall not exceed the rated voltage) for 5,000 hours at 105
℃.
Capacitance change
≦±25% of the initial value
250% of the initial specified value
Leakage current
The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after exposing them for 500 hours at 105℃ without
voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4.
Capacitance change
≦±20% of the initial value
D.F. (tan
δ)
150% of the initial specified value
Leakage current
The initial specified value
Characteristics
10V
0.60
16V
0.45
25V
0.30
35V
0.25
50V
0.20
63V
0.15
80 & 100V
0.15
80 & 100V
2
5
10V
4
15
16V
4
15
25V
3
10
35V
3
8
50V
2
6
63V
2
6
(at 20
℃, 120Hz)
(at 20
℃ after 5 minutes)
(at 20
℃, 120Hz)
(at 120Hz)
(tan
δ)
tan
δ(Max.)
D.F. (tan
δ)
◆DIMENSIONS [mm]
Terminal Code : VS (
φ22 to φ35) : Standard
PC board pin-out
2-1.2
×6
5
±0.5
14.2
±1
Vent
4.5
±1
L
±2
Negative mark
Sleeve (PET : Brown)
Terminal Code : LI (
φ35)
*4.0±0.5
L
±2
Negative mark
Sleeve (PET : Brown)
PC board pin-out
2-
φ2
*
φD=35mm : 3.5±0.5mm
The standard design has no plastic disc.
Vent
◆PART NUMBERING SYSTEM
Please refer to "Product code guide (snap-in type)"
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 390
µF:391, 3,300µF:332)
Dummy terminal code
Terminal code (VS, LI)
Voltage code (ex. 10V:100, 100V:101)
Series code
Category
E L X G A A A V S N A A A
A A A S
M
1
3
4
2
6
7
8
9
10
13
12
5
18
17
16
11
15
14
◆RATED RIPPLE CURRENT MULTIPLIERS
Frequency Multipliers
50
0.95
0.92
120
1.00
1.00
300
1.03
1.07
1k
1.05
1.13
10k
1.08
1.19
50k
1.08
1.20
Frequency (Hz)
10 to 50Vdc
63 to 100Vdc
The endurance of capacitors is reduced with internal heating produced by ripple current at the rate of halving the lifetime with every 5
℃ rise.
When long life performance is required in actual use, the rms ripple current has to be reduced.
Longer life
LXG
KMQ P215
252
CAT. No. E1001N
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - ELXG250VSN392MP25S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
ELXG250VSN392MP25S CHEMI-CON-ELXG250VSN392MP25S Datasheet
66Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - ELXG250VSN392MP25S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
ELXG500VSN CHEMI-CON-ELXG500VSN Datasheet
457Kb / 3P
   Long life snap-ins, 105?
ELXS421VSN CHEMI-CON-ELXS421VSN Datasheet
426Kb / 3P
   Long life snap-ins, 105?
ELXG350VSN CHEMI-CON-ELXG350VSN Datasheet
457Kb / 3P
   Long life snap-ins, 105?
ELXS161VSN CHEMI-CON-ELXS161VSN Datasheet
426Kb / 3P
   Long life snap-ins, 105?
ELXS401VSN CHEMI-CON-ELXS401VSN Datasheet
426Kb / 3P
   Long life snap-ins, 105?
ELXS181VSN CHEMI-CON-ELXS181VSN Datasheet
426Kb / 3P
   Long life snap-ins, 105?
ELXS251VSN CHEMI-CON-ELXS251VSN Datasheet
426Kb / 3P
   Long life snap-ins, 105?
ELXG101VSN CHEMI-CON-ELXG101VSN Datasheet
457Kb / 3P
   Long life snap-ins, 105?
ELXS201VSN CHEMI-CON-ELXS201VSN Datasheet
426Kb / 3P
   Long life snap-ins, 105?
ELXS501VSN CHEMI-CON-ELXS501VSN Datasheet
426Kb / 3P
   Long life snap-ins, 105?
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com