Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM130N07-06M3P Datasheet(PDF) 3 Page - Analog Power

Part # AM130N07-06M3P
Description  N-Channel 70-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM130N07-06M3P Datasheet(HTML) 3 Page - Analog Power

  AM130N07-06M3P Datasheet HTML 1Page - Analog Power AM130N07-06M3P Datasheet HTML 2Page - Analog Power AM130N07-06M3P Datasheet HTML 3Page - Analog Power AM130N07-06M3P Datasheet HTML 4Page - Analog Power AM130N07-06M3P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Analog Power
AM130N07-06m3P
1. On-Resistance vs. Drain Current
2. Transfer Characteristics
3. On-Resistance vs. Gate-to-Source Voltage
4. Drain-to-Source Forward Voltage
5. Output Characteristics
6. Capacitance
Typical Electrical Characteristics
0
0.005
0.01
0.015
0.02
0
10
20
30
ID-Drain Current (A)
3.5V,4V,4.5V,6V,8V,10V
3V
0
10
20
30
0
0.1
0.2
0.3
0.4
VDS - Drain-to-Source Voltage (V)
10V,8V,6V,4.5V,4V
3.5V
3V
2.5V
0
0.01
0.02
0.03
0.04
0
2
4
6
8
10
VGS - Gate-to-Source Voltage (V)
TJ = 25°C
TJ = 25°C
0
10
20
30
0
1
2
3
4
5
VGS - Gate-to-Source Voltage (V)
TJ = 25°C
0.01
0.1
1
10
100
0.2
0.4
0.6
0.8
1
VSD - Source-to-Drain Voltage (V)
TJ = 25°C
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
0
5
10
15
20
VDS-Drain-to-Source Voltage (V)
Ciss
Coss
Crss
F = 1MHz
ID = 20A
© Preliminary
3
Publication Order Number:
DS_AM130N07-06m3P_1A


Similar Part No. - AM130N07-06M3P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AM1300F PANASONIC-AM1300F Datasheet
228Kb / 8P
   HIGH CONTACT CAPACITY, PRECISE OPERATION
logo
Power-One
AM1301-7R POWER-ONE-AM1301-7R Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
logo
Panasonic Semiconductor
AM1301F PANASONIC-AM1301F Datasheet
228Kb / 8P
   HIGH CONTACT CAPACITY, PRECISE OPERATION
AM1303F PANASONIC-AM1303F Datasheet
228Kb / 8P
   HIGH CONTACT CAPACITY, PRECISE OPERATION
AM1305F PANASONIC-AM1305F Datasheet
228Kb / 8P
   HIGH CONTACT CAPACITY, PRECISE OPERATION
More results

Similar Description - AM130N07-06M3P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIS178LDN VISHAY-SIS178LDN Datasheet
236Kb / 9P
   N-Channel 70 V (D-S) MOSFET
01-Jan-2022
SISS76LDN VISHAY-SISS76LDN Datasheet
309Kb / 9P
   N-Channel 70 V (D-S) MOSFET
01-Jan-2022
SIS176LDN VISHAY-SIS176LDN Datasheet
265Kb / 9P
   N-Channel 70 V (D-S) MOSFET
01-Jan-2022
SISS78LDN VISHAY-SISS78LDN Datasheet
260Kb / 9P
   N-Channel 70 V (D-S) MOSFET
01-Jan-2022
logo
Analog Power
AM7670N ANALOGPOWER-AM7670N Datasheet
460Kb / 5P
   Dual N-Channel 70-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
VB2703K VBSEMI-VB2703K Datasheet
756Kb / 7P
   P-Channel 70 V (D-S) MOSFET
VB2703K VBSEMI-VB2703K_V01 Datasheet
752Kb / 7P
   P-Channel 70 V (D-S) MOSFET
logo
Vishay Siliconix
SIZ254DT VISHAY-SIZ254DT Datasheet
341Kb / 14P
   Dual N-Channel 70 V (D-S) MOSFETs
01-Jan-2022
SIZ256DT VISHAY-SIZ256DT Datasheet
359Kb / 14P
   Dual N-Channel 70 V (D-S) MOSFETs
01-Jan-2022
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com