Electronic Components Datasheet Search |
|
APB3025SURKQWDF Datasheet(PDF) 1 Page - Kingbright Corporation |
|
APB3025SURKQWDF Datasheet(HTML) 1 Page - Kingbright Corporation |
1 / 7 page SPEC NO: DSAK8170 REV NO: V.3A DATE: OCT/14/2014 PAGE: 1 OF 7 APPROVED: Wynec CHECKED: Allen Liu DRAWN: L.Q.Xie ERP: 1203011345 3.0x2.5mm SURFACE MOUNT LED LAMP ATTENTION OBSERVE PRECAUTIONS FOR HANDLING ELECTROSTATIC DISCHARGE SENSITIVE DEVICES Part Number: APB3025SURKQWDF Hyper Red White Descriptions The Hyper Red source color devices are made with AlGaInP on GaAs substrate Light Emitting Diode. The source color devices are made with InGaN Light Emitting Diode. Electrostatic discharge and power surge could damage the LEDs. It is recommended to use a wrist band or anti- electrostatic glove when handling the LEDs. All devices, equipments and machineries must be electrically grounded. Package Dimensions Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is ±0.2(0.008") unless otherwise noted. 3. The specifications, characteristics and technical data described in the datasheet are subject to change without prior notice. 4. The device has a single mounting surface. The device must be mounted according to the specifications. Features 3.0mmx2.5mm SMD LED, 1.1mm thickness. Bi-color, Low power consumption. Wide viewing angle. Ideal for backlight and indicator. Package : 2000pcs / reel. Moisture sensitivity level : level 3. RoHS compliant. White |
Similar Part No. - APB3025SURKQWDF |
|
Similar Description - APB3025SURKQWDF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |