Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCR83 Datasheet(PDF) 8 Page - Texas Instruments

Part # CDCR83
Description  DIRECT RAMBUS CLOCK GENERATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCR83 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDCR83 Datasheet HTML 4Page - Texas Instruments CDCR83 Datasheet HTML 5Page - Texas Instruments CDCR83 Datasheet HTML 6Page - Texas Instruments CDCR83 Datasheet HTML 7Page - Texas Instruments CDCR83 Datasheet HTML 8Page - Texas Instruments CDCR83 Datasheet HTML 9Page - Texas Instruments CDCR83 Datasheet HTML 10Page - Texas Instruments CDCR83 Datasheet HTML 11Page - Texas Instruments CDCR83 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
CDCR83
DIRECT RAMBUS
 CLOCK GENERATOR
SCAS632A – APRIL 2001 – REVISED MARCH 2002
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
state transition latency specifications (continued)
PARAMETER
FROM
TO
TEST
CONDITIONS
MIN
TYP†
MAX
UNIT
t(powerdown)
Delay time, PWRDNB
↓ to the device in the
power-down mode
Normal
Powerdown
See Figure 8
1
ms
t(STOP)
Maximum time in CLKSTOP (STOPB = 0)
before reentering normal mode
(STOPB = 1)
STOPB
Normal
See Figure 10
100
µs
t(ON)
Minimum time in normal mode (STOPB = 1)
before reentering CLKSTOP (STOPB = 0)
Normal
CLK stop
See Figure 10
100
ms
t(DISTLOCK)
Time from when CLK/CLKB output is
settled to when the phase error between
SYNCLKN and PCLKM falls within t(phase)
Unlocked
Locked
5
ms
† All typical values are at VDD = 3.3 V, TA = 25°C.


Similar Part No. - CDCR83

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCR83 TI1-CDCR83 Datasheet
503Kb / 16P
[Old version datasheet]   Direct RAMBUS CLOCK GENERATOR
CDCR83A TI-CDCR83A Datasheet
198Kb / 12P
[Old version datasheet]   DIRECT RAMBUS CLOCK GENERATOR
CDCR83A TI1-CDCR83A Datasheet
564Kb / 17P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
CDCR83ADBQ TI1-CDCR83ADBQ Datasheet
564Kb / 17P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
CDCR83ADBQG4 TI1-CDCR83ADBQG4 Datasheet
564Kb / 17P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
More results

Similar Description - CDCR83

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W134S CYPRESS-W134S Datasheet
198Kb / 12P
   Direct Rambus Clock Generator
logo
Texas Instruments
CDCFR83A TI-CDCFR83A Datasheet
370Kb / 14P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
logo
NXP Semiconductors
PCK2011 PHILIPS-PCK2011 Datasheet
62Kb / 11P
   Direct RAMbus Clock Generator
1999 Jan 19
logo
Silicon Laboratories
W134 SILABS-W134 Datasheet
112Kb / 11P
   Direct Rambus??Clock Generator
logo
Cypress Semiconductor
W134M CYPRESS-W134M_05 Datasheet
207Kb / 12P
   Direct Rambus??Clock Generator
logo
Texas Instruments
CDCFR83 TI1-CDCFR83_08 Datasheet
479Kb / 15P
[Old version datasheet]   Direct Rambus Clock generator
CDCR83A TI1-CDCR83A_14 Datasheet
564Kb / 17P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS9212-13 ICST-ICS9212-13 Datasheet
161Kb / 7P
   Direct Rambus??Clock Generator
logo
Texas Instruments
CDCFR83 TI-CDCFR83 Datasheet
162Kb / 12P
[Old version datasheet]   DIRECT RAMBUS CLOCK GENERATOR
CDCR83A TI-CDCR83A Datasheet
198Kb / 12P
[Old version datasheet]   DIRECT RAMBUS CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com