Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F1N5956 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # F1N5956
Description  Surface Mount Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

F1N5956 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  F1N5956 Datasheet HTML 1Page - GOOD-ARK Electronics F1N5956 Datasheet HTML 2Page - GOOD-ARK Electronics F1N5956 Datasheet HTML 3Page - GOOD-ARK Electronics F1N5956 Datasheet HTML 4Page - GOOD-ARK Electronics F1N5956 Datasheet HTML 5Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
F1N5923 thru F1N5956
Surface Mount Zener Diodes
Vz Range:8.2 to 200V Power Dissipation:1.5W
www.goodark.com
1/5
2014.12-Rev.B
Features
• Toal power dissipation:max,1.5W
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• Moisture sensitivity: level 1, per J-STD-020
• Solder dip 260 °C, 10 s
• Low profile, typical thickness 1.0mm
• For use in stabilizing and clipping circuits with high power rating
M i
R ti
d Th
l Ch
t i ti
eSGA
(SOD‐123FL)
Maximum Ratings and Thermal Characteristics
(TA = 25 °C unless otherwise noted)
Parameter
Symbol
Value
Unit
15
W
Zener current
See Next Table
Power dissipation at
Ptot
1.5
W
-65 to +175
V
90
℃/W
1.2
p
Tamb=50℃
Ptot
Thermal resistance
junction to ambient air
Rthja
Operating junction and
storage temperature range
TJ, TSTG
Maximum instantaneous
forward voltage at 200mA
VF
Note:1),The thermal resistance from junction to ambient,case or mount,mounted on P.C.B with 5×5mm copper pads,2 OZ,FR4 PCB
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Test
Dynamic
Knee
Knee
Reverse Reverse Max.DC
Test
current
Dynamic
impedance
Knee
current
Knee
impedance
Reverse
current
Reverse
voltage
Max.DC
current
IZT
ZZT
IZK
ZZK
IR(Max)
VR
IZM
Vz(MIN)
Vz(MAX)
m A
m A
µAdc
V
m A
F1N5923
7.79
8.61
45.7
3.5
0.5
400
5
6.5
182
F1N5924
8.65
9.56
41.2
4
0.5
500
5
7
164
F1N5925
9.5
10.5
37.5
4.5
0.25
500
5
8
150
Part Number
Zener voltage
VZ /V
F1N5926
10.45
11.55
34.1
5.5
0.25
550
1
8.4
136
F1N5927
11.4
12.6
31.2
6.5
0.25
550
1
9.1
125
F1N5928
12.35
13.65
28.8
7
0.25
550
1
9.9
115
F1N5929
14.25
15.75
25
9
0.25
600
1
11.4
100
www.goodark.com
1/5
2014.12-Rev.B


Similar Part No. - F1N5956

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
F1N5913 GOOD-ARK-F1N5913_15 Datasheet
212Kb / 5P
   Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:1.5W
More results

Similar Description - F1N5956

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com