Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBF301 Datasheet(PDF) 4 Page - GOOD-ARK Electronics

Part # KBF301
Description  Glass Passivated Single In-Line Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

KBF301 Datasheet(HTML) 4 Page - GOOD-ARK Electronics

  KBF301 Datasheet HTML 1Page - GOOD-ARK Electronics KBF301 Datasheet HTML 2Page - GOOD-ARK Electronics KBF301 Datasheet HTML 3Page - GOOD-ARK Electronics KBF301 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
KBF301 thru KBF310
Glass Passivated Single-Phase Bridge Rectifier
Reverse Voltage 100~1000V Ountput Current 3.0A
Disclaimers
These materials are intended as a reference to assist our customers in the selection of the Suzhou
Good-Ark product best suited to the customer’s application; they do not convey any license under any
intellectual property rights, or any other rights, belonging to Suzhou Good-Ark Electronics Co., Ltd.or a
third party.
Suzhou Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage, or infringement of
any third-party ’ s rights, originating in the use of any product data, diagrams, charts, programs,
algorithms, or circuit application examples contained in these materials.
All information contained in these materials, including product data, diagrams, charts, programs and
algorithms represents information on products at the time of publication of these materials, and are
subject to change by Suzhou Good-Ark Electronics Co., Ltd. without notice due to product
improvements or other reasons. It is therefore recommended that customers contact Suzhou Good-Ark
Electronics Co., Ltd. or an authorized Suzhou Good-Ark Electronics Co., Ltd. for the latest product
information before purchasing a product listed herein. The information described here may contain
technical inaccuracies or typographical errors. Suzhou Good-Ark Electronics Co., Ltd. assumes no
responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please
also pay attention to information published by Suzhou Good-Ark Electronics Co., Ltd. by various
means, including our website home page.
(http://www.goodark.com)
When using any or all of the information contained in these materials, including product data,
diagrams, charts, programs, and algorithms, Please be sure to evaluate all information as a total
system before making a final decision on the applicability of the information and products. Suzhou
Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage, liability or other loss
resulting from the information contained herein.
The prior written approval of Suzhou Good-Ark Electronics Co., Ltd. is necessary to reprint or
reproduce in whole or in part these materials.
Please contact Suzhou Good-Ark Electronics Co., Ltd. or an authorized distributor for further details on
these materials or the products contained herein.
www.goodark.com
4/4
2016.01-Rev.B


Similar Part No. - KBF301

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
KBF-143 SYNERGY-KBF-143 Datasheet
40Kb / 2P
   BI-DIRECTIONAL COUPLERS
logo
GOOD-ARK Electronics
KBF201 GOOD-ARK-KBF201 Datasheet
840Kb / 4P
   Glass Passivated Single In-Line Bridge Rectifiers
KBF201U GOOD-ARK-KBF201U Datasheet
845Kb / 4P
   Glass Passivated Single In-Line Bridge Rectifiers
KBF201V GOOD-ARK-KBF201V Datasheet
825Kb / 4P
   Glass Passivated Single In-Line Bridge Rectifiers
KBF202 GOOD-ARK-KBF202 Datasheet
840Kb / 4P
   Glass Passivated Single In-Line Bridge Rectifiers
More results

Similar Description - KBF301

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
KBF401 GOOD-ARK-KBF401 Datasheet
530Kb / 4P
   Glass Passivated Single In-Line Bridge Rectifiers
GL1506B GOOD-ARK-GL1506B Datasheet
223Kb / 3P
   Glass Passivated Single In-Line Bridge Rectifiers
KBF201 GOOD-ARK-KBF201 Datasheet
840Kb / 4P
   Glass Passivated Single In-Line Bridge Rectifiers
KBF201V GOOD-ARK-KBF201V Datasheet
825Kb / 4P
   Glass Passivated Single In-Line Bridge Rectifiers
GL1506A GOOD-ARK-GL1506A Datasheet
224Kb / 3P
   Glass Passivated Single In-Line Bridge Rectifiers
GL2506-T2 GOOD-ARK-GL2506-T2 Datasheet
226Kb / 3P
   Glass Passivated Single In-Line Bridge Rectifiers
KBF201U GOOD-ARK-KBF201U Datasheet
845Kb / 4P
   Glass Passivated Single In-Line Bridge Rectifiers
GLV1506 GOOD-ARK-GLV1506 Datasheet
223Kb / 3P
   Glass Passivated Single In-Line Bridge Rectifiers
GLV1506 GOOD-ARK-GLV1506_15 Datasheet
223Kb / 3P
   Glass Passivated Single In-Line Bridge Rectifiers Glass Passivated Single In-Line Bridge Rectifiers Forward current-15Amperes
logo
Vishay Siliconix
GSIB4A60 VISHAY-GSIB4A60 Datasheet
124Kb / 3P
   Glass Passivated Single-In-Line Bridge Rectifier
03-Dec-04
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com