Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F1N5941 Datasheet(PDF) 3 Page - GOOD-ARK Electronics

Part # F1N5941
Description  Surface Mount Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

F1N5941 Datasheet(HTML) 3 Page - GOOD-ARK Electronics

  F1N5941 Datasheet HTML 1Page - GOOD-ARK Electronics F1N5941 Datasheet HTML 2Page - GOOD-ARK Electronics F1N5941 Datasheet HTML 3Page - GOOD-ARK Electronics F1N5941 Datasheet HTML 4Page - GOOD-ARK Electronics F1N5941 Datasheet HTML 5Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
F1N5923 thru F1N5956
Surface Mount Zener Diodes
Vz Range:8.2 to 200V Power Dissipation:1.5W
www.goodark.com
3/5
2014.12-Rev.B
Ratings and Characteristics Curves
(TA = 25℃ unless otherwise noted)
Figure 1. Typical Zener Voltage 
Figure 2. Steady State POWER Derating
Figure 3. Typical Instantaneous Forward 
Characteristics 
Figure 4. Typical Zener Impedance 
Figure 5. Typical Junction Capacitance
www.goodark.com
3/5
2014.12-Rev.B


Similar Part No. - F1N5941

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
F1N5913 GOOD-ARK-F1N5913_15 Datasheet
212Kb / 5P
   Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:1.5W
More results

Similar Description - F1N5941

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com