Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GL1506A Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # GL1506A
Description  Glass Passivated Single In-Line Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

GL1506A Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  GL1506A Datasheet HTML 1Page - GOOD-ARK Electronics GL1506A Datasheet HTML 2Page - GOOD-ARK Electronics GL1506A Datasheet HTML 3Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
www.goodark.com                                  1 / 3
                                    rev.1 
 
GL1506A THRU GL1508A 
Glass Passivated Single In-Line Bridge Rectifiers
Reverse voltage-600V to 800V
Forward current-15Amperes
FEATURES
Glass passivated chip junction
Thin single in-line package
Ideal for printed circuit boards
High surge current capability
High case dielectric strength of 2500 VRMS
Low forward voltage drop
Solder dip 260 °C, 10 s
Compliant to RoHS Directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
MECHANICAL DATA
Case: GBJ(5S), molded epoxy body,Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD22B-106
Polarity: As marked on body
Mounting Torque: 10cm-kg(8.8 inches-lbs)maximum
Recommended Torque: 5.7cm-kg(5 inches-lbs)
TYPICAL APPLICATIONS
General purpose use in ac-to-dc full wave rectification for switching Power Supply.Home Appliances,
Office Equipment, Industrial Automation applications
MAXIMUM RATINGS
(TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
GL1506A
GL1508A
UNIT
Maximum repetitive peak reverse voltage
VRRM
600
800
V
Maximum RMS voltage
VRMS
420
560
V
Maximum DC blocking voltage
VDC
600
800
V
Maximum average forward rectified
output current at
TC=110℃
(1)
IF(AV)
15
A
TA=25℃
(2)
IF(AV)
3.7
Peak forward surge current,8.3 ms single half sine-wave
superimposed on rated load(JEDEC Method)
IFSM
240
A
Dielectric strength (Terminals to case, AC)
VISO
2500
Volts
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C
PRIMARY CHARACTERISTICS
IF(AV)
15 A
VRRM
600 V,800V
IFSM
350A
VF at IF=7.5A,TA=125℃
0.85
IR
5µA
TJ max.
150 °C
Notes
: (1) Unit case mounted with heatsink
(2) Unit case mounted on PCB without heatsink


Similar Part No. - GL1506A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GL1506A GOOD-ARK-GL1506A_15 Datasheet
224Kb / 3P
   Glass Passivated Single In-Line Bridge Rectifiers Reverse voltage-600V to 800V Forward current-15Amperes
More results

Similar Description - GL1506A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
KBF401 GOOD-ARK-KBF401 Datasheet
530Kb / 4P
   Glass Passivated Single In-Line Bridge Rectifiers
GL1506B GOOD-ARK-GL1506B Datasheet
223Kb / 3P
   Glass Passivated Single In-Line Bridge Rectifiers
KBF201 GOOD-ARK-KBF201 Datasheet
840Kb / 4P
   Glass Passivated Single In-Line Bridge Rectifiers
KBF201V GOOD-ARK-KBF201V Datasheet
825Kb / 4P
   Glass Passivated Single In-Line Bridge Rectifiers
KBF301 GOOD-ARK-KBF301 Datasheet
607Kb / 4P
   Glass Passivated Single In-Line Bridge Rectifiers
GL2506-T2 GOOD-ARK-GL2506-T2 Datasheet
226Kb / 3P
   Glass Passivated Single In-Line Bridge Rectifiers
KBF201U GOOD-ARK-KBF201U Datasheet
845Kb / 4P
   Glass Passivated Single In-Line Bridge Rectifiers
GLV1506 GOOD-ARK-GLV1506 Datasheet
223Kb / 3P
   Glass Passivated Single In-Line Bridge Rectifiers
GLV1506 GOOD-ARK-GLV1506_15 Datasheet
223Kb / 3P
   Glass Passivated Single In-Line Bridge Rectifiers Glass Passivated Single In-Line Bridge Rectifiers Forward current-15Amperes
logo
Vishay Siliconix
GSIB4A60 VISHAY-GSIB4A60 Datasheet
124Kb / 3P
   Glass Passivated Single-In-Line Bridge Rectifier
03-Dec-04
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com