Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CD54HC7266 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part No. CD54HC7266
Description  High-Speed CMOS Logic Quad 2-Input EXCLUSIVE NOR Gate
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

   
 1 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS219D
Features
• Four Independent EXCLUSIVE NOR Gates
• Buffered Inputs and Outputs
• Logical Comparators
• Parity Generators and Checkers
• Adders/Subtracters
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30%of VCC at
VCC = 5V
Description
The ’HC7266 contains four independent Exclusive NOR
gates in one package. They provide the system designer
with a means for implementation of the EXCLUSIVE NOR
function.
This device is functionally the same as the TTL226. They
differ in that the ’HC7266 has active high and low outputs
whereas the 226 has open collector outputs.
Pinout
CD54HC7266
(CERDIP)
CD74HC7266
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC7266F3A
-55 to 125
14 Ld CERDIP
CD74HC7266E
-55 to 125
14 Ld PDIP
CD74HC7266M
-55 to 125
14 Ld SOIC
CD74HC7266MT
-55 to 125
14 Ld SOIC
CD74HC7266M96
-55 to 125
14 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel. The suffix T denotes a small-quantity reel
of 250.
1A
1B
1Y
2Y
2A
2B
GND
VCC
4B
4A
4Y
3Y
3B
3A
1
2
3
4
5
6
7
14
13
12
11
10
9
8
August 1997 - Revised September 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC7266, CD74HC7266
High-Speed CMOS Logic
Quad 2-Input EXCLUSIVE NOR Gate
[ /Title
(CD74H
C7266)
/Subject
(High
Speed
CMOS
Logic
Quad 2-
Input
EXCLU-
SIVE




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CD74HC7266High Speed CMOS Logic Quad 2-Input EXCLUSIVE NOR Gate 1 2 3 4 5 Texas Instruments
CD74HC86High Speed CMOS Logic Quad 2-Input EXCLUSIVE OR Gate 1 2 3 4 5 MoreTexas Instruments
CD54HC86High-Speed CMOS Logic Quad 2-Input EXCLUSIVE-OR Gate 1 2 3 4 5 MoreTexas Instruments
CD54HC02High-Speed CMOS Logic Quad Two-Input NOR Gate 1 2 3 4 5 MoreTexas Instruments
CD54HC03High-Speed CMOS Logic Quad 2-Input NAND Gate with Open Drain 1 2 3 4 5 MoreTexas Instruments
IN74AC86Quad 2-Input Exclusive OR Gate High-Speed Silicon-Gate CMOS 1 2 3 4 Integral Corp.
CD54HC08High-Speed CMOS Logic Quad 2-Input AND Gate 1 2 3 4 5 MoreTexas Instruments
IN74AC02Quad 2-Input NOR Gate High-Speed Silicon-Gate CMOS 1 2 3 4 Integral Corp.
CD54HC32High-Speed CMOS Logic Quad 2-Input OR Gate 1 2 3 4 5 MoreTexas Instruments
MC74LCX02LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE 1 2 3 4 5 MoreMotorola, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl