Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM90P06-70PCFM Datasheet(PDF) 4 Page - Analog Power

Part # AM90P06-70PCFM
Description  P-Channel 60-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM90P06-70PCFM Datasheet(HTML) 4 Page - Analog Power

  AM90P06-70PCFM Datasheet HTML 1Page - Analog Power AM90P06-70PCFM Datasheet HTML 2Page - Analog Power AM90P06-70PCFM Datasheet HTML 3Page - Analog Power AM90P06-70PCFM Datasheet HTML 4Page - Analog Power AM90P06-70PCFM Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Analog Power
AM90P06-70PCFM
7. Gate Charge
9. Safe Operating Area
10. Single Pulse Maximum Power Dissipation
8. Normalized On-Resistance Vs
Junction Temperature
11. Normalized Thermal Transient Junction to Ambient
Typical Electrical Characteristics
0
2
4
6
8
10
0
20
40
60
80
Qg - Total Gate Charge (nC)
0.01
0.1
1
10
100
1000
0.1
1
10
100
1000
VDS Drain to Source Voltage (V)
10 uS
100 uS
1 mS
10 mS
100 mS
1 SEC
10 SEC
100 SEC
DC
Idm limit
Limited by
RDS
1
0
50
100
150
0.001
0.01
0.1
1
10
100
1000
t1 TIME (SEC)
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1 TIME (sec)
D = 0.5
0.2
0.1
0.05
0.02
Single Pulse
RθJA(t) = r(t) + RθJA
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
0.5
1
1.5
2
2.5
-50
-25
0
25
50
75
100
125
150
TJ -JunctionTemperature(°C)
P(pk)
t1
t2
RθJA = 62.5 °C /W
VDS = -30V
ID = -20A
© Preliminary
4
Publication Order Number:
DS_AM90P06-70PCFM_1A


Similar Part No. - AM90P06-70PCFM

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM90P06-06P ANALOGPOWER-AM90P06-06P Datasheet
407Kb / 5P
   P-Channel 60-V (D-S) MOSFET
AM90P06-08P ANALOGPOWER-AM90P06-08P Datasheet
345Kb / 5P
   P-Channel 60-V (D-S) MOSFET
AM90P06-20B ANALOGPOWER-AM90P06-20B Datasheet
367Kb / 5P
   P-Channel 60-V (D-S) MOSFET
AM90P06-20P ANALOGPOWER-AM90P06-20P Datasheet
312Kb / 5P
   P-Channel 60-V (D-S) MOSFET
More results

Similar Description - AM90P06-70PCFM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6459BDQ VISHAY-SI6459BDQ Datasheet
78Kb / 5P
   P-Channel 60-V (D-S) MOSFET
Rev. A, 03-Nov-03
logo
Bruckewell Technology L...
MSD30P06 BWTECH-MSD30P06 Datasheet
544Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Analog Power
AM90P06-20B ANALOGPOWER-AM90P06-20B Datasheet
367Kb / 5P
   P-Channel 60-V (D-S) MOSFET
AM30P06-40D ANALOGPOWER-AM30P06-40D Datasheet
350Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
TP0610K VISHAY-TP0610K_06 Datasheet
199Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 02-Jan-06
SI3459DV VISHAY-SI3459DV Datasheet
62Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 29-Nov-99
SI6459DQ VISHAY-SI6459DQ Datasheet
60Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. D, 29-Nov-99
logo
Analog Power
AM7461P ANALOGPOWER-AM7461P Datasheet
182Kb / 3P
   P-Channel 60-V (D-S) MOSFET
AM7463P ANALOGPOWER-AM7463P Datasheet
357Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_05 Datasheet
202Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 12-Dec-05
logo
Analog Power
AM90P06-08P ANALOGPOWER-AM90P06-08P Datasheet
345Kb / 5P
   P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com