Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E91127A Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # E91127A
Description  Surface Mount Glass Passivated Single Phase Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

E91127A Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  E91127A Datasheet HTML 1Page - GOOD-ARK Electronics E91127A Datasheet HTML 2Page - GOOD-ARK Electronics E91127A Datasheet HTML 3Page - GOOD-ARK Electronics E91127A Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
E91127A
Surface Mount Glass Passivated Single Phase Bridge Rectifier
Reverse Voltage 1000V Output Current 1.2A
Features
• Glass passivated Bridge Rectifiers
• Ideal for automated placement
• Very low profile - max height 1.2 mm
• High surge current capability
• Moisture sensitivity: level 1, per J-STD-020
• High temperature soldering guaranteed: 260℃/10 seconds
Mechanical Data
• Case:E91,Molding compound meets UL 94V-0 flammability rating
Typical Applications
VRRM
V
VRMS
V
VDC
V
Io(AV)
A
IFSM
A
I
2t
A
2s
TJ,
TSTG
°C
IF=0.6A
IF=1.2A
TA=25℃
TA=125℃
Typical junction capacitance 4.0 V, 1 MHz
CJ
pF
• Terminals:Matte tin plated leads,solderable per MIl-STD-750 Method 2026,J-STD-002 and JESD22-
B102
General purpose use in ac-to-dc bridge full wave rectification for TV,Monitor,SMPS,Adapter,
Printer,Audio equipment,and Home Applications application
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
Unit
E91127A
E91127A
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Parameter
Test Conditions
Symbol
Unit
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average output rectified current
1.2
1000
700
1000
12
Maximum instantaneous
forward voltage
VF
Volts
1.0
Maximum DC reverse
current at rated DC blocking
voltage
IR
5.0
µA
50
0.95
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
45
Rating for fusing (t≤8.3ms)
8
Operating junction and storage temperature range
150
case: E91
www.goodark.com
1/4
2015.12-Rev.A


Similar Part No. - E91127A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
E91108H GOOD-ARK-E91108H Datasheet
380Kb / 4P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier
More results

Similar Description - E91127A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
E92205A GOOD-ARK-E92205A Datasheet
251Kb / 3P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier
E92207A GOOD-ARK-E92207A Datasheet
239Kb / 3P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier
E92305A GOOD-ARK-E92305A Datasheet
241Kb / 3P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier
E91205A GOOD-ARK-E91205A Datasheet
375Kb / 4P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier
E91207R GOOD-ARK-E91207R Datasheet
372Kb / 4P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier
E91209A GOOD-ARK-E91209A Datasheet
371Kb / 4P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier
E91307A GOOD-ARK-E91307A Datasheet
377Kb / 4P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier
E91201A GOOD-ARK-E91201A Datasheet
357Kb / 4P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier
E91256AU GOOD-ARK-E91256AU Datasheet
376Kb / 4P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier
logo
Pan Jit International I...
DI150S PANJIT-DI150S_15 Datasheet
112Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
DF005S CHENYI-DF005S Datasheet
139Kb / 2P
   SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com