Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CD54HC132 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part No. CD54HC132
Description  High-Speed CMOS Logic Quad 2-Input NAND Schmitt Trigger
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 
 1 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS145E
Features
• Unlimited Input Rise and Fall Times
• Exceptionally High Noise Immunity
• Typical Propagation Delay: 10ns at VCC = 5V,
CL = 15pF, TA = 25
oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 37%, NIH = 51% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC132 and ’HCT132 each contain four 2-input NAND
Schmitt Triggers in one package. This logic device utilizes
silicon gate CMOS technology to achieve operating speeds
similar to LSTTL gates with the low power consumption of
standard CMOS integrated circuits. All devices have the
ability to drive 10 LSTTL loads. The HCT logic family is
functionally pin compatible with the standard LS logic family.
Pinout
CD54HC132, CD54HCT132
(CERDIP)
CD74HC132, CD74HCT132
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC132F3A
-55 to 125
14 Ld CERDIP
CD54HCT132F3A
-55 to 125
14 Ld CERDIP
CD74HC132E
-55 to 125
14 Ld PDIP
CD74HC132M
-55 to 125
14 Ld SOIC
CD74HC132MT
-55 to 125
14 Ld SOIC
CD74HC132M96
-55 to 125
14 Ld SOIC
CD74HCT132E
-55 to 125
14 Ld PDIP
CD74HCT132M
-55 to 125
14 Ld SOIC
CD74HCT132MT
-55 to 125
14 Ld SOIC
CD74HCT132M96
-55 to 125
14 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel. The suffix T denotes a small-quantity reel of
250.
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
1
2
3
4
5
6
7
14
13
12
11
10
9
8
August 1997 - Revised March 2004
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2004, Texas Instruments Incorporated
CD54HC132, CD74HC132,
CD54HCT132, CD74HCT132
High-Speed CMOS Logic
Quad 2-Input NAND Schmitt Trigger
[ /Title
(CD74
HC132
,
CD74
HCT13
2)
/Sub-
ject
(High
Speed
CMOS
Logic
Quad
2-Input
NAND
Schmit




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CD74HC132High Speed CMOS Logic Quad 2-Input NAND Schmitt Trigger 1 2 3 4 5 MoreTexas Instruments
CD54HC03High-Speed CMOS Logic Quad 2-Input NAND Gate with Open Drain 1 2 3 4 5 MoreTexas Instruments
MC14093BQuad 2-Input NAND Schmitt Trigger 1 2 3 4 5 MoreON Semiconductor
74ALVC132Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 Fairchild Semiconductor
MM74HC132Quad 2-Input NAND Schmitt Trigger 1 2 3 4 5 MoreFairchild Semiconductor
CD54HC86High-Speed CMOS Logic Quad 2-Input EXCLUSIVE-OR Gate 1 2 3 4 5 MoreTexas Instruments
CD54HC14High-Speed CMOS Logic Hex Inverting Schmitt Trigger 1 2 3 4 5 MoreTexas Instruments
CD4093BCMOS QUAD 2-INPUT NAND SCHMITT TRIGGERS 1 2 3 4 5 MoreTexas Instruments
ACS132MSRadiation Hardened Quad 2-Input NAND Schmitt Trigger 1 2 Intersil Corporation
CD54HC7266High-Speed CMOS Logic Quad 2-Input EXCLUSIVE NOR Gate 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl