Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CD54HC132 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part No. CD54HC132
Description  High-Speed CMOS Logic Quad 2-Input NAND Schmitt Trigger
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 
 6 page
background image
6
Test Circuits and Waveforms
FIGURE 1. HC AND HCU TRANSITION TIMES AND PROPAGA-
TION DELAY TIMES, COMBINATION LOGIC
FIGURE 2. HCT TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
FIGURE 3. HYSTERESIS DEFINITION, CHARACTERISTIC, AND TEST SET-UP
tPHL
tPLH
tTHL
tTLH
90%
50%
10%
50%
10%
INVERTING
OUTPUT
INPUT
GND
VCC
tr = 6ns
tf = 6ns
90%
tPHL
tPLH
tTHL
tTLH
2.7V
1.3V
0.3V
1.3V
10%
INVERTING
OUTPUT
INPUT
GND
3V
tr = 6ns
tf = 6ns
90%
VCC
Vl
GND
VCC
VO
GND
VCC
Vl
VO
VO
VH
VH = V
+
T - V
-
T
-
T
V
+
T
V
VH
Vl
-
T
V
+
T
V
CD54HC132, CD74HC132, CD54HCT132, CD74HCT132




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CD74HC132High Speed CMOS Logic Quad 2-Input NAND Schmitt Trigger 1 2 3 4 5 MoreTexas Instruments
CD54HC03High-Speed CMOS Logic Quad 2-Input NAND Gate with Open Drain 1 2 3 4 5 MoreTexas Instruments
MC14093BQuad 2-Input NAND Schmitt Trigger 1 2 3 4 5 MoreON Semiconductor
74ALVC132Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 Fairchild Semiconductor
MM74HC132Quad 2-Input NAND Schmitt Trigger 1 2 3 4 5 MoreFairchild Semiconductor
CD54HC86High-Speed CMOS Logic Quad 2-Input EXCLUSIVE-OR Gate 1 2 3 4 5 MoreTexas Instruments
CD54HC14High-Speed CMOS Logic Hex Inverting Schmitt Trigger 1 2 3 4 5 MoreTexas Instruments
CD4093BCMOS QUAD 2-INPUT NAND SCHMITT TRIGGERS 1 2 3 4 5 MoreTexas Instruments
ACS132MSRadiation Hardened Quad 2-Input NAND Schmitt Trigger 1 2 Intersil Corporation
CD54HC7266High-Speed CMOS Logic Quad 2-Input EXCLUSIVE NOR Gate 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl