Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CD54HC132 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part No. CD54HC132
Description  High-Speed CMOS Logic Quad 2-Input NAND Schmitt Trigger
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 
 5 page
background image
5
HCT Input Loading Table
INPUT
UNIT LOADS
nA, nB
0.6
NOTE: Unit Load is
∆ICC limit specified in DC Electrical Specifica-
tions table, e.g. 360
µA max at 25oC.
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Propagation Delay
A, B to Y (Figure 1)
tPLH, tPHL CL = 50pF
2
-
-
125
-
156
-
188
ns
4.5
-
-
25
-
31
-
38
ns
6
-
-
21
-
27
-
32
ns
Propagation Delay
A, B to Y
tTLH, tTHL CL = 15pF
5
-
10
-
----
pF
Transition Times (Figure 1)
tTLH, tTHL CL = 50pF
2
-
-
75
-
95
-
110
ns
4.5
-
-
15
-
19
-
22
ns
6
-
-
13
-
16
-
19
ns
Input Capacitance
CI
-
-
-
-
10
-
10
-
10
pF
Power Dissipation Capacitance
(Notes 4, 5)
CPD
-
5
-
30
-
----
pF
HCT TYPES
Propagation Delay
A, B to Y
(Figure 2)
tPHL, tPHL CL = 50pF
4.5
-
-
33
-
41
-
50
ns
Propagation Delay
A, B to Y
tPLH, tPHL CL = 15pF
5
-
13
-
----
pF
Transition Times (Figure 2)
tTLH, tTHL CL = 50pF
4.5
-
-
15
-
19
-
22
ns
Input Capacitance
CI
-
-
-
-
10
-
10
-
10
pF
Power Dissipation Capacitance
(Notes 4, 5)
CPD
-
5
-
30
-
----
pF
NOTES:
4. CPD is used to determine the dynamic power consumption, per gate.
5. PD = VCC
2 f
i (CPD + CL) where fi = input frequency, CL = output load capacitance, VCC = supply voltage.
CD54HC132, CD74HC132, CD54HCT132, CD74HCT132




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CD74HC132High Speed CMOS Logic Quad 2-Input NAND Schmitt Trigger 1 2 3 4 5 MoreTexas Instruments
CD54HC03High-Speed CMOS Logic Quad 2-Input NAND Gate with Open Drain 1 2 3 4 5 MoreTexas Instruments
MC14093BQuad 2-Input NAND Schmitt Trigger 1 2 3 4 5 MoreON Semiconductor
74ALVC132Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 Fairchild Semiconductor
MM74HC132Quad 2-Input NAND Schmitt Trigger 1 2 3 4 5 MoreFairchild Semiconductor
CD54HC86High-Speed CMOS Logic Quad 2-Input EXCLUSIVE-OR Gate 1 2 3 4 5 MoreTexas Instruments
CD54HC14High-Speed CMOS Logic Hex Inverting Schmitt Trigger 1 2 3 4 5 MoreTexas Instruments
CD4093BCMOS QUAD 2-INPUT NAND SCHMITT TRIGGERS 1 2 3 4 5 MoreTexas Instruments
ACS132MSRadiation Hardened Quad 2-Input NAND Schmitt Trigger 1 2 Intersil Corporation
CD54HC7266High-Speed CMOS Logic Quad 2-Input EXCLUSIVE NOR Gate 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl