Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB16 Datasheet(PDF) 6 Page - STMicroelectronics

Part # BTB16
Description  16A TRIACS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB16 Datasheet(HTML) 6 Page - STMicroelectronics

  BTB16 Datasheet HTML 1Page - STMicroelectronics BTB16 Datasheet HTML 2Page - STMicroelectronics BTB16 Datasheet HTML 3Page - STMicroelectronics BTB16 Datasheet HTML 4Page - STMicroelectronics BTB16 Datasheet HTML 5Page - STMicroelectronics BTB16 Datasheet HTML 6Page - STMicroelectronics BTB16 Datasheet HTML 7Page - STMicroelectronics BTB16 Datasheet HTML 8Page - STMicroelectronics BTB16 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
BTA16, BTB16 and T16 Series
6/9
Figure 12: Ordering Information Scheme (BTA16 and BTB16 series)
Figure 13: Ordering Information Scheme (T16 series)
Table 7: Product Selector
Part Numbers
Voltage (xxx)
Sensitivity
Type
Package
600 V
700 V
800 V
BTA/BTB16-xxxB
X
X
X
50 mA
Standard
TO-220AB
BTA/BTB16-xxxBW
X
X
X
50 mA
Snubberless
TO-220AB
BTA/BTB16-xxxC
X
X
X
25 mA
Standard
TO-220AB
BTA/BTB16-xxxCW
X
X
X
35 mA
Snubberless
TO-220AB
BTA/BTB16-xxxSW
X
X
X
10 mA
Logic level
TO-220AB
T1635-xxxG
X
X
35 mA
Snubberless
D2PAK
BTB: non insulated TO-220AB package
BT A 16 - 600 BW RG
Triac series
Insulation
Current
Voltage
Sensitivity and type
Packing mode
A = insulated
B = non insulated
16 = 16A
600 = 600V
700 = 700V
800 = 800V
B = 50mA Standard
BW = 50mA Snubberless
C = 25mA Standard
CW = 35mA
RG = Tube
Snubberless
SW = 10mA Logic Level
T 16 35 - 600 G (-TR)
Triac series
Sensitivity
Voltage
Package
Packing mode
Current
16 = 16A
35 = 35mA
600 = 600V
800 = 800V
G = D PAK
Blanck = Tube
-TR = Tape & Reel
2


Similar Part No. - BTB16

ManufacturerPart #DatasheetDescription
logo
Suntac Electronic Corp.
BTB16 SUNTAC-BTB16 Datasheet
83Kb / 4P
   16A Triacs logic level
logo
Kersemi Electronic Co.,...
BTB16 KERSEMI-BTB16 Datasheet
347Kb / 6P
   16 A Snubberless?? logic level and standard Triacs
logo
STMicroelectronics
BTB16 STMICROELECTRONICS-BTB16 Datasheet
116Kb / 10P
   16 A Snubberless?? logic level and standard Triacs
BTB16 STMICROELECTRONICS-BTB16 Datasheet
217Kb / 18P
   Snubberless™, logic level and standard 16 A Triacs
DS2114 - Rev 11 - May 2018
logo
JIEJIE MICROELECTRONICS...
BTB16 JIEJIE-BTB16 Datasheet
692Kb / 6P
   16A TRIACs
More results

Similar Description - BTB16

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
BTA16-800B TGS-BTA16-800B Datasheet
142Kb / 1P
   16A TRIACS
logo
Unisonic Technologies
BTA16A UTC-BTA16A_15 Datasheet
195Kb / 4P
   16A TRIACS
logo
JIEJIE MICROELECTRONICS...
ACJT16 JIEJIE-ACJT16 Datasheet
358Kb / 5P
   16A TRIACs
logo
Unisonic Technologies
BTB16A UTC-BTB16A_15 Datasheet
169Kb / 4P
   16A TRIACS
BTB16A UTC-BTB16A Datasheet
162Kb / 4P
   16A TRIACS
BTA16A UTC-BTA16A Datasheet
169Kb / 4P
   16A TRIACS
logo
SiPower Inc.
BTA16 SIPOWER-BTA16 Datasheet
1Mb / 6P
   16A Triacs
logo
JIEJIE MICROELECTRONICS...
JST139 JIEJIE-JST139 Datasheet
394Kb / 6P
   16A TRIACs
logo
Tiger Electronic Co.,Lt...
BTB16-600B TGS-BTB16-600B Datasheet
87Kb / 1P
   16A TRIACS
logo
SiPower Inc.
BTA316X SIPOWER-BTA316X Datasheet
1Mb / 7P
   16A Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com