Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB16 Datasheet(PDF) 8 Page - STMicroelectronics

Part # BTB16
Description  16A TRIACS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB16 Datasheet(HTML) 8 Page - STMicroelectronics

  BTB16 Datasheet HTML 1Page - STMicroelectronics BTB16 Datasheet HTML 2Page - STMicroelectronics BTB16 Datasheet HTML 3Page - STMicroelectronics BTB16 Datasheet HTML 4Page - STMicroelectronics BTB16 Datasheet HTML 5Page - STMicroelectronics BTB16 Datasheet HTML 6Page - STMicroelectronics BTB16 Datasheet HTML 7Page - STMicroelectronics BTB16 Datasheet HTML 8Page - STMicroelectronics BTB16 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
BTA16, BTB16 and T16 Series
8/9
Figure 16: TO-220AB Package Mechanical Data
In order to meet environmental requirements, ST offers these devices in ECOPACK® packages. These
packages have a Lead-free second level interconnect . The category of second level interconnect is
marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The
maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an
ST trademark. ECOPACK specifications are available at: www.st.com.
C
b2
c2
F
Ø I
L
A
a1
a2
B
e
b1
I4
l3
l2
c1
M
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
15.20
15.90 0.598
0.625
a1
3.75
0.147
a2
13.00
14.00 0.511
0.551
B
10.00
10.40 0.393
0.409
b1
0.61
0.88
0.024
0.034
b2
1.23
1.32
0.048
0.051
C
4.40
4.60
0.173
0.181
c1
0.49
0.70
0.019
0.027
c2
2.40
2.72
0.094
0.107
e
2.40
2.70
0.094
0.106
F
6.20
6.60
0.244
0.259
ØI
3.75
3.85
0.147
0.151
I4
15.80 16.40 16.80 0.622 0.646 0.661
L
2.65
2.95
0.104
0.116
l2
1.14
1.70
0.044
0.066
l3
1.14
1.70
0.044
0.066
M
2.60
0.102
Table 8: Ordering Information
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
BTA/BTB16-xxxyzRG
BTA/BTB16xxxyz
TO-220AB
2.3 g
50
Tube
T1635-xxxG
T1635xxxG
D2PAK
1.5 g
50
Tube
T1635-xxxG-TR
T1635xxxG
1000
Tape & reel
Note: xxx = voltage, yy = sensitivity, z = type
Table 9: Revision History
Date
Revision
Description of Changes
Oct-2002
6A
Last update.
13-Feb-2006
7
TO-220AB delivery mode changed from bulk to tube.
ECOPACK statement added.


Similar Part No. - BTB16

ManufacturerPart #DatasheetDescription
logo
Suntac Electronic Corp.
BTB16 SUNTAC-BTB16 Datasheet
83Kb / 4P
   16A Triacs logic level
logo
Kersemi Electronic Co.,...
BTB16 KERSEMI-BTB16 Datasheet
347Kb / 6P
   16 A Snubberless?? logic level and standard Triacs
logo
STMicroelectronics
BTB16 STMICROELECTRONICS-BTB16 Datasheet
116Kb / 10P
   16 A Snubberless?? logic level and standard Triacs
BTB16 STMICROELECTRONICS-BTB16 Datasheet
217Kb / 18P
   Snubberless™, logic level and standard 16 A Triacs
DS2114 - Rev 11 - May 2018
logo
JIEJIE MICROELECTRONICS...
BTB16 JIEJIE-BTB16 Datasheet
692Kb / 6P
   16A TRIACs
More results

Similar Description - BTB16

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
BTA16-800B TGS-BTA16-800B Datasheet
142Kb / 1P
   16A TRIACS
logo
Unisonic Technologies
BTA16A UTC-BTA16A_15 Datasheet
195Kb / 4P
   16A TRIACS
logo
JIEJIE MICROELECTRONICS...
ACJT16 JIEJIE-ACJT16 Datasheet
358Kb / 5P
   16A TRIACs
logo
Unisonic Technologies
BTB16A UTC-BTB16A_15 Datasheet
169Kb / 4P
   16A TRIACS
BTB16A UTC-BTB16A Datasheet
162Kb / 4P
   16A TRIACS
BTA16A UTC-BTA16A Datasheet
169Kb / 4P
   16A TRIACS
logo
SiPower Inc.
BTA16 SIPOWER-BTA16 Datasheet
1Mb / 6P
   16A Triacs
logo
JIEJIE MICROELECTRONICS...
JST139 JIEJIE-JST139 Datasheet
394Kb / 6P
   16A TRIACs
logo
Tiger Electronic Co.,Lt...
BTB16-600B TGS-BTB16-600B Datasheet
87Kb / 1P
   16A TRIACS
logo
SiPower Inc.
BTA316X SIPOWER-BTA316X Datasheet
1Mb / 7P
   16A Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com