Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T502D685K035AG6310 Datasheet(PDF) 5 Page - Kemet Corporation

Part # T502D685K035AG6310
Description  Tantalum Surface Mount Capacitors ??High Temperature
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T502D685K035AG6310 Datasheet(HTML) 5 Page - Kemet Corporation

  T502D685K035AG6310 Datasheet HTML 1Page - Kemet Corporation T502D685K035AG6310 Datasheet HTML 2Page - Kemet Corporation T502D685K035AG6310 Datasheet HTML 3Page - Kemet Corporation T502D685K035AG6310 Datasheet HTML 4Page - Kemet Corporation T502D685K035AG6310 Datasheet HTML 5Page - Kemet Corporation T502D685K035AG6310 Datasheet HTML 6Page - Kemet Corporation T502D685K035AG6310 Datasheet HTML 7Page - Kemet Corporation T502D685K035AG6310 Datasheet HTML 8Page - Kemet Corporation T502D685K035AG6310 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2075_T502 • 6/24/2016
55
Tantalum Surface Mount Capacitors – High Temperature
T502 Series MnO2 230°C
Dimensions – Millimeters
H
X
T
B
B
G
F
E
A
L
R
P
SIDE VIEW
ANODE (+) END VIEW
BOTTOM VIEW
CATHODE (-) END VIEW
W
S
S
Termination cutout
at KEMET's option,
either end
Case Size
Component
Total
Weight
KEMET EIA
L
W
H
F
S
B (Ref)
X (Ref)
P (Ref) R (Ref) T (Ref) A (Min)
(mg)
B
3528-21
3.5 ±0.2
(0.138 ±0.008)
2.8 ±0.2
(0.110 ±0.008)
1.9 ±0.2
(0.075 ±0.008)
2.2 ±0.1
(0.087 ±0.004)
0.80+0.1/-0.3
(0.032+0.004/-
0.011)
0.4 ±0.15
(0.016 ±0.006)
0.10 ±0.10
(0.004 ±0.004)
0.5
(0.020)
1.0
(0.039)
0.13
(0.005)
1.9
(0.075)
63
D
7343-31
7.3 ±0.3
(0.287 ±0.012)
4.3 ±0.3
(0.169 ±0.012)
2.8 ±0.3
(0.110 ±0.012)
2.4 ±0.1
(0.094 ±0.004)
1.3 ±0.3
(0.051 ±0.012)
0.5 ±0.15
(0.020 ±0.006)
0.10 ±0.10
(0.004 ±0.004)
0.9
(0.035)
1.0
(0.039)
0.13
(0.005)
3.8
(0.150)
292
Notes: (Ref) – Dimensions provided for reference only.
These weights are provided as reference. If exact weights are needed, please contact your KEMET Sales Representative
Table 1 – Ratings & Part Number Reference
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part Number
DC
Leakage
DF
ESR
Maximum
Allowable
Ripple Current
Maximum
Operating
Temp
VDC at 85ºC
µF
KEMET/EIA
(See below for part options)
µA at 25°C Max/5
Minutes
% at 25ºC
120 Hz Max
Ω at 25ºC
100 kHz Max
mA at +45°C 100 kHz
°C
16
10
B/3528-21
T502B106(1)016AG(2)10
1.6
6
2.8
551
230
25
10
D/7343-31
T502D106(1)025AG(2)10
2.5
6
1.8
913
230
35
6.8
D/7343-31
T502D685(1)035AG(2)10
2.4
6
1.8
913
230
(1) To complete KEMET part number, insert M for ±20% or K for ±10%. Designates capacitance tolerance.
(2) To complete KEMET part number, insert 61 = None, 62 = 10 cycles +25°C, 63 = 10 cycles −55°C +85°C Designates surge current option.
Refer to Ordering Information for additional detail.


Similar Part No. - T502D685K035AG6310

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T502D685K035AG6310 KEMET-T502D685K035AG6310 Datasheet
1Mb / 15P
   Tantalum Surface Mount Capacitors ??High Temperature
More results

Similar Description - T502D685K035AG6310

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T502D685M035AG6110 KEMET-T502D685M035AG6110_16 Datasheet
1Mb / 15P
   Tantalum Surface Mount Capacitors ??High Temperature
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
T525T107M2R5AH4095 KEMET-T525T107M2R5AH4095 Datasheet
419Kb / 2P
   High Temperature Tantalum Surface Mount Capacitor
logo
Vishay Siliconix
TH3 VISHAY-TH3 Datasheet
127Kb / 7P
   Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
Revision: 14-Oct-08
logo
Kemet Corporation
T493D227K006CH612A KEMET-T493D227K006CH612A Datasheet
3Mb / 61P
   Tantalum Surface Mount Capacitors
logo
AVX Corporation
TAJB226M010R AVX-TAJB226M010R Datasheet
902Kb / 51P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491B106M016AT KEMET-T491B106M016AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
AVX Corporation
TAJB335M016R AVX-TAJB335M016R Datasheet
31Kb / 1P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491X157K020AT KEMET-T491X157K020AT_15 Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491D106K020AT KEMET-T491D106K020AT Datasheet
488Kb / 1P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com