Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP40-120512TG Datasheet(PDF) 1 Page - Recom International Power

Part # RP40-120512TG
Description  40 Watt Single, Dual & Triple Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP40-120512TG Datasheet(HTML) 1 Page - Recom International Power

  RP40-120512TG Datasheet HTML 1Page - Recom International Power RP40-120512TG Datasheet HTML 2Page - Recom International Power RP40-120512TG Datasheet HTML 3Page - Recom International Power RP40-120512TG Datasheet HTML 4Page - Recom International Power RP40-120512TG Datasheet HTML 5Page - Recom International Power RP40-120512TG Datasheet HTML 6Page - Recom International Power RP40-120512TG Datasheet HTML 7Page - Recom International Power RP40-120512TG Datasheet HTML 8Page - Recom International Power RP40-120512TG Datasheet HTML 9Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Features
Regulated
Converters
• 2:1 Wide Input Voltage Range
• 1.6kVDC Isolation
• UL Certified
• Efficiency up to 90%
• Six-Sided Continuous Shield
• Available as Power Module (RPM40-G)
PD-1
REV.: 1/2016
www.recom-power.com
DC/DC Converter
3 YEAR
warranty
3
Description
The RP40-G series DC/DC converters are certified to UL 60950-1 and to cUL 60950-1. This makes
them ideal for all telecom and industrial applications where approved safety standards are required. The
industry standard 2” x 2” package meets military standards for thermal shock and vibration tolerance.
E196683
40 Watt
Single,
Dual & Triple
Output
RP40-G
Selection Guide
Part Number
Input
Output
Output
Input(1) Efficiency(1) Max. Capacitive
Voltage Range
Voltage
Current
Current
typ.
Load(2)
[VDC]
[VDC]
[mA]
[mA]
[%]
[µF]
RP40-123.3SG(3,4)
9-18
3.3
8000
2558
86
21000
RP40-1205SG(3,4)
9-18
5
8000
3876
86
13600
RP40-1212SG(3,4)
9-18
12
3333
3876
86
2360
RP40-1215SG(3,4)
9-18
15
2666
3830
87
1510
RP40-243.3SG(3,4)
18-36
3.3
8000
1264
87
21000
RP40-2405SG(3,4)
18-36
5
8000
1873
89
13600
RP40-2412SG(3,4)
18-36
12
3333
1894
88
2360
RP40-2415SG(3,4)
18-36
15
2666
1872
89
1510
RP40-483.3SG(3,4)
36-75
3.3
8000
625
88
21000
RP40-4805SG(3,4)
36-75
5
8000
926
90
13600
RP40-4812SG(3,4)
36-75
12
3333
936
89
2360
RP40-4815SG(3,4)
36-75
15
2666
936
89
1510
RP40-1212DG(3,4)
9-18
±12
±1800
4235
85
±1200
RP40-1215DG(3,4)
9-18
±15
±1400
4118
85
±750
RP40-2412DG(3,4)
18-36
±12
±1800
2069
87
±1200
RP40-2415DG(3,4)
18-36
±15
±1400
2011
87
±750
RP40-4812DG(3,4)
36-75
±12
±1800
1034
87
±1200
RP40-4815DG(3,4)
36-75
±15
±1400
1006
87
±750
RP40-120512TG(3,4)
9-18
5 / ±12
6000 /±400
3837
86
6800μF/±330μF
RP40-120515TG(3,4)
9-18
5 / ±15 6000 / ±300
3779
86
6800μF/±110μF
RP40-240512TG(3,4)
18-36
5 / ±12 6000 / ±400
1897
87
6800μF/±330μF
RP40-240515TG(3,4)
18-36
5 / ±15 6000 / ±300
1868
87
6800μF/±110μF
RP40-480512TG(3,4)
36-75
5 / ±12 6000 / ±400
938
88
6800μF/±330μF
RP40-480515TG(3,4)
36-75
5 / ±15 6000 / ±300
923
88
6800μF/±110μF
UL60950-1 Certified
Model Numbering
Ordering Examples
RP40-2405SG = 24V Input, 5V Output, Positive Logic CTRL pin.
RP40-4812DG-HC = 48V Input, ±12V Output, Positive Logic CTRL pin, Heat-sink fitted
Input Voltage
Output Voltage
Single or Dual or Triple
RP40-__ __ _G/_ _
Package (4)
Control Logic(3)
Notes:
Note3: no suffix for CTRL function with Positive Logic (1=ON, 0=OFF) and trim pin
Note4: add suffix -HC for premounted Heat-sink and clips
Notes:
Note1: Maximum value at nominal input voltage and full load.
Note2: Test by minimum Vin and constant resistor load.


Similar Part No. - RP40-120512TG

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP40-120512TG RECOM-RP40-120512TG Datasheet
87Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-120512TG RECOM-RP40-120512TG Datasheet
90Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
More results

Similar Description - RP40-120512TG

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC40-3.3SA RECOM-RAC40-3.3SA Datasheet
82Kb / 2P
   40 Watt Single, Dual & Triple Output
RAC40-B RECOM-RAC40-B Datasheet
83Kb / 2P
   40 Watt Single/Dual/Double & Triple Output
RAC40-S-D-TB RECOM-RAC40-S-D-TB Datasheet
83Kb / 2P
   40 Watt Single/Dual/ Double & Triple Output
RP40-121.5SG RECOM-RP40-121.5SG Datasheet
87Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-123.3SE RECOM-RP40-123.3SE_06 Datasheet
100Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-121.5SG RECOM-RP40-121.5SG_06 Datasheet
90Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-1233SE RECOM-RP40-1233SE Datasheet
89Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
REC40-1205SRWB RECOM-REC40-1205SRWB Datasheet
87Kb / 2P
   40 Watt 2??x 2??Single, Dual & Triple Output
RPR40-243.3S RECOM-RPR40-243.3S Datasheet
195Kb / 6P
   40 Watt Single & Dual Output
RP40-GW RECOM-RP40-GW Datasheet
500Kb / 8P
   40 Watt Single, Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com