Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP40-120512TG Datasheet(PDF) 7 Page - Recom International Power

Part # RP40-120512TG
Description  40 Watt Single, Dual & Triple Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP40-120512TG Datasheet(HTML) 7 Page - Recom International Power

Back Button RP40-120512TG Datasheet HTML 2Page - Recom International Power RP40-120512TG Datasheet HTML 3Page - Recom International Power RP40-120512TG Datasheet HTML 4Page - Recom International Power RP40-120512TG Datasheet HTML 5Page - Recom International Power RP40-120512TG Datasheet HTML 6Page - Recom International Power RP40-120512TG Datasheet HTML 7Page - Recom International Power RP40-120512TG Datasheet HTML 8Page - Recom International Power RP40-120512TG Datasheet HTML 9Page - Recom International Power RP40-120512TG Datasheet HTML 10Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP40-G
Series
PD-7
REV.: 1/2016
www.recom-power.com
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Report / File Number
Standard
UL General Safety
E196683
UL60950-1 1st. Ed.: 2003
C22.2 No. 60950 1st. Ed.: 2003
EMC Compliance
Condition
Standard / Criterion
EMI Standard(11)
with external filter
EN55022, Class A or B
ESD
Radiated Immunity
Fast Transient(12)
Surge(12)
Conducted Immunity
Air ±8kV and Contact ±6kC
10 V/m
±2kV
±1kV
10 Vr.m.s
EN61000-4-2, Criteria B
EN61000-4-3, Criteria A
EN61000-4-4, Criteria B
EN61000-4-5, Criteria B
EN61000-4-6, Criteria A
continued on next page
Input
Input
Input
DC
DC
Fuse
Fuse
C2
C1
C2
C1
+VIN
+VOUT
-VOUT
-VIN
C4
C3
C3
DC
DC
+VIN
+VOUT
COM
-VOUT
-VIN
C4
Fuse
C2
C1
C3
DC
DC
+VIN
+VOUT
COM
-Aux
-VIN
C4
+Aux
Input
Input
Input
DC
DC
Fuse
Fuse
C2
C1
C2
C1
+VIN
+VOUT
-VOUT
-VIN
C4
C3
C3
DC
DC
+VIN
+VOUT
COM
-VOUT
-VIN
C4
Fuse
C2
C1
C3
DC
DC
+VIN
+VOUT
COM
-Aux
-VIN
C4
+Aux
Input
Input
Input
DC
DC
Fuse
Fuse
C2
C1
C2
C1
+VIN
+VOUT
-VOUT
-VIN
C4
C3
C3
DC
DC
+VIN
+VOUT
COM
-VOUT
-VIN
C4
Fuse
C2
C1
C3
DC
DC
+VIN
+VOUT
COM
-Aux
-VIN
C4
+Aux
EMI Filtering Class A
MODEL
C1
C2
C3/C4
RP40-12xxSG
RP40-12xxDG
RP40-12xxTG
6.8μF/50V
1812 MLCC
N/A
1000pF/2kV
1808 MLCC
RP40-24xxSG
RP40-24xxDG
RP40-24xxTG
6.8μF/50V
1812 MLCC
N/A
1000pF/2kV
1808 MLCC
RP40-48xxSG
RP40-48xxDG
RP40-48xxTG
2.2μF/100V
1812 MLCC
N/A
1000pF/2kV
1808 MLCC
Notes:
Note11: The standard modues meet EMI Class A or Class B with external components, see filter suggestions below.
Note12: An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5. The filter
capacitor Recom suggests: Nippon chemi-con KY series, 220μF/100V


Similar Part No. - RP40-120512TG

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP40-120512TG RECOM-RP40-120512TG Datasheet
87Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-120512TG RECOM-RP40-120512TG Datasheet
90Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
More results

Similar Description - RP40-120512TG

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC40-3.3SA RECOM-RAC40-3.3SA Datasheet
82Kb / 2P
   40 Watt Single, Dual & Triple Output
RAC40-B RECOM-RAC40-B Datasheet
83Kb / 2P
   40 Watt Single/Dual/Double & Triple Output
RAC40-S-D-TB RECOM-RAC40-S-D-TB Datasheet
83Kb / 2P
   40 Watt Single/Dual/ Double & Triple Output
RP40-121.5SG RECOM-RP40-121.5SG Datasheet
87Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-123.3SE RECOM-RP40-123.3SE_06 Datasheet
100Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-121.5SG RECOM-RP40-121.5SG_06 Datasheet
90Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-1233SE RECOM-RP40-1233SE Datasheet
89Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
REC40-1205SRWB RECOM-REC40-1205SRWB Datasheet
87Kb / 2P
   40 Watt 2??x 2??Single, Dual & Triple Output
RPR40-243.3S RECOM-RPR40-243.3S Datasheet
195Kb / 6P
   40 Watt Single & Dual Output
RP40-GW RECOM-RP40-GW Datasheet
500Kb / 8P
   40 Watt Single, Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com