Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP40-4815DG Datasheet(PDF) 5 Page - Recom International Power

Part # RP40-4815DG
Description  40 Watt Single, Dual & Triple Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP40-4815DG Datasheet(HTML) 5 Page - Recom International Power

  RP40-4815DG Datasheet HTML 1Page - Recom International Power RP40-4815DG Datasheet HTML 2Page - Recom International Power RP40-4815DG Datasheet HTML 3Page - Recom International Power RP40-4815DG Datasheet HTML 4Page - Recom International Power RP40-4815DG Datasheet HTML 5Page - Recom International Power RP40-4815DG Datasheet HTML 6Page - Recom International Power RP40-4815DG Datasheet HTML 7Page - Recom International Power RP40-4815DG Datasheet HTML 8Page - Recom International Power RP40-4815DG Datasheet HTML 9Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP40-G
Series
PD-5
REV.: 1/2016
www.recom-power.com
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
5.05
5.01
5.15
5.20
5.25
5.30
5.35
5.4
5.45
5.50
Volts
R
U =
36.57
16.58
9.92
6.58
4.59
3.25
2.30
1.59
1.03
0.59
KOhms
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout =
4.95
4.90
4.85
4.80
4.75
4.70
4.65
4.60
4.55
4.50
Volts
R
D =
45.53
20.61
12.31
8.15
5.66
4.00
2.81
1.92
1.23
0.68
KOhms
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
12.12
12.24
12.36
12.48
12.60
12.72
12.84
12.96
13.08
13.20
Volts
R
U =
367.91
165.95
98.64
64.98
44.78
31.32
21.70
14.49
8.88
4.39
KOhms
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout =
11.88
11.76
11.64
11.52
11.40
11.28
11.16
11.04
10.92
10.8
Volts
R
D =
460.99
207.95
123.60
81.42
56.12
39.25
27.20
18.16
11.13
5.51
KOhms
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
15.15
15.3
15.45
15.60
15.75
15.90
16.05
16.20
16.35
16.50
Volts
R
U =
404.18
180.59
106.06
68.80
46.44
31.53
20.88
12.90
6.69
1.72
KOhms
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout =
14.85
14.70
14.55
14.40
14.25
14.10
13.95
13.80
13.65
13.50
Volts
R
D =
499.82
223.41
131.27
85.20
57.56
39.14
25.97
16.10
8.42
2.282
KOhms
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
24.24
24.48
24.72
24.96
25.20
25.44
25.68
25.92
26.16
26.40
Volts
R
U =
218.21
98.10
58.07
38.05
26.04
18.03
12.32
8.03
4.69
2.02
KOhms
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout =
23.76
23.52
23.28
23.04
22.80
22.56
22.32
22.08
21.84
21.6
Volts
R
D =
273.44
123.02
72.87
47.80
32.76
22.73
15.57
10.20
6.02
2.67
KOhms
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
30.30
30.60
30.90
31.20
31.50
31.80
32.10
32.40
32.70
33.00
Volts
R
U =
268.29
120.64
71.43
46.82
32.06
22.21
15.10
9.91
5.81
2.53
KOhms
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout =
29.70
29.40
29.10
28.80
28.50
28.20
27.90
27.60
27.30
27.00
Volts
R
D =
337.71
152.02
90.13
59.18
40.61
28.23
19.39
12.76
7.60
3.47
KOhms
RP40-xx05SG
RP40-xx12SF
RP40-xx15SG
RP40-xx12DG
RP40-xx15DG
Dual Output Voltage Trim Tables


Similar Part No. - RP40-4815DG

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP40-4815DG RECOM-RP40-4815DG Datasheet
87Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-4815DG RECOM-RP40-4815DG Datasheet
90Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-4815DGW RECOM-RP40-4815DGW Datasheet
78Kb / 4P
   40 Watt 2??x 2??Single & Dual Output
RP40-4815DGW RECOM-RP40-4815DGW Datasheet
500Kb / 8P
   40 Watt Single, Dual Output
RP40-4815DGWN RECOM-RP40-4815DGWN Datasheet
78Kb / 4P
   40 Watt 2??x 2??Single & Dual Output
More results

Similar Description - RP40-4815DG

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC40-3.3SA RECOM-RAC40-3.3SA Datasheet
82Kb / 2P
   40 Watt Single, Dual & Triple Output
RAC40-B RECOM-RAC40-B Datasheet
83Kb / 2P
   40 Watt Single/Dual/Double & Triple Output
RAC40-S-D-TB RECOM-RAC40-S-D-TB Datasheet
83Kb / 2P
   40 Watt Single/Dual/ Double & Triple Output
RP40-121.5SG RECOM-RP40-121.5SG Datasheet
87Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-123.3SE RECOM-RP40-123.3SE_06 Datasheet
100Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-121.5SG RECOM-RP40-121.5SG_06 Datasheet
90Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-1233SE RECOM-RP40-1233SE Datasheet
89Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
REC40-1205SRWB RECOM-REC40-1205SRWB Datasheet
87Kb / 2P
   40 Watt 2??x 2??Single, Dual & Triple Output
RPR40-243.3S RECOM-RPR40-243.3S Datasheet
195Kb / 6P
   40 Watt Single & Dual Output
RP40-GW RECOM-RP40-GW Datasheet
500Kb / 8P
   40 Watt Single, Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com