Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T502B685K025AG6310 Datasheet(PDF) 4 Page - Kemet Corporation

Part # T502B685K025AG6310
Description  Tantalum Surface Mount Capacitors ??High Temperature
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T502B685K025AG6310 Datasheet(HTML) 4 Page - Kemet Corporation

  T502B685K025AG6310 Datasheet HTML 1Page - Kemet Corporation T502B685K025AG6310 Datasheet HTML 2Page - Kemet Corporation T502B685K025AG6310 Datasheet HTML 3Page - Kemet Corporation T502B685K025AG6310 Datasheet HTML 4Page - Kemet Corporation T502B685K025AG6310 Datasheet HTML 5Page - Kemet Corporation T502B685K025AG6310 Datasheet HTML 6Page - Kemet Corporation T502B685K025AG6310 Datasheet HTML 7Page - Kemet Corporation T502B685K025AG6310 Datasheet HTML 8Page - Kemet Corporation T502B685K025AG6310 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2075_T502 • 6/24/2016
44
Tantalum Surface Mount Capacitors – High Temperature
T502 Series MnO2 230°C
Electrical Characteristics
Impedance & ESR vs. Frequency
The measurements were taken at room temperature (25°C)
Capacitance vs. Frequency
The measurements were taken at room temperature (25°C)
Frequency (Hz)
1,000
100
10
1
0.1
100
1,000
10,000
100,000
1,000,000
10,000,000
502D685K035_IMP
502D685K035_ESR
502B106K016_IMP
502B106K016_ESR
10
100
0.1
Frequency (Hz)
100
1,000
10,000
100,000
1,000,000
10,000,000
1
502D685K035_CAP(µF)
502B106K016_CAP(µF)


Similar Part No. - T502B685K025AG6310

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T502B685K025AG6310 KEMET-T502B685K025AG6310 Datasheet
1Mb / 15P
   Tantalum Surface Mount Capacitors ??High Temperature
More results

Similar Description - T502B685K025AG6310

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T502D685M035AG6110 KEMET-T502D685M035AG6110_16 Datasheet
1Mb / 15P
   Tantalum Surface Mount Capacitors ??High Temperature
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
T525T107M2R5AH4095 KEMET-T525T107M2R5AH4095 Datasheet
419Kb / 2P
   High Temperature Tantalum Surface Mount Capacitor
logo
Vishay Siliconix
TH3 VISHAY-TH3 Datasheet
127Kb / 7P
   Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
Revision: 14-Oct-08
logo
Kemet Corporation
T493D227K006CH612A KEMET-T493D227K006CH612A Datasheet
3Mb / 61P
   Tantalum Surface Mount Capacitors
logo
AVX Corporation
TAJB226M010R AVX-TAJB226M010R Datasheet
902Kb / 51P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491B106M016AT KEMET-T491B106M016AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
AVX Corporation
TAJB335M016R AVX-TAJB335M016R Datasheet
31Kb / 1P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491X157K020AT KEMET-T491X157K020AT_15 Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491D106K020AT KEMET-T491D106K020AT Datasheet
488Kb / 1P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com