Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP30-4815DEW Datasheet(PDF) 5 Page - Recom International Power

Part # RP30-4815DEW
Description  30 Watt Single & Dual Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP30-4815DEW Datasheet(HTML) 5 Page - Recom International Power

  RP30-4815DEW Datasheet HTML 1Page - Recom International Power RP30-4815DEW Datasheet HTML 2Page - Recom International Power RP30-4815DEW Datasheet HTML 3Page - Recom International Power RP30-4815DEW Datasheet HTML 4Page - Recom International Power RP30-4815DEW Datasheet HTML 5Page - Recom International Power RP30-4815DEW Datasheet HTML 6Page - Recom International Power RP30-4815DEW Datasheet HTML 7Page - Recom International Power RP30-4815DEW Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP30-EW
Series
PD-5
REV.: 2/2016
www.recom-power.com
PROTECTIONS
Parameter
Condition
Value
Short Circuit Protection (SCP)
continuous, automatic recovery
Over Voltage Protection (OVP)
Zener Diode Clamp
3.3Vout
5Vout
12Vout
15Vout
3.9VDC
6.2VDC
15VDC
18VDC
Over Load Protection (OLP)
% of Iout rated
150% max.
Over Temperature Protection (OTP)
115°C typ.
Isolation Voltage
I/P to O/P
I/P to O/P to case
1.6kVDC/1minute
1.6kVDC/1minute
Isolation Resistance
500VDC
1G
Ω min.
Isolation Capacitance
1000pF max.
Notes:
Note9: This power module is not internally fused. An input line fuse must always be used.
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
without derating
with derating
-40°C to +70°C
-40°C to +100°C
Maximum Case Temperature
+100°C
Temperature Coefficient
±0.02%/°C max.
Thermal Impedance(10)
Natural convection (20LFM)
Natural convection (20LFM) with Heat-sink
10°C/Watt
8.24°C/Watt
Operating Humidity
5% - 95% RH
Thermal Shock
MIL-STD-810F
Vibration
MIL-STD-810F
MTBF
MIL-HDBK-217F
Bellcore TR-NWT-000332(10)
759.8 x 103 hours
1315 x 103 hours
Notes:
Note10: BELLCORE TR-NWT-000332. Case l: 50% Stress, Temperature at 40°C (Ground fixed and controlled environment).
Note11: Derating graphs are valid only for the shown part numbers. If you need detailed derating-information about a part-
number not shown here please contact our technical support service at techsupportAT@recom-power.com
-40
80 100 120
40
20
0
-20
0
20
40
60
80
100
Ambient Temperature [°C]
60 70
-40
60
75
80 100 120
40
20
0
-20
0
20
40
60
80
100
Ambient Temperature [°C]
RP30-483.3SEW
RP30-483.3SEW with Heat-sink
Derating Graph(11)


Similar Part No. - RP30-4815DEW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-4815DEW RECOM-RP30-4815DEW Datasheet
97Kb / 4P
   30 Watt Single & Dual Output
RP30-4815DEW RECOM-RP30-4815DEW Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
RP30-4815DEWN RECOM-RP30-4815DEWN Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
More results

Similar Description - RP30-4815DEW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-E RECOM-RP30-E Datasheet
516Kb / 9P
   30 Watt Single & Dual Output
RPR30-243.3S RECOM-RPR30-243.3S Datasheet
196Kb / 6P
   30 Watt Single & Dual Output
RACM30-K_277 RECOM-RACM30-K_277 Datasheet
1Mb / 10P
   30 Watt Single/Dual Output
REV.: 0/2023
RP30-241.5SEW RECOM-RP30-241.5SEW_06 Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
RP30-241.5SEW RECOM-RP30-241.5SEW Datasheet
97Kb / 4P
   30 Watt Single & Dual Output
RPP30-W RECOM-RPP30-W Datasheet
139Kb / 4P
   30 Watt Single & Dual Output
RP30-121.5SE RECOM-RP30-121.5SE_06 Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
REC30-242.5SRWZ RECOM-REC30-242.5SRWZ Datasheet
78Kb / 2P
   30 Watt Single & Dual Output
RP30-F RECOM-RP30-F Datasheet
562Kb / 8P
   30 Watt Single & Dual Output
REC30-243.4SZ RECOM-REC30-243.4SZ Datasheet
332Kb / 7P
   30 Watt Single and Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com