Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP20-2415DFR Datasheet(PDF) 6 Page - Recom International Power

Part # RP20-2415DFR
Description  DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP20-2415DFR Datasheet(HTML) 6 Page - Recom International Power

  RP20-2415DFR Datasheet HTML 1Page - Recom International Power RP20-2415DFR Datasheet HTML 2Page - Recom International Power RP20-2415DFR Datasheet HTML 3Page - Recom International Power RP20-2415DFR Datasheet HTML 4Page - Recom International Power RP20-2415DFR Datasheet HTML 5Page - Recom International Power RP20-2415DFR Datasheet HTML 6Page - Recom International Power RP20-2415DFR Datasheet HTML 7Page - Recom International Power RP20-2415DFR Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Report / File Number
Standard
Information Technology Equipment, General Requirements for Safety
E196683
UL60950-1, 2nd Edition
CSA C22.2 No. 601.1
Railway Applications - Electrical Equipment used on rolling stock
15A100704E-C
EN50155
EMI Compliance
Condition
Standard / Criterion
Industrial, scientific and medical equipment - Radio frequency disturbance
characteristics - Limits and methods of measurement(7)
EN55011, Class A and B
Information technology equipment - Radio disturbance characteristics - Limits and
methods of measurement(7)
EN55022, Class A and B
ESD Electrostatic discharge immunity test
Radiated, radio-frequency, electromagnetic field immunity test
Fast Transient and Burst Immunity(8)
Surge Immunity(8)
Immunity to conducted disturbances, induced by radio-frequency fields
Power Magnetic Field Immunity
Air ±8kV and Contact ±6kV
10 V/m
±2kV
±2kV
10 Vr.m.s
100A/m continuous; 1000A/m 1s
EN61000-4-2, Criteria A
EN61000-4-3, Criteria A
EN61000-4-4, Criteria A
EN61000-4-5, Criteria A
EN61000-4-6, Criteria A
EN61000-4-8, Criteria A
continued on next page
PD-6
REV.: 0/2016
www.recom-power.com
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP20-FR
Series
Notes:
Note7: The 24VDC & 48VDC input standard modules meet EN55022 & EN55011 Class B without external components,
110VDC input meet EN55022 Class A without external components and meet Class B with external components.
Note8: An external input filter capacitor is required if the module has to meet EN61000-4-4, -5.
The filter Recom suggests: 24VDC and 48VDC input.Nippon chemi-con KY series, 220µF/100V.
110VDC input: Rubycon BXF series, 100µF/250V
Fuse
9
Fuse
9
C5
C1
C2
C4
C3
+VIN
-VIN
C7
C6
L1
C1
100µF
250VDC
+VIN
-VIN
Fuse
9
C1
100µF
250VDC
+VIN
-VIN
Fuse
9
C5
C1
C2
C4
C3
+VIN
-VIN
C7
C6
L1
Fuse
9
Fuse
9
C5
C1
C2
C4
C3
+VIN
-VIN
C7
C6
L1
C1
100µF
250VDC
+VIN
-VIN
Fuse
9
C1
100µF
250VDC
+VIN
-VIN
Fuse
9
C5
C1
C2
C4
C3
+VIN
-VIN
C7
C6
L1
EMC Filtering Class B
EMC Railway Class A


Similar Part No. - RP20-2415DFR

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP20-2415DF RECOM-RP20-2415DF Datasheet
96Kb / 4P
   20 Watt 2inch x 1inch Package Single & Dual Output
RP20-2415DF RECOM-RP20-2415DF Datasheet
86Kb / 4P
   20 Watt 2??x 1??Package Single & Dual Output
RP20-2415DF RECOM-RP20-2415DF Datasheet
489Kb / 8P
   20 Watt Single & Dual Output
RP20-2415DFN RECOM-RP20-2415DFN Datasheet
86Kb / 4P
   20 Watt 2??x 1??Package Single & Dual Output
RP20-2415DFW RECOM-RP20-2415DFW Datasheet
73Kb / 3P
   20 Watt 2??x 1??Single & Dual Output
More results

Similar Description - RP20-2415DFR

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com